Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7B4250-Q1 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TPS7B4250-Q1
Description  TPS7B4250-Q1 Low-Dropout Voltage-Tracking LDO
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS7B4250-Q1 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS7B4250-Q1_15 Datasheet HTML 1Page - Texas Instruments TPS7B4250-Q1_15 Datasheet HTML 2Page - Texas Instruments TPS7B4250-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS7B4250-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS7B4250-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS7B4250-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS7B4250-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS7B4250-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS7B4250-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TPS7B4250-Q1
www.ti.com
SLVSCA0B – OCTOBER 2013 – REVISED JULY 2015
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input voltage, unregulated input, VIN
(2) (3)
–20
45
V
Output voltage, regulated output, VOUT
–1
22
V
Adjust input and enable input voltage, ADJ/EN(2)(3)
–0.3
22
V
ADJ Voltage minus input voltage (ADJ–VIN), VIN > 0 V
7
V
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to ground, GND.
(3)
Absolute maximum voltage.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per AEC Q100-002(1)
±4000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per AEC Q100-011
±1000
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN
Unregulated input
4
40
V
VOUT
regulated output
1.5
18
V
ADJ/EN
Adjust input and enable input voltage
1.5
18
V
ADJ–VIN
ADJ voltage minus input voltage
5
V
COUT
Output capacitor requirements(2)
1
50
µF
ESRCOUT
Output ESR requirements
0.001
20
Ω
TJ
Operating junction temperature
–40
150
°C
(1)
Within the functional range, the IC operates as described in the circuit description. The electrical characteristics are specified within the
conditions given in the related electrical characteristics table.
(2)
The minimum output capacitance requirement is applicable for a worst-case capacitance tolerance of 30%.
6.4 Thermal Information
TPS7B4250-Q1
THERMAL METRIC(1)(2)
DBV (SOT-23)
UNIT
5 PINS
RθJA
Junction-to-ambient thermal resistance
171.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
81.1
°C/W
RθJB
Junction-to-board thermal resistance
31.7
°C/W
ψJT
Junction-to-top characterization parameter
4.5
°C/W
ψJB
Junction-to-board characterization parameter
31.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
The thermal data is based on the JEDEC standard high K profile, JESD 51-7. Two-signal, two-plane, four-layer board with 2-oz. copper.
The copper pad is soldered to the thermal land pattern. Also, correct attachment procedure must be incorporated.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS7B4250-Q1


Numéro de pièce similaire - TPS7B4250-Q1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7B4250-Q1 TI1-TPS7B4250-Q1 Datasheet
316Kb / 17P
[Old version datasheet]   Low-Dropout Voltage-Tracking LDO
More results

Description similaire - TPS7B4250-Q1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7B4250-Q1 TI1-TPS7B4250-Q1 Datasheet
316Kb / 17P
[Old version datasheet]   Low-Dropout Voltage-Tracking LDO
TPS7B4253-Q1 TI1-TPS7B4253-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Dropout Voltage-Tracking LDO With 4-mV Tracking Tolerance
TPS7B4253-Q1 TI-TPS7B4253-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS7B4253-Q1 300-mA 40-V Low-Dropout Voltage-Tracking LDO With 4-mV Tracking Tolerance
logo
Infineon Technologies A...
TLE4253 INFINEON-TLE4253 Datasheet
426Kb / 22P
   Low Dropout Voltage Tracking Regulator
Rev. 1.2, November 2009
TLE4250-2 INFINEON-TLE4250-2 Datasheet
314Kb / 17P
   Low Dropout Voltage Tracking Regulator
Rev. 1.0, July 2007
IFX21401 INFINEON-IFX21401 Datasheet
1Mb / 17P
   Low Dropout Voltage Tracking Regulator
Rev. 1.01, 2009-10-19
logo
ON Semiconductor
NCV4250-2C ONSEMI-NCV4250-2C Datasheet
101Kb / 10P
   Low Dropout Voltage Tracking Regulator
October, 2017 ??Rev. 0
NCV4254C ONSEMI-NCV4254C Datasheet
192Kb / 14P
   Low Dropout Voltage Tracking Regulator
November, 2018 ??Rev. 0
logo
Infineon Technologies A...
TLE4254 INFINEON-TLE4254 Datasheet
473Kb / 21P
   High Accuracy Low Dropout Voltage Tracking Regulator
Rev. 1.2, 2009-11-18
logo
Texas Instruments
TPS7B4255-Q1 TI1-TPS7B4255-Q1_V01 Datasheet
1Mb / 34P
[Old version datasheet]   TPS7B4255-Q1 Automotive, 70-mA, 40-V, Voltage-Tracking LDO With 5-mV Tracking Tolerance
REVISED AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com