Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A8300 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TPS7A8300
Description  TPS7A8300 2-A, 6-關VRMS, RF, LDO Voltage Regulator
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS7A8300 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS7A8300_15 Datasheet HTML 7Page - Texas Instruments TPS7A8300_15 Datasheet HTML 8Page - Texas Instruments TPS7A8300_15 Datasheet HTML 9Page - Texas Instruments TPS7A8300_15 Datasheet HTML 10Page - Texas Instruments TPS7A8300_15 Datasheet HTML 11Page - Texas Instruments TPS7A8300_15 Datasheet HTML 12Page - Texas Instruments TPS7A8300_15 Datasheet HTML 13Page - Texas Instruments TPS7A8300_15 Datasheet HTML 14Page - Texas Instruments TPS7A8300_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
0
2
4
6
8
10
0
1
2
3
4
5
6
7
Bias Voltage (V)
-40°C
0°C
+25°C
+85°C
+125°C
C023
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
Input Voltage (V)
-40°C
0°C
+25°C
+85°C
+125°C
C024
0
1
2
3
4
5
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
Output Current (A)
-40°C
0°C
+25°C
+85°C
+125°C
C021
0
2
4
6
8
10
0
1
2
3
4
5
6
7
Input Voltage (V)
-40°C
0°C
+25°C
+85°C
+125°C
C022
0
1
2
3
4
5
0
1
2
3
4
5
6
7
Bias Voltage (V)
-40°C
0°C
+25°C
+85°C
+125°C
C019
0
1
2
3
4
5
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
Output Current (A)
-40°C
0°C
+25°C
+85°C
+125°C
C020
TPS7A8300
www.ti.com
SBVS197F – MAY 2013 – REVISED OCTOBER 2015
Typical Characteristics (continued)
At TJ = 25°C, {1.1 V ≤ VIN < 1.4 V and 3.0 V ≤ VBIAS ≤ 6.5 V} or {VIN ≥ 1.4 V and VBIAS open}
(1), V
IN ≥ VOUT(TARGET) + 0.3 V,
VOUT(TARGET) = 0.8 V, OUT connected to 50 Ω to GND, VEN = 1.1 V, COUT = 22 μF, CNR/SS = 0 nF, CFF = 10 nF, and PG pin
pulled up to VIN with 100 kΩ, unless otherwise noted.
VOUT(TARGET) = 0.8 V, IOUT = 5 mA, VIN = 1.1 V
VOUT(TARGET) = 0.8 V, VIN = 1.4 V, VBIAS = Open
Figure 19. Minimum ANY-OUT VOUT, Minimum VIN
Figure 20. Minimum ANY-OUT VOUT, Minimum VIN, No BIAS
Quiescent Current vs Output Current
Quiescent Current vs Bias Voltage
VOUT(TARGET) = 0.8 V, VIN = 1.1 V, VBIAS = 3 V
VOUT(TARGET) = 0.8 V, VBIAS = Open
Figure 21. Minimum ANY-OUT VOUT, VIN, and BIAS
Figure 22. Minimum ANY-OUT VOUT, No BIAS
Quiescent Current vs Output Current
Shutdown Current vs Input Voltage
VOUT(TARGET) = 0.8 V, VIN = 1.1 V
VOUT(TARGET) = 0.8 V, VBIAS = Open
Figure 23. Minimum ANY-OUT VOUT, Minimum VIN
Figure 24. Minimum ANY-OUT VOUT, No BIAS
Shutdown Current vs Bias Voltage
Soft-Start Current vs Input Voltage
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS7A8300


Numéro de pièce similaire - TPS7A8300_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A8300ARGRR TI1-TPS7A8300ARGRR Datasheet
2Mb / 46P
[Old version datasheet]   2-A, High-Accuracy (0.75%), Low-Noise (4.4 uVRMS) LDO Regulator
TPS7A8300ARGRR TI1-TPS7A8300ARGRR Datasheet
3Mb / 49P
[Old version datasheet]   2-A, High-Accuracy (0.75%), Low-Noise (4.4 uVRMS) LDO Regulator
TPS7A8300ARGRR TI-TPS7A8300ARGRR Datasheet
5Mb / 60P
[Old version datasheet]   TPS7A83A 2-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS) LDO Regulator
OCTOBER 2021
TPS7A8300ARGRR TI-TPS7A8300ARGRR Datasheet
5Mb / 60P
[Old version datasheet]   TPS7A83A 2-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS) LDO Regulator
OCTOBER 2021
TPS7A8300ARGRT TI1-TPS7A8300ARGRT Datasheet
2Mb / 46P
[Old version datasheet]   2-A, High-Accuracy (0.75%), Low-Noise (4.4 uVRMS) LDO Regulator
More results

Description similaire - TPS7A8300_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A8300 TI-TPS7A8300 Datasheet
1Mb / 33P
[Old version datasheet]   2-A, 6-VRMS, RF, LDO Voltage Regulator
TPS7A4700 TI1-TPS7A4700 Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A47 TI1-TPS7A47 Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A47_15 TI-TPS7A47_15_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS7A470x 36-V, 1-A, 4-關VRMS, RF LDO Voltage Regulator
TPS7A4700 TI1-TPS7A4700_14 Datasheet
1Mb / 31P
[Old version datasheet]   36-V, 1-A, 4-VRMS, RF LDO Voltage Regulator
TPS7A52 TI1-TPS7A52 Datasheet
486Kb / 28P
[Old version datasheet]   TPS7A52 2-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
TPS7A83A TI-TPS7A83A_V01 Datasheet
5Mb / 60P
[Old version datasheet]   TPS7A83A 2-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS) LDO Regulator
OCTOBER 2021
TPS7A83A TI-TPS7A83A Datasheet
5Mb / 60P
[Old version datasheet]   TPS7A83A 2-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS) LDO Regulator
OCTOBER 2021
TPS7A54 TI1-TPS7A54 Datasheet
475Kb / 28P
[Old version datasheet]   TPS7A54 4-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
TPS7A53 TI1-TPS7A53 Datasheet
475Kb / 28P
[Old version datasheet]   TPS7A53 3-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com