Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A8101 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TPS7A8101
Description  TPS7A8101 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS7A8101 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS7A8101_15 Datasheet HTML 2Page - Texas Instruments TPS7A8101_15 Datasheet HTML 3Page - Texas Instruments TPS7A8101_15 Datasheet HTML 4Page - Texas Instruments TPS7A8101_15 Datasheet HTML 5Page - Texas Instruments TPS7A8101_15 Datasheet HTML 6Page - Texas Instruments TPS7A8101_15 Datasheet HTML 7Page - Texas Instruments TPS7A8101_15 Datasheet HTML 8Page - Texas Instruments TPS7A8101_15 Datasheet HTML 9Page - Texas Instruments TPS7A8101_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
500
450
400
350
300
250
200
150
100
50
0
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
6.5
125°C
85°C
25°C
0°C
–40°C
500
450
400
350
300
250
200
150
100
50
0
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
6.5
125°C
85°C
25°C
0°C
–40°C
0.824
0.816
0.818
0.8
0.792
0.784
0.776
2.2
3
3.4
2.6
5.4
4.2
4.6
5
6.2
3.8
Input Voltage (V)
6.6
5.8
125°C
85°C
25°C
0°C
–40°C
0.824
0.816
0.808
0.8
0.792
0.784
0.776
2.2
3
3.4
2.6
5.4
4.2
4.6
5
6.2
3.8
Input Voltage (V)
6.6
5.8
125°C
85°C
25°C
0°C
–40°C
3.399
3.366
3.333
3.3
3.267
3.234
3.201
0
100
200
300
400
500
700
600
800
900
Output Current (mA)
1000
125°C
85°C
25°C
0°C
–40°C
3.399
3.366
3.333
3.3
3.267
3.234
3.201
0
5
10
15
20
Output Current (mA)
25
125°C
85°C
25°C
0°C
–40°C
TPS7A8101
SBVS179B – DECEMBER 2011 – REVISED AUGUST 2015
www.ti.com
6.6 Typical Characteristics
At VOnom = 3.3 V, VI = VOnom + 0.5 V or 2.2 V (whichever is greater), IO = 100 mA, V(EN) = VI, C(IN) = 1 μF, C(OUT) = 4.7 μF, and C(NR) = 0.01
μF; all temperature values refer to TJ, unless otherwise noted.
NOTE: The Y-axis shows 1% VO per division
NOTE: The Y-axis shows 1% VO per division
Figure 1. Load Regulation
Figure 2. Load Regulation Under Light Loads
VO = 0.8 V
IO = 750 mA
VO = 0.8 V
IO = 5 mA
NOTE: The Y-axis shows 1% VO per division
NOTE: The Y-axis shows 1% VO per division
Figure 3. Line Regulation
Figure 4. Line Regulation Under Light Loads
IO = 1 A
IO = 750 mA
Figure 5. Dropout Voltage vs Input Voltage
Figure 6. Dropout Voltage vs Input Voltage
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPS7A8101


Numéro de pièce similaire - TPS7A8101_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A8101-Q1 TI1-TPS7A8101-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A8101-Q1 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A8101-Q1 TI-TPS7A8101-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A8101-Q1 Low-Noise, Wide-Bandwidth, High PSRR,Low-Dropout 1-A Linear Regulator
TPS7A8101-Q1 TI1-TPS7A8101-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A8101-Q1 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A8101DRBR TI1-TPS7A8101DRBR Datasheet
990Kb / 24P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A8101DRBT TI1-TPS7A8101DRBT Datasheet
990Kb / 24P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
More results

Description similaire - TPS7A8101_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A8101-Q1 TI-TPS7A8101-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A8101-Q1 Low-Noise, Wide-Bandwidth, High PSRR,Low-Dropout 1-A Linear Regulator
TPS7A8101-Q1 TI1-TPS7A8101-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A8101-Q1 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A80 TI1-TPS7A80 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A8101 TI1-TPS7A8101 Datasheet
990Kb / 24P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A8001 TI1-TPS7A8001_13 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1A Linear Regulator
TPS7A8001 TI-TPS7A8001_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS7A8001 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1A Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com