Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A7001 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TPS7A7001
Description  TPS7A7001 Very Low Input, Very Low Dropout, 2-Amp Regulator With Enable
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS7A7001 Fiches technique(HTML) 1 Page - Texas Instruments

  TPS7A7001_15 Datasheet HTML 1Page - Texas Instruments TPS7A7001_15 Datasheet HTML 2Page - Texas Instruments TPS7A7001_15 Datasheet HTML 3Page - Texas Instruments TPS7A7001_15 Datasheet HTML 4Page - Texas Instruments TPS7A7001_15 Datasheet HTML 5Page - Texas Instruments TPS7A7001_15 Datasheet HTML 6Page - Texas Instruments TPS7A7001_15 Datasheet HTML 7Page - Texas Instruments TPS7A7001_15 Datasheet HTML 8Page - Texas Instruments TPS7A7001_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
IN
EN
NC
C
IN
C
OUT
Input Voltage
Output Voltage
TPS7A7001
NC
OUT
FB
NC
GND
Enable
V
= 0.5
OUT
1 +
´
R
1
R
2
R
2
R
1
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS7A7001
SBVS134E – JANUARY 2012 – REVISED AUGUST 2015
TPS7A7001 Very Low Input, Very Low Dropout, 2-Amp Regulator With Enable
1 Features
3 Description
The TPS7A7001 is a high-performance, positive-
1
Input Voltage as low as 1.425 V
voltage, low-dropout (LDO) regulator designed for
380 mV Dropout Maximum at 2 A
applications requiring very low input voltage and very
Adjustable Output from 0.5 V
low dropout voltage at up to 2 A. The device operates
with a single input voltage as low as 1.425 V, and
Protections: Current Limit and Thermal Shutdown
with an output voltage programmable to as low as 0.5
Enable Pin
V. The output voltage can be set with an external
1-µA Quiescent Current in Shutdown Mode
resister divider.
Full Industrial Temperature Range
The TPS7A7001 features ultra-low dropout, ideal for
Available in SO-8, Fully RoHS-Compliant Package
applications where VOUT is very close to VIN.
Additionally, the TPS7A7001 has an enable pin for
2 Applications
further reduced power dissipation while in Shutdown
mode. The TPS7A7001 provides excellent regulation
Telecom and Networking Cards
over variations in line, load, and temperature.
Motherboards and Peripheral Cards
The TPS7A7001 is available in an SO-8 PowerPAD™
Industrial
package.
Wireless Infrastructure
Device Information(1)
Set-Top Boxes
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Medical Equipment
TPS7A7001
SO PowerPAD (8)
3.90 mm × 4.89 mm
Notebook Computers
(1) For all available packages, see the orderable addendum at
Battery-Powered Systems
the end of the data sheet.
Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Numéro de pièce similaire - TPS7A7001_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A7001DDA TI1-TPS7A7001DDA Datasheet
709Kb / 17P
[Old version datasheet]   Very Low Input, Very Low Dropout, 2-Amp Regulator With EnableQ
TPS7A7001DDAR TI1-TPS7A7001DDAR Datasheet
709Kb / 17P
[Old version datasheet]   Very Low Input, Very Low Dropout, 2-Amp Regulator With EnableQ
TPS7A7001YYYZ TI1-TPS7A7001YYYZ Datasheet
709Kb / 17P
[Old version datasheet]   Very Low Input, Very Low Dropout, 2-Amp Regulator With EnableQ
More results

Description similaire - TPS7A7001_15

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
SC4215A SEMTECH-SC4215A Datasheet
182Kb / 8P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A_07 Datasheet
224Kb / 9P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215H SEMTECH-SC4215H Datasheet
1Mb / 9P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215 SEMTECH-SC4215_06 Datasheet
213Kb / 9P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A_09 Datasheet
1Mb / 9P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215 SEMTECH-SC4215_09 Datasheet
1,013Kb / 9P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4211 SEMTECH-SC4211 Datasheet
201Kb / 8P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4211 SEMTECH-SC4211_08 Datasheet
228Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4217 SEMTECH-SC4217 Datasheet
355Kb / 11P
   Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4216 SEMTECH-SC4216_09 Datasheet
1Mb / 9P
   Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com