Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A6201-Q1 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TPS7A6201-Q1
Description  300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS7A6201-Q1 Fiches technique(HTML) 1 Page - Texas Instruments

  TPS7A6201-Q1_15 Datasheet HTML 1Page - Texas Instruments TPS7A6201-Q1_15 Datasheet HTML 2Page - Texas Instruments TPS7A6201-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS7A6201-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS7A6201-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS7A6201-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS7A6201-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS7A6201-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS7A6201-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
0.01
0.1
1
10
100 300
0.01
0.1
1
10
V
= 14V
C
= 10 F, 47 F
T = 27°C
V
= 5V, 3.3V
IN
OUT
A
OUT
µ
µ
Stable Operation
Over Entire Region
I
(mA)
OUT
VIN
VOUT
GND
EN
FB
TPS7A6201
CIN
COUT
R1
VIN
VOUT
VEN
R2
TPS7A6201-Q1
www.ti.com
SLVSAA0B – NOVEMBER 2010 – REVISED MARCH 2012
300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-µA QUIESCENT CURRENT
Check for Samples: TPS7A6201-Q1
1
FEATURES
DESCRIPTION
Low Dropout Voltage
The TPS7A6201 is a low dropout linear voltage
300mV at IOUT = 150mA
regulator designed for low power consumption and
4-V to 40-V Wide Input Voltage Range
quiescent current less than 25 µA in light load
With up to 45-V Transients
applications. This device features an integrated over-
current protection, and is designed to achieve stable
300-mA Maximum Output Current
operation
even
with
low-ESR
ceramic
output
Ultra Low Quiescent Current
capacitors. The output voltage can be programmed
IQUIESCENT = 25 µA (Typ) at Light Loads
using external resistors. Low voltage tracking feature
allows for a smaller input capacitor and can possibly
ISLEEP < 2 µA when EN = Low
eliminate the need of using a boost converter during
2.5-V to 7-V Programmable Output Voltage
cold crank conditions. Because of these features, this
Low-ESR Ceramic Output Stability Capacitor
device is well suited in power supplies for various
automotive applications.
Integrated Fault Protection
Short-Circuit/Over-Current Protection
TYPICAL REGULATOR STABILITY
Thermal Shutdown
Low Input Voltage Tracking
Thermally Enhanced Power Package
5-pin TO-263 (KTT /D2PAK)
APPLICATIONS
Qualified for Automotive Applications
Infotainment Systems with Sleep Mode
Body Control Modules
Always ON Battery Applications
Gateway Applications
Remote Keyless Entry Systems
Immobilizers
Figure 1. ESR vs Load Current for TPS7A6201
TYPICAL APPLICATION SCHEMATIC
Figure 2. Application Schematic
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPS7A6201-Q1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A6201-Q1 TI1-TPS7A6201-Q1_14 Datasheet
728Kb / 21P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
More results

Description similaire - TPS7A6201-Q1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A6033-Q1 TI1-TPS7A6033-Q1_14 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6201-Q1 TI1-TPS7A6201-Q1_14 Datasheet
728Kb / 21P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6533-Q1 TI1-TPS7A6533-Q1 Datasheet
813Kb / 18P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6550-Q1 TI-TPS7A6550-Q1_15 Datasheet
989Kb / 18P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6033-Q1 TI1-TPS7A6033-Q1 Datasheet
929Kb / 25P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6201-Q1 TI1-TPS7A6201-Q1 Datasheet
728Kb / 20P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6533-Q1 TI1-TPS7A6533-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, 40-V, Low-Dropout Regulator With 25-UA Quiescent Current
logo
STMicroelectronics
ST732 STMICROELECTRONICS-ST732 Datasheet
721Kb / 21P
   300 mA, 28 V low-dropout voltage regulator, with 5 關A quiescent current
Rev 3 - April 2021
logo
ON Semiconductor
NCP717 ONSEMI-NCP717 Datasheet
549Kb / 16P
   300 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
February, 2015 ??Rev. 7
logo
Texas Instruments
TPS7A6033-Q1 TI1-TPS7A6033-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA, 40-V Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com