Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A4515 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TPS7A4515
Description  TPS7A45xx Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS7A4515 Fiches technique(HTML) 3 Page - Texas Instruments

  TPS7A4515 Datasheet HTML 1Page - Texas Instruments TPS7A4515 Datasheet HTML 2Page - Texas Instruments TPS7A4515 Datasheet HTML 3Page - Texas Instruments TPS7A4515 Datasheet HTML 4Page - Texas Instruments TPS7A4515 Datasheet HTML 5Page - Texas Instruments TPS7A4515 Datasheet HTML 6Page - Texas Instruments TPS7A4515 Datasheet HTML 7Page - Texas Instruments TPS7A4515 Datasheet HTML 8Page - Texas Instruments TPS7A4515 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
1
3
2
GND
IN
SHDN
SENSE/ADJ
OUT
5
4
KTT PACKAGE
(TOP VIEW)
DCQ PACKAGE
(TOP VIEW)
1
3
2
GND
IN
SHDN
SENSE/ADJ
OUT
5
4
6
TPS7A4501, TPS7A4515, TPS7A4518, TPS7A4525, TPS7A4533
www.ti.com
SLVS720E – JUNE 2008 – REVISED AUGUST 2014
5 Device Comparison Table
DEVICE
OUTPUT VOLTAGE
PIN 5
TPS7A4501
Adjustable
ADJ
TPS7A4515
1.5V
SENSE
TPS7A4518
1.8V
SENSE
TPS7A4525
2.5V
SENSE
TPS7A4533
3.3V
SENSE
6 Pin Configuration and Functions
Pin Functions
PIN
DESCRIPTION
NO.
NAME
Shutdown. SHDN is used to put the TPS7A45xx regulators into a low-power shutdown state. The output is off
when SHDN is pulled low. SHDNcan be driven by 5-V logic, 3-V logic or open-collector logic with a pullup
1
SHDN
resistor. The pullup resistor is required to supply the pullup current of the open-collector gate, normally several
microamperes, and SHDN current, typically 3
μA. If unused, SHDN must be connected to VIN. The device is in
the low-power shutdown state if SHDN is not connected.
Input. Power is supplied to the device through IN. A bypass capacitor is required on this pin if the device is more
than six inches away from the main input filter capacitor. In general, the output impedance of a battery rises with
frequency, so it is advisable to include a bypass capacitor in battery-powered circuits. A bypass capacitor
(ceramic) in the range of 1
μF to 10 μF is sufficient. The TPS7A45xx regulators are designed to withstand
2
IN
reverse voltages on IN with respect to ground and on OUT. In the case of a reverse input, which can happen if a
battery is plugged in backwards, the device acts as if there is a diode in series with its input. There is no reverse
current flow into the regulator, and no reverse voltage appears at the load. The device protects both itself and
the load.
Ground.
3
GND
For the KTT package, the exposed thermal pad is connected to GND and must be soldered to the PCB for rated
thermal performance.
Output. The output supplies power to the load. A minimum output capacitor (ceramic) of 10
μF is required to
4
OUT
prevent oscillations. Larger output capacitors are required for applications with large transient loads to limit peak
voltage transients.
Adjust. For the adjustable version only (TPS7A4501), this is the input to the error amplifier. ADJ is internally
5
ADJ
clamped to ±7 V. It has a bias current of 3
μA that flows into the pin. ADJ voltage is 1.21 V referenced to ground,
and the output voltage range is 1.21 V to 20 V.
Sense. For fixed-voltage versions (TPS7A4515, TPS7A4518, TPS7A4525, and TPS7A4533), SENSE is the
input to the error amplifier. Optimum regulation is obtained at the point where SENSE is connected to the OUT
pin of the regulator. In critical applications, small voltage drops are caused by the resistance (RP) of PCB traces
between the regulator and the load. These may be eliminated by connecting SENSE to the output at the load as
5
SENSE
shown in Figure 32. Note that the voltage drop across the external PCB traces adds to the dropout voltage of the
regulator. SENSE bias current is 600
μA at the rated output voltage. SENSE can be pulled below ground (as in a
dual supply system in which the regulator load is returned to a negative supply) and still allow the device to start
and operate.
6
GND
Ground. DCQ package only.
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS7A4501 TPS7A4515 TPS7A4518 TPS7A4525 TPS7A4533


Numéro de pièce similaire - TPS7A4515

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A4515 TI-TPS7A4515 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A4515 TI1-TPS7A4515 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS7A4515DCQR TI-TPS7A4515DCQR Datasheet
818Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A4515DCQR TI1-TPS7A4515DCQR Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5A Low-Dropout Voltage Regulators
TPS7A4515DCQR TI1-TPS7A4515DCQR Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
More results

Description similaire - TPS7A4515

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS75301-EP TI1-TPS75301-EP Datasheet
882Kb / 33P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101QPWPRQ1 TI1-TPS75101QPWPRQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101Q TI-TPS75101Q Datasheet
764Kb / 35P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75301-Q1 TI1-TPS75301-Q1 Datasheet
557Kb / 31P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101-Q1 TI1-TPS75101-Q1 Datasheet
448Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS7A4515 TI-TPS7A4515 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX_0808 TI-TPS7A45XX_0808 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX Datasheet
423Kb / 19P
[Old version datasheet]   LOW-NOISE, FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX_09 Datasheet
818Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com