Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA1832TS Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce TEA1832TS
Description  GreenChip SMPS control IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1832TS Fiches technique(HTML) 4 Page - NXP Semiconductors

  TEA1832TS Datasheet HTML 1Page - NXP Semiconductors TEA1832TS Datasheet HTML 2Page - NXP Semiconductors TEA1832TS Datasheet HTML 3Page - NXP Semiconductors TEA1832TS Datasheet HTML 4Page - NXP Semiconductors TEA1832TS Datasheet HTML 5Page - NXP Semiconductors TEA1832TS Datasheet HTML 6Page - NXP Semiconductors TEA1832TS Datasheet HTML 7Page - NXP Semiconductors TEA1832TS Datasheet HTML 8Page - NXP Semiconductors TEA1832TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TEA1832TS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 16 December 2014
4 of 23
NXP Semiconductors
TEA1832TS
GreenChip SMPS control IC
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
TEA1832TS pin configuration
Table 2.
Pin description
Symbol
Pin
Description
VCC
1
supply voltage
GND
2
ground
PROTECT
3
protection and mains detect input
CTRL
4
control input
ISENSE
5
current sense and accurate OVP input
DRIVER
6
gate driver output


Numéro de pièce similaire - TEA1832TS

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1832LTS PHILIPS-TEA1832LTS Datasheet
241Kb / 23P
   GreenChip SMPS control IC
Rev. 1-15 December 2014
More results

Description similaire - TEA1832TS

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com