Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC651DDVUA Fiches technique(PDF) 9 Page - Microchip Technology

No de pièce TC651DDVUA
Description  Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC651DDVUA Fiches technique(HTML) 9 Page - Microchip Technology

Back Button TC651DDVUA Datasheet HTML 5Page - Microchip Technology TC651DDVUA Datasheet HTML 6Page - Microchip Technology TC651DDVUA Datasheet HTML 7Page - Microchip Technology TC651DDVUA Datasheet HTML 8Page - Microchip Technology TC651DDVUA Datasheet HTML 9Page - Microchip Technology TC651DDVUA Datasheet HTML 10Page - Microchip Technology TC651DDVUA Datasheet HTML 11Page - Microchip Technology TC651DDVUA Datasheet HTML 12Page - Microchip Technology TC651DDVUA Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
© 2002 Microchip Technology Inc.
DS21450B-page 9
TC650/TC651
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Package marking data not available at this time.
6.2
Taping Form
Component Taping Orientation for 8-Pin MSOP Devices
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
8-Pin MSOP
12 mm
8 mm
2500
13 in
Carrier Tape, Number of Components Per Reel and Reel Size
PIN 1
User Direction of Feed
Standard Reel Component Orientation
for TR Suffix Device
W
P
Component Taping Orientation for 8-Pin SOIC (Narrow) Devices
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
8-Pin SOIC (N)
12 mm
8 mm
2500
13 in
Carrier Tape, Number of Components Per Reel and Reel Size
Standard Reel Component Orientation
for TR Suffix Device
PIN 1
User Direction of Feed
P
W


Numéro de pièce similaire - TC651DDVUA

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TC651 STMICROELECTRONICS-TC651 Datasheet
210Kb / 16P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
logo
Microchip Technology
TC651 MICROCHIP-TC651 Datasheet
262Kb / 18P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
11/29/12
TC651 MICROCHIP-TC651 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC651 MICROCHIP-TC651 Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
logo
STMicroelectronics
TC651ACUA STMICROELECTRONICS-TC651ACUA Datasheet
210Kb / 16P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
More results

Description similaire - TC651DDVUA

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC650 MICROCHIP-TC650_13 Datasheet
262Kb / 18P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
11/29/12
logo
STMicroelectronics
TC650 STMICROELECTRONICS-TC650_04 Datasheet
210Kb / 16P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
logo
Microchip Technology
TC652 MICROCHIP-TC652 Datasheet
443Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense?줔etect & Over-Temperature
2002
TC652 MICROCHIP-TC652_13 Datasheet
215Kb / 16P
   Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense??Detect & Over-Temperature
11/29/12
TC652AGVUA MICROCHIP-TC652AGVUA Datasheet
450Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan Controller
04/20/02
TC652AEVUATR MICROCHIP-TC652AEVUATR Datasheet
431Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan
04/20/02
TC648 MICROCHIP-TC648 Datasheet
602Kb / 28P
   Fan Speed Controller with Auto-Shutdown and Over-Temperature Alert
2002
TC648 MICROCHIP-TC648_13 Datasheet
364Kb / 28P
   Fan Speed Controller with Auto-Shutdown and Over-Temperature Alert
11/29/12
logo
Linear Technology
LTC2996 LINER-LTC2996_15 Datasheet
236Kb / 16P
   Temperature Sensor with Alert Outputs
logo
List of Unclassifed Man...
ASC7512 ETC2-ASC7512 Datasheet
343Kb / 35P
   DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com