Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM8707E Fiches technique(PDF) 1 Page - Nippon Precision Circuits Inc

No de pièce SM8707E
Description  Clock Generator with Dual PLLs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NPC [Nippon Precision Circuits Inc]
Site Internet  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8707E Fiches technique(HTML) 1 Page - Nippon Precision Circuits Inc

  SM8707E Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8707E Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8707E Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8707E Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8707E Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8707E Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8707E Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8707E Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8707E Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SM8707E/F
Clock Generator with Dual PLLs
SEIKO NPC CORPORATION - 1
OVERVIEW
The 8707E/F are dual-PLL clock generator ICs, using a 27MHz master clock, that generate independent audio clock,
video clock, and signal processor clock outputs needed in DVD player/recorder applications. Each PLL loop filter and
crystal oscillator circuit are built-in and require no external components, resulting in high-precision clocks. The lineup
includes devices that support both 44.1/48kHz audio sampling frequencies (fs), switchable using a control pin. The
sampling frequency can be switched during operation without generating any output spike noise.
FEATURES
■ Supply voltage: 3.0 to 3.6V
■ PLL loop filter built-in
■ Low current consumption: 35mA typ.
■ Crystal oscillator circuit built-in
(VDD=3.3V, all outputs with no load)
■ Sampling frequency fs: 44.1/48kHz
■ 27MHz master clock
■ 16-pin VSOP package (Pb free)
(internal PLL reference clock)
■ Generated clocks
SM8707E
SM8707F
Video system output
27.0000MHz
27.0000MHz
Audio system output
512fs
768fs
Signal processor
system output
33.8688MHz
16.9344MHz
33.8688MHz
■ Low jitter output (1-sigma output load capacitance typical values)
SM8707E
SM8707F
Video system output
20ps
20ps
Audio and Signal
processor
system output
55ps
40ps
APPLICATIONS
PACKAGE DIMENSIONS
■ DVD players/recorders
(Unit : mm)
■ DVD car navigation system
Weight: 0.07g
ORDERING INFOMATION
Device
Package
SM8707EV
SM8707FV
16pin VSOP


Numéro de pièce similaire - SM8707E

FabricantNo de pièceFiches techniqueDescription
logo
Nippon Precision Circui...
SM8707EV NPC-SM8707EV Datasheet
133Kb / 20P
   Clock Generator with Dual PLLs
More results

Description similaire - SM8707E

FabricantNo de pièceFiches techniqueDescription
logo
Nippon Precision Circui...
SM8707 NPC-SM8707 Datasheet
133Kb / 20P
   Clock Generator with Dual PLLs
logo
Analog Devices
AD9577 AD-AD9577 Datasheet
672Kb / 44P
   Clock Generator with Dual PLLs
REV. 0
AD9577 AD-AD9577_16 Datasheet
746Kb / 44P
   Clock Generator with Dual PLLs, Spread Spectrum, and Margining
logo
Texas Instruments
CDC5806 TI1-CDC5806_15 Datasheet
340Kb / 13P
[Old version datasheet]   THREE PLLs BASED CLOCK GENERATOR
logo
Integrated Circuit Syst...
MK2049-02 ICST-MK2049-02 Datasheet
148Kb / 12P
   Communications Clock PLLs
logo
Maxim Integrated Produc...
MAX9471 MAXIM-MAX9471 Datasheet
3Mb / 13P
   Multiple-Output Clock Generators with Dual PLLs and OTP
Rev 1; 8/06
logo
Texas Instruments
LMK04208 TI1-LMK04208 Datasheet
1Mb / 138P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
CDC5806 TI-CDC5806 Datasheet
112Kb / 8P
[Old version datasheet]   THREE PLLs BASED CLOCK GENERATOR FOR DIGITAL TV APPLICATIONS
LMK04100EVAL TI1-LMK04100EVAL_14 Datasheet
1Mb / 47P
[Old version datasheet]   Precision Clock Conditioner with Dual PLLs and Integrated VCO
logo
National Semiconductor ...
LMK04800 NSC-LMK04800_14 Datasheet
3Mb / 79P
   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com