Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM3321A Fiches technique(PDF) 5 Page - Nippon Precision Circuits Inc

No de pièce SM3321A
Description  High-sensitivity preamplifier for visible to infrared detection using a single IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NPC [Nippon Precision Circuits Inc]
Site Internet  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM3321A Fiches technique(HTML) 5 Page - Nippon Precision Circuits Inc

  SM3321A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM3321A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM3321A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM3321A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM3321A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM3321A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM3321A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM3321A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM3321A Datasheet HTML 9Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SM3321A
SEIKO NPC CORPORATION - 5
Analog Electrical Characteristics
Reference circuit with recommended operating conditions, unless otherwise specified
Parameter
Symbol
Conditions
Rating
Unit
MIN
TYP
MAX
Pre-amplifier transimpedance
Rti
GS2=0V input
0.4
0.5
0.6
MΩ
GS2=VDD input
2.4
3
3.6
MΩ
Post-amplifier gain differential
Gdiff
Gain differential relative to
GS[2:0] gain settings
-1
1
dB
Dark voltage
VOD1
VDD=5.0V, Ta=25°C
20
mV
VOD2
VDD=5.0V, Ta=85°C
50
mV
AC Characteristics
Reference circuit with recommended operating conditions, unless otherwise specified
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
Settling time1
tst1
80pF OUT output load, Time for output
to reach 95% amplitude*1
GS2=0V
(Transimpedance:
2MΩ,3.2 MΩ,5 MΩ,8 MΩ)
5
10
μs
Settling time2
tst2
80pF OUT output load, Time for output
to reach 95% amplitude*1
GS2= VDD
(Transimpedance:
12MΩ,19.2 MΩ,30 MΩ,48 MΩ)
18
30
μs
Output voltage stabilization time*2
tw
≤ 5% output variation*1
1000
μs
Output disable time*3
tz
OUT
0.1
μs
Interface wait time
tsi
10
μs
Input capacitance*4
CI
OEN, GS0, GS1, GS2
3
pF
Output capacitance*4
CO
OUT
3.5
pF
*1. OUT output presumed to reach reference value 100μs after output enable.
*2.An output voltage error may occur if the output hold time does not satisfy rated value.
*3. Design value, provided as a guide for the output control time.
*4. Design value, representing the capacitance per terminal. Provided as a guide for when designing circuit boards.
AC characteristics
OEN
OUT
t
st1, tst2
95%
100%
100±5%
100μs
t
Z
t
W
t
si
0.5V
DD
0.5V
DD
0.5V
DD


Numéro de pièce similaire - SM3321A

FabricantNo de pièceFiches techniqueDescription
logo
Sinopower Semiconductor...
SM3321NSQA SINOPWER-SM3321NSQA Datasheet
253Kb / 11P
   N-Channel Enhancement Mode MOSFET
SM3321NSQAC-TRG SINOPWER-SM3321NSQAC-TRG Datasheet
253Kb / 11P
   N-Channel Enhancement Mode MOSFET
More results

Description similaire - SM3321A

FabricantNo de pièceFiches techniqueDescription
logo
Nippon Precision Circui...
SM3320A NPC-SM3320A Datasheet
483Kb / 15P
   High-sensitivity preamplifier for ultraviolet to infrared detection using a single IC
logo
Micronas
TBA2800 MICRONAS-TBA2800 Datasheet
138Kb / 4P
   Infrared Preamplifier IC
logo
STMicroelectronics
STHS34PF80 STMICROELECTRONICS-STHS34PF80 Datasheet
1Mb / 13P
   Low-power, high-sensitivity infrared sensor for presence and motion detection
December 2021 Rev 1
logo
Hamamatsu Corporation
S9703 HAMAMATSU-S9703 Datasheet
102Kb / 2P
   Photo IC for laser beam synchronous detection High sensitivity, high-speed response
logo
NEC
UPC2807 NEC-UPC2807 Datasheet
46Kb / 8P
   PREAMPLIFIER FOR INFRARED REMOTE CONTROLLER
UPC2800A NEC-UPC2800A Datasheet
84Kb / 12P
   PREAMPLIFIER FOR INFRARED REMOTE CONTROL
logo
Samsung semiconductor
KA2225 SAMSUNG-KA2225 Datasheet
125Kb / 3P
   DUAL PREAMPLIFIER FOR 3V USING
logo
Hamamatsu Corporation
S2551 HAMAMATSU-S2551 Datasheet
84Kb / 2P
   Si photodiode For visible to infrared precision photometry
logo
STMicroelectronics
TDA2320 STMICROELECTRONICS-TDA2320 Datasheet
52Kb / 5P
   PREAMPLIFIER FOR INFRARED REMOTE CONTROL SYSTEMS
logo
Hamamatsu Corporation
S1227 HAMAMATSU-S1227 Datasheet
147Kb / 4P
   Si photodiode For UV to visible, precision photometry; suppressed IR sensitivity
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com