Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM27402 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM27402
Description  LM27402 High-Performance Synchronous Buck Controller With DCR Current Sensing
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM27402 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button LM27402 Datasheet HTML 4Page - Texas Instruments LM27402 Datasheet HTML 5Page - Texas Instruments LM27402 Datasheet HTML 6Page - Texas Instruments LM27402 Datasheet HTML 7Page - Texas Instruments LM27402 Datasheet HTML 8Page - Texas Instruments LM27402 Datasheet HTML 9Page - Texas Instruments LM27402 Datasheet HTML 10Page - Texas Instruments LM27402 Datasheet HTML 11Page - Texas Instruments LM27402 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
LM27402
SNVS615J – JANUARY 2010 – REVISED JULY 2015
www.ti.com
6.8 Typical Performance Characteristics
Unless otherwise stated, all data sheet curves were recorded using Example Circuit 1. VIN = 12 V.
Figure 2. Efficiency (Vout = 5 V, Example Circuit 2)
Figure 1. Efficiency (Vout = 1.5 V)
Figure 3. Efficiency (Vout = 3.3 V, Example Circuit 2)
Figure 4. Load Regulation (Vout = 1.5 V)
Figure 5. Line Regulation (Vout = 1.5 V)
Figure 6. VDD Voltage vs Temperature (IVDD = 25 mA)
8
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LM27402


Numéro de pièce similaire - LM27402

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM27402 NSC-LM27402 Datasheet
670Kb / 32P
   High Performance Synchronous Buck Controller with DCR Current Sensing
LM27402 NSC-LM27402 Datasheet
167Kb / 4P
   Current Limit Application Circuits Application Circuits
LM27402MH NSC-LM27402MH Datasheet
670Kb / 32P
   High Performance Synchronous Buck Controller with DCR Current Sensing
LM27402MHX NSC-LM27402MHX Datasheet
670Kb / 32P
   High Performance Synchronous Buck Controller with DCR Current Sensing
LM27402SQ NSC-LM27402SQ Datasheet
670Kb / 32P
   High Performance Synchronous Buck Controller with DCR Current Sensing
More results

Description similaire - LM27402

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM27402 NSC-LM27402 Datasheet
670Kb / 32P
   High Performance Synchronous Buck Controller with DCR Current Sensing
logo
Linear Technology
LTC3866 LINER-LTC3866 Datasheet
465Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
LTC3866 LINER-LTC3866_15 Datasheet
527Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
logo
Analog Devices
LTC7878 AD-LTC7878 Datasheet
1Mb / 28P
   70V Parallelable 4-Switch Buck-Boost Controller with Inductor DCR Current Sensing
Rev. 0
logo
Linear Technology
LTC3774 LINER-LTC3774_15 Datasheet
408Kb / 38P
   Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
LTC3774 LINER-LTC3774 Datasheet
421Kb / 38P
   Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
logo
Micro Linear Corporatio...
ML4902 MICRO-LINEAR-ML4902 Datasheet
191Kb / 12P
   High Current Synchronous Buck Controller
logo
Semtech Corporation
SC4510 SEMTECH-SC4510 Datasheet
733Kb / 16P
   High Performance Synchronous Buck Controller With Reference Tracking
logo
Micro Linear Corporatio...
ML4900 MICRO-LINEAR-ML4900 Datasheet
232Kb / 8P
   High Current Synchronous Buck Controller
ML4903 MICRO-LINEAR-ML4903 Datasheet
162Kb / 12P
   High Current Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com