Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM25118-Q1 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM25118-Q1
Description  LM25118, LM25118-Q1 Wide Voltage Range Buck-Boost Controller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM25118-Q1 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button LM25118-Q1 Datasheet HTML 4Page - Texas Instruments LM25118-Q1 Datasheet HTML 5Page - Texas Instruments LM25118-Q1 Datasheet HTML 6Page - Texas Instruments LM25118-Q1 Datasheet HTML 7Page - Texas Instruments LM25118-Q1 Datasheet HTML 8Page - Texas Instruments LM25118-Q1 Datasheet HTML 9Page - Texas Instruments LM25118-Q1 Datasheet HTML 10Page - Texas Instruments LM25118-Q1 Datasheet HTML 11Page - Texas Instruments LM25118-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
LM25118, LM25118-Q1
SNVS726D – JULY 2011 – REVISED AUGUST 2014
www.ti.com
Electrical Characteristics
(1) (continued)
Unless otherwise specified, the following conditions apply: VIN = 24 V, VCCX = 0 V, EN = 5 V, RT = 29.11 k
Ω, no load on LO
and HO.
(1)
–40°C to +125°C
TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
SOFT-START
SS Current Source
SS = 0 V
7.5
13.5
10.5
µA
SS to FB Offset
FB = 1.23 V
150
mV
SS Output Low Voltage
Sinking 100 µA, UVLO = 0 V
7
mV
ERROR AMPLIFIER
Measured at FB pin,
VREF
FB Reference Voltage
1.212
1.248
1.230
V
FB = COMP
FB Input Bias Current
FB = 2 V
200
20
nA
COMP Sink/Source Current
3
mA
AOL
DC Gain
80
dB
fBW
Unity Bain Bandwidth
3
MHz
PWM COMPARATORS
tHO(OFF)
Forced HO Off-time
305
495
400
ns
TON(MIN)
Minimum HO On-time
70
ns
COMP to Comparator Offset
200
mV
OSCILLATOR (RT PIN)
fSW1
Frequency 1
RT = 29.11 k
178
224
200
kHz
fSW2
Frequency 2
RT = 9.525 k
450
575
515
kHz
SYNC
Sync threshold falling
1.3
V
CURRENT LIMIT
Cycle-by-cycle Sense Voltage
VCS(TH)
RAMP = 0 Buck Mode
-103
-147
–125
mV
Threshold (CS-CSG)
Cycle-by-cycle Sense Voltage
VCS(THX)
RAMP = 0 Buck-Boost Mode
-218
-300
–255
mV
Threshold (CS-CSG)
CS Bias Current
CS = 0 V
60
45
µA
CSG Bias Current
CSG = 0 V
60
45
µA
Current Limit Fault Timer
256
cycles
RAMP GENERATOR
IR2
RAMP Current 2
VIN = 12 V, VOUT = 12 V
95
135
115
µA
IR3
RAMP Current 3
VIN = 5 V, VOUT = 12 V
65
95
80
µA
VOUT Bias Current
VOUT = 42 V
245
µA
LOW SIDE (LO) GATE DRIVER
VOLL
LO Low-state Output Voltage
ILO = 100 mA
0.095
0.23
0.14
V
ILO = –100 mA
VOHL
LO High-state Output Voltage
0.25
V
VOHL = VCC-VLO
LO Rise Time
C-load = 1 nF, VCC = 8 V
16
ns
LO Fall Time
C-load = 1 nF, VCC = 8 V
14
ns
IOHL
Peak LO Source Current
VLO = 0 V, VCC = 8 V
2.2
A
IOLL
Peak LO Sink Current
VLO = VCC = 8 V
2.7
A
8
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: LM25118 LM25118-Q1


Numéro de pièce similaire - LM25118-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM25118 TI1-LM25118 Datasheet
453Kb / 28P
[Old version datasheet]   LM25118/LM25118Q Wide Voltage Range Buck-Boost Controller
LM25118MH TI1-LM25118MH Datasheet
453Kb / 28P
[Old version datasheet]   LM25118/LM25118Q Wide Voltage Range Buck-Boost Controller
LM25118MHX TI1-LM25118MHX Datasheet
453Kb / 28P
[Old version datasheet]   LM25118/LM25118Q Wide Voltage Range Buck-Boost Controller
LM25118Q1MH TI1-LM25118Q1MH Datasheet
453Kb / 28P
[Old version datasheet]   LM25118/LM25118Q Wide Voltage Range Buck-Boost Controller
LM25118Q1MHX TI1-LM25118Q1MHX Datasheet
453Kb / 28P
[Old version datasheet]   LM25118/LM25118Q Wide Voltage Range Buck-Boost Controller
More results

Description similaire - LM25118-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM25118 TI1-LM25118 Datasheet
453Kb / 28P
[Old version datasheet]   LM25118/LM25118Q Wide Voltage Range Buck-Boost Controller
LM5118 TI-LM5118_15 Datasheet
1Mb / 44P
[Old version datasheet]   Wide Voltage Range Buck-Boost Controller
logo
National Semiconductor ...
LM5118_0805 NSC-LM5118_0805 Datasheet
499Kb / 26P
   Wide Voltage Range Buck-Boost Controller
logo
Texas Instruments
LM5118Q1MH TI-LM5118Q1MH Datasheet
1Mb / 37P
[Old version datasheet]   Wide Voltage Range Buck-Boost Controller
LM5118 TI1-LM5118_14 Datasheet
1Mb / 37P
[Old version datasheet]   Wide Voltage Range Buck-Boost Controller
logo
National Semiconductor ...
LM5118 NSC-LM5118 Datasheet
499Kb / 26P
   Wide Voltage Range Buck-Boost Controller
logo
Texas Instruments
LM5118Q1MHX-NOPB TI1-LM5118Q1MHX-NOPB Datasheet
1Mb / 37P
[Old version datasheet]   Wide Voltage Range Buck-Boost Controller
LM5141-Q1 TI-LM5141-Q1_V01 Datasheet
2Mb / 49P
[Old version datasheet]   LM5141-Q1 Wide Input Range Synchronous Buck Controller
LM5088QMH-1 TI-LM5088QMH-1 Datasheet
1Mb / 36P
[Old version datasheet]   LM5088, LM5088-Q1 Wide Input Range Non-Synchronous Buck Controller
LM25088 TI-LM25088_15 Datasheet
1Mb / 39P
[Old version datasheet]   LM25088, LM25088-Q1 Wide Input Range Non-Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com