Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3017 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce LM3017
Description  High Efficiency Low-Side Controller with True Shutdown
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM3017 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button LM3017_15 Datasheet HTML 2Page - Texas Instruments LM3017_15 Datasheet HTML 3Page - Texas Instruments LM3017_15 Datasheet HTML 4Page - Texas Instruments LM3017_15 Datasheet HTML 5Page - Texas Instruments LM3017_15 Datasheet HTML 6Page - Texas Instruments LM3017_15 Datasheet HTML 7Page - Texas Instruments LM3017_15 Datasheet HTML 8Page - Texas Instruments LM3017_15 Datasheet HTML 9Page - Texas Instruments LM3017_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
-60 -40 -20
0
20
40
60
80 100
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TEMPERATURE (°C)
TLIM1
TLIM2
4
5
6
7
8
9
10 11 12 13 14
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
INPUT VOLTAGE (V)
-40°C
27°C
90°C
4
6
8
10
12
14
16
18
3.0
3.2
3.4
3.6
3.8
4.0
INPUT VOLTAGE (V)
-40°C
27°C
90°C
-60 -40 -20
0
20
40
60
80 100
110
115
120
125
130
135
140
145
TEMPERATURE (°C)
-60 -40 -20
0
20
40
60
80 100
550
560
570
580
590
600
610
620
630
640
650
TEMPERATURE (°C)
8V
12V
4
6
8
10
12
14
16
18
0.8
1.0
1.2
1.4
1.6
INPUT VOLTAGE (v)
-40°C
27°C
90°C
LM3017
SNOSC66C – MARCH 2012 – REVISED MARCH 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified, VIN = 12V, TJ = 25°C, circuit of Figure 29
Switching Frequency vs Temperature
Supply current in Pass-through Mode (IG-pass)
Figure 1.
Figure 2.
Supply Current in Boost Mode (IQ-boost)
Minimum On-Time vs Temperature
Figure 3.
Figure 4.
Current Limit Timing vs Temperature
Pass FET Drive Voltage vs Input Voltage (VGS-on)
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links :LM3017


Numéro de pièce similaire - LM3017_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3017 TI-LM3017_13 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
LM3017 TI1-LM3017_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
More results

Description similaire - LM3017_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3017 TI1-LM3017_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
LM3017 TI1-LM3017 Datasheet
362Kb / 13P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
LM3017 TI-LM3017_13 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
logo
Maxim Integrated Produc...
MAX8570 MAXIM-MAX8570 Datasheet
287Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 2; 8/09
MAX8570-MAX8575 MAXIM-MAX8570-MAX8575 Datasheet
654Kb / 10P
   High-Efficiency LCD Boost with True Shutdown
Rev 1; 10/04
MAX8570 MAXIM-MAX8570_10 Datasheet
252Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 3; 3/10
MAX8743 MAXIM-MAX8743 Datasheet
864Kb / 27P
   Dual, High-Efficiency, Step-Down Controller with High Impedance in Shutdown
Rev 0; 6/04
logo
SMSC Corporation
EMC2105 SMSC-EMC2105 Datasheet
1Mb / 90P
   RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
EMC2105 SMSC-EMC2105_09 Datasheet
1Mb / 89P
   RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
logo
National Semiconductor ...
LM3488 NSC-LM3488_05 Datasheet
1,001Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com