Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM5954 Fiches technique(PDF) 4 Page - SyncMOS Technologies,Inc

No de pièce SM5954
Description  256 bytes SRAM as standard 8052
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYNCMOS [SyncMOS Technologies,Inc]
Site Internet  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM5954 Fiches technique(HTML) 4 Page - SyncMOS Technologies,Inc

  SM5954 Datasheet HTML 1Page - SyncMOS Technologies,Inc SM5954 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM5954 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM5954 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM5954 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM5954 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM5954 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM5954 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM5954 Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
SM5954
8-Bit Micro-controller
16KB with 4KB ISP Flash
& 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M093
Ver C SM5954 04/17/2014
- 4 -
Pin Configuration
40 Pin PDIP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
T2/P1.0
T2EX/P1.1
PWM0/P1.2
VDD
PWM1/P1.3
P1.4
P1.5
SCL/P1.6
SDA/P1.7
RESET
RXD/P3.0
TXD/P3.1
INT0/P3.2
INT1/P3.3
T0/P3.4
T1/P3.5
WR/P3.6
RD/P3.7
XTAL2
XTAL1
VSS
P0.0/AD0
P0.1/AD1
P0.2/AD2
P0.3/AD3
P0.4/AD4
P0.5/AD5
P0.6/AD6
P0.7/AD7
EA
ALE
PSEN
P2.7/A15
P2.6/A14
P2.5/A13
P2.4/A12
P2.3/A11
P2.2/A10
P2.1/A9
P2.0/A8


Numéro de pièce similaire - SM5954

FabricantNo de pièceFiches techniqueDescription
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
   Asynchronous Sample Rate Converter
SM5950BM NPC-SM5950BM Datasheet
374Kb / 22P
   Asynchronous Sample Rate Converter
SM5951A NPC-SM5951A Datasheet
183Kb / 24P
   8-channel DSD Editing System Signal Processor LSI
SM5951AF NPC-SM5951AF Datasheet
183Kb / 24P
   8-channel DSD Editing System Signal Processor LSI
logo
SyncMOS Technologies,In...
SM5952E SYNCMOS-SM5952E Datasheet
799Kb / 53P
   256 bytes SRAM as standard 8052
More results

Description similaire - SM5954

FabricantNo de pièceFiches techniqueDescription
logo
SyncMOS Technologies,In...
SM8958B SYNCMOS-SM8958B Datasheet
792Kb / 49P
   256 bytes SRAM as standard 8052
SM5952E SYNCMOS-SM5952E Datasheet
799Kb / 53P
   256 bytes SRAM as standard 8052
logo
ATMEL Corporation
TSC83251G2D ATMEL-TSC83251G2D_14 Datasheet
1Mb / 77P
   Registers Accessible as Bytes, Words or Dwords
AT87251G2D ATMEL-AT87251G2D_14 Datasheet
1Mb / 77P
   Registers Accessible as Bytes, Words or Dwords
TSC80251G2D ATMEL-TSC80251G2D_14 Datasheet
1Mb / 77P
   Registers Accessible as Bytes, Words or Dwords
logo
Samtec, Inc
ASP-135029-01 SAMTEC-ASP-135029-01 Datasheet
421Kb / 2P
   STANDARD PART SETUP AS ASP NOT AVAILABLE AS STANDARD.
logo
STMicroelectronics
M48T39Y STMICROELECTRONICS-M48T39Y Datasheet
30Kb / 4P
   256 Kb 32K x8 TIMEKEEPER SRAM
logo
Hitachi Semiconductor
HM6207H HITACHI-HM6207H Datasheet
114Kb / 11P
   256 k High Speed SRAM (256-kword x 1-bit)
logo
List of Unclassifed Man...
M0518 ETC2-M0518 Datasheet
1Mb / 72P
   36/68 Kbytes flash, 8K bytes SRAM
logo
STMicroelectronics
M48T35AY STMICROELECTRONICS-M48T35AY Datasheet
148Kb / 19P
   256 Kbit 32Kb x8 TIMEKEEPER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com