Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM39R16A2 Fiches technique(PDF) 9 Page - SyncMOS Technologies,Inc

No de pièce SM39R16A2
Description  Dual 16-bit Data Pointers
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYNCMOS [SyncMOS Technologies,Inc]
Site Internet  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM39R16A2 Fiches technique(HTML) 9 Page - SyncMOS Technologies,Inc

Back Button SM39R16A2 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM39R16A2 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM39R16A2 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM39R16A2 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM39R16A2 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM39R16A2 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM39R16A2 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM39R16A2 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM39R16A2 Datasheet HTML 13Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
SM39R16A2/SM39R12A2/SM39R08A2
8-Bit Micro-controller
16KB/12KB/8KB with ISP Flash
& 256B RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M057
Ver.H
SM39R16A2
07/2012
9
20L
Symbol
I/O
Description
1
P0.0/KBI0/SPI_CLK/
OP1Out
I/O
Bit 0 of port 0 & KBI interrupt 0 & SPI interface Clock pin &
Op1 output
2
P1.7/CC2/MOSI/
PWM1
I/O
Bit 7 of port 1 & Timer 2 compare/capture Channel 2 & SPI
interface Serial Data Master Output or Slave Input pin & PWM
Channel 1
3
P1.6/CC1/MISO/
PWM0
I/O
Bit 6 of port 1 & Timer 2 compare/capture Channel 1 & SPI
interface Serial Data Master Input or Slave Output pin & PWM
Channel 0
4
P1.5/RST
I/O
Bit 5 of port 1 & Reset pin(default)
5
VSS
I
Power supply
6
P3.1/XTAL1/OSC_IN
I/O
Bit 1 of port 3 & Crystal input(default) & Oscillator input
7
P3.0/XTAL2/CLKOUT
I/O
Bit 0 of port 3 & Crystal output(default) & Clock Output
8
P1.4/INT1/SPI_SS
I/O
Bit 4 of port 1 & External interrupt 1 & SPI interface Slave
Select pin
9
P1.3/INT0/
IIC_SDA/OCI_SDA
I/O
Bit 3 of port 1 & External interrupt 0 & IIC SDA pin & On-Chip
Instrumentation Command and data I/O pin synchronous to
OCI_SCL in ICE and ICP functions
10
P1.2/T0/IIC_SCL/
OCI_SCL
I/O
Bit 2 of port 1 & Timer 0 external input & IIC SCL pin &
On-Chip Instrumentation Clock I/O pin of ICE and ICP
functions
11
P1.1/RXD/T2EX
I/O
Bit 1 of port 1 & Serial interface channel 0 receive/transmit data
& Timer 2 capture trigger
12
P1.0/TXD
I/O
Bit 0 of port 1 & Serial interface channel 0 transmit data or
receive clock in mode 0
13
P0.7/T1/ADC7
I/O
Bit 7 of port 0 & Timer 1 external input & ADC input channel 7
14
P0.6/ADC6/ OP0Out
I/O
Bit 6 of port 0 & ADC input channel 6 & Op0 Output
15
VDD
I
Power supply
16
P0.5/ADC5
I/O
Bit 5 of port 0 & ADC input channel 5
17
P0.4/ADC4/ OP0PIn
I/O
Bit 4 of port 0 & ADC input channel 4 & Op0 Positive Input
18
P0.3/KBI3/T2/
ADC3/OP0NIn
I/O
Bit 3 of port 0 & KBI interrupt 3 & Timer 2 external input clock
& ADC input channel 3 & Op0 Negative Input
19
P0.2/KBI2/ADC2/
OP1Pin
I/O
Bit 2 of port 0 & KBI interrupt 2 & ADC input channel 2 & Op1
Positive Input
20
P0.1/KBI1/ADC1/
OP1NIn
I/O
Bit 1 of port 0 & KBI interrupt 1 & ADC input channel 1 & Op1
Negative Input


Numéro de pièce similaire - SM39R16A2

FabricantNo de pièceFiches techniqueDescription
logo
SyncMOS Technologies,In...
SM39R16A3 SYNCMOS-SM39R16A3 Datasheet
1Mb / 87P
   16KB on-chip program memory
SM39R16A6 SYNCMOS-SM39R16A6 Datasheet
1Mb / 91P
   Additional Baud Rate Generator for Serial port
More results

Description similaire - SM39R16A2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74ACT16254 TI1-74ACT16254_09 Datasheet
106Kb / 6P
[Old version datasheet]   16-BIT ADDRESS/DATA MULTIPLEXER
logo
NXP Semiconductors
TDA1541 PHILIPS-TDA1541 Datasheet
91Kb / 12P
   Dual 16-bit DAC
November 1985
logo
Analog Devices
ADUC836BSZ AD-ADUC836BSZ Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit
REV. A
logo
Motorola, Inc
MC68008 MOTOROLA-MC68008 Datasheet
927Kb / 36P
   16-Bit Microprocessor With 8-Bit Data Bus
logo
STMicroelectronics
A3G4250D STMICROELECTRONICS-A3G4250D Datasheet
1Mb / 44P
   16-bit rate value data output
February 2012 Rev 3
logo
Analog Devices
ADUC834BSZ AD-ADUC834BSZ Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit
REV. A
logo
RDC Semiconductor
R8830LV RDC-R8830LV Datasheet
1,001Kb / 97P
   16-Bit Microcontroller with 8-bit external data bus
logo
Texas Instruments
SN74AVCAH164245 TI-SN74AVCAH164245 Datasheet
376Kb / 15P
[Old version datasheet]   16 BIT DUAL BUS TRANSCEIVER
logo
Analog Devices
AD5689R AD-AD5689R_17 Datasheet
851Kb / 28P
   Dual, 16-/12-Bit nanoDAC
AD9776 AD-AD9776_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com