Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3N40G-TF3-T Fiches technique(PDF) 3 Page - Unisonic Technologies

No de pièce 3N40G-TF3-T
Description  N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N40G-TF3-T Fiches technique(HTML) 3 Page - Unisonic Technologies

  3N40G-TF3-T Datasheet HTML 1Page - Unisonic Technologies 3N40G-TF3-T Datasheet HTML 2Page - Unisonic Technologies 3N40G-TF3-T Datasheet HTML 3Page - Unisonic Technologies 3N40G-TF3-T Datasheet HTML 4Page - Unisonic Technologies 3N40G-TF3-T Datasheet HTML 5Page - Unisonic Technologies 3N40G-TF3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3N40
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-553.d
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
400
V
Breakdown Voltage Temperature Coefficient △BVDSS/△TJ Reference to 25°C, ID=250µA
0.38
V/°C
Drain-Source Leakage Current
IDSS
VDS=400V, VGS=0V
10
µA
Gate- Source Leakage Current
Forward
IGSS
VGS=+30V, VDS=0V
+100 nA
Reverse
VGS=-30V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=1.5A
2.0
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1.0MHz
445 545
pF
Output Capacitance
COSS
60
80
pF
Reverse Transfer Capacitance
CRSS
13
16
pF
SWITCHING PARAMETERS
Turn-ON Delay Time
tD(ON)
VGS=10V, VDD=30V, ID=1A,
RG=25Ω (Note 1, 2)
40
50
ns
Rise Time
tR
40
60
ns
Turn-OFF Delay Time
tD(OFF)
100 120
ns
Fall-Time
tF
60
80
ns
Total Gate Charge
QG
VDS=100V, ID=3A, IG=3.3mA
(Note 1, 2)
40
60
nC
Gate to Source Charge
QGS
3.6
nC
Gate to Drain Charge
QGD
9.8
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
3.0
A
Maximum Body-Diode Pulsed Current
ISM
12
A
Drain-Source Diode Forward Voltage
VSD
IS=3A, VGS=0V
1.5
V
Notes: 1. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
2. Essentially independent of operating temperature


Numéro de pièce similaire - 3N40G-TF3-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
3N40G-TF3-T UTC-3N40G-TF3-T Datasheet
198Kb / 6P
   3A, 400V N-CHANNEL POWER MOSFET
More results

Description similaire - 3N40G-TF3-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
20N60 UTC-20N60_15 Datasheet
207Kb / 3P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
2N7002W UTC-2N7002W_15 Datasheet
179Kb / 3P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UK1398 UTC-UK1398_15 Datasheet
230Kb / 5P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
1N50-KW UTC-1N50-KW Datasheet
231Kb / 5P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UK1398 UTC-UK1398 Datasheet
226Kb / 4P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UP9971 UTC-UP9971_15 Datasheet
244Kb / 4P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
15N20 UTC-15N20_15 Datasheet
199Kb / 3P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
22N60 UTC-22N60_15 Datasheet
239Kb / 6P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UTN3055 UTC-UTN3055_15 Datasheet
197Kb / 4P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
5N40 UTC-5N40_15 Datasheet
248Kb / 6P
   N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
logo
NEC
2SK3749 NEC-2SK3749 Datasheet
103Kb / 5P
   N-CHANNEL MOSFET FOR HIGH-SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com