Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC3404VQR Fiches technique(PDF) 11 Page - Microchip Technology

No de pièce TC3404VQR
Description  1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC3404VQR Fiches technique(HTML) 11 Page - Microchip Technology

Back Button TC3404VQR Datasheet HTML 7Page - Microchip Technology TC3404VQR Datasheet HTML 8Page - Microchip Technology TC3404VQR Datasheet HTML 9Page - Microchip Technology TC3404VQR Datasheet HTML 10Page - Microchip Technology TC3404VQR Datasheet HTML 11Page - Microchip Technology TC3404VQR Datasheet HTML 12Page - Microchip Technology TC3404VQR Datasheet HTML 13Page - Microchip Technology TC3404VQR Datasheet HTML 14Page - Microchip Technology TC3404VQR Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21413B-page 11
TC3404
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
Package marking data not available at this time.
4.2
Taping Forms
Component Taping Orientation for 16-Pin QSOP (Narrow) Devices
PIN 1
User Direction of Feed
Standard Reel Component Orientation
for TR Suffix Device
W
P
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
16-Pin QSOP (N)
12 mm
8 mm
2500
13 in
Carrier Tape, Reel Size, Number of Components Per Reel and Reel Size


Numéro de pièce similaire - TC3404VQR

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC3404VQR MICROCHIP-TC3404VQR Datasheet
305Kb / 16P
   1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
2005
More results

Description similaire - TC3404VQR

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC3404 MICROCHIP-TC3404_05 Datasheet
305Kb / 16P
   1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
2005
TC3403 MICROCHIP-TC3403_05 Datasheet
308Kb / 16P
   1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor and Microprocessor Reset Circuit
2005
TC3403 MICROCHIP-TC3403 Datasheet
448Kb / 16P
   1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor and Microprocessor Reset Circuit
05/01/02
TC3400 MICROCHIP-TC3400 Datasheet
437Kb / 16P
   1.8V, Low Power, 16-Bit Sigma-Delta A/D Converter
2002
TC3402 MICROCHIP-TC3402 Datasheet
444Kb / 16P
   1.8 Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter
2002
TC3405 MICROCHIP-TC3405 Datasheet
453Kb / 16P
   16-Bit, Low Cost, Low Power Sigma-Delta A/D Converter
2002
TC3401 MICROCHIP-TC3401 Datasheet
458Kb / 16P
   16-Bit Low Cost, Low Power Sigma-Delta A/D Converter
2002
logo
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
logo
Intersil Corporation
HI7191 INTERSIL-HI7191 Datasheet
187Kb / 24P
   24-Bit, High Precision, Sigma Delta A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com