Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL43113IBZ-T Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce ISL43113IBZ-T
Description  Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43113IBZ-T Fiches technique(HTML) 4 Page - Intersil Corporation

  ISL43113IBZ-T Datasheet HTML 1Page - Intersil Corporation ISL43113IBZ-T Datasheet HTML 2Page - Intersil Corporation ISL43113IBZ-T Datasheet HTML 3Page - Intersil Corporation ISL43113IBZ-T Datasheet HTML 4Page - Intersil Corporation ISL43113IBZ-T Datasheet HTML 5Page - Intersil Corporation ISL43113IBZ-T Datasheet HTML 6Page - Intersil Corporation ISL43113IBZ-T Datasheet HTML 7Page - Intersil Corporation ISL43113IBZ-T Datasheet HTML 8Page - Intersil Corporation ISL43113IBZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
±1.5
-
±6V
Positive Supply Current, I+
VS = ±5.5V, VIN = 0V or V+, Switch On or Off
25
-
15
25
µA
Full
-
22
50
µA
Negative Supply Current, I-
VS = ±5.5V, VIN = 0V or V+, Switch On or Off
25
-25
-15
-
µA
Full
-50
-22
-
µA
NOTES:
4. VIN = Input voltage to perform proper function.
5. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
6. Leakage parameter is 100% tested at high temp, and guaranteed by correlation at 25°C.
Electrical Specifications -
±3.3V Supply Test Conditions: V
SUPPLY = ±3.0V to ±3.6V, VINH = V+, VINL = 0V (Note 4),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
V-
-
V+
V
ON Resistance, RON
VS = ±3V, ICOM = 1.0mA, VCOM = 2V
25
-
20
30
Full
-
25
40
RON Flatness, RFLAT(ON)
VS = ±3V, ICOM = 1.0mA, VCOM = -1.5V, 0V, 1.5V
25
-
4
8
Full
-
5
10
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
VS = ±3.3V, VCOM = ±2V, VNO or VNC = +2V, Note 6
25
-1
-
1
nA
Full
-5
-
5
nA
COM OFF Leakage Current,
ICOM(OFF)
VS = ±3.3V, VCOM = ±2V, VNO or VNC = +2V, Note 6
25
-1
-
1
nA
Full
-5
-
5
nA
COM ON Leakage Current,
ICOM(ON)
VS = ±3.3V, VCOM = VNO or VNC = ±2V, Note 6
25
-2
-
2
nA
Full
-20
-
20
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH
Full
2.0
1.6
-
V
Input Voltage Low, VINL
Full
-
0.9
0.6
V
Input Current, IINH, IINL
VS = ±3.6V, VIN = V- or V+
Full
-0.5
-
0.5
µA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
VNO or VNC = 2V, RL = 300Ω, CL = 35pF, VIN = 0.4V
to 2.4V
25
-
58
100
ns
Full
-
62
110
ns
Turn-OFF Time, tOFF
VNO or VNC = 2V, RL = 300Ω, CL = 35pF, VIN = 0.4V
to 2.4V
25
-
37
65
ns
Full
-
40
75
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω
25
-
5
12
pC
OFF Isolation
RL = 50Ω, CL = 15pF, f = 100kHz
25
-
>90
-
dB
Power Supply Rejection Ratio
RL = 50Ω, CL = 5pF, f = 1MHz
25
-
55
-
dB
NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V
25
-
13
-
pF
COM OFF Capacitance,
CCOM(OFF)
f = 1MHz, VNO or VNC = VCOM = 0V
25
-
13
-
pF
COM ON Capacitance, CCOM(ON)
f = 1MHz, VNO or VNC = VCOM = 0V
25
-
30
-
pF
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
VS = ±3.6V, VIN = V- or V+, Switch On or Off
25
-
10
25
µA
Full
-
15
50
µA
Negative Supply Current, I-
VS = ±3.6V, VIN = V- or V+, Switch On or Off
25
-25
-10
-
µA
Full
-50
-15
-
µA
Electrical Specifications -
±5V Supply Test Conditions: V
SUPPLY = ±4.5V to ±5.5V, VINH = 3.5V, VINL = 1.5V (Note 4),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ISL43112, ISL43113


Numéro de pièce similaire - ISL43113IBZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL43113IBZ-T INTERSIL-ISL43113IBZ-T Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43113IBZ-T RENESAS-ISL43113IBZ-T Datasheet
752Kb / 13P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
More results

Description similaire - ISL43113IBZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL43112 INTERSIL-ISL43112_04 Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
ISL43112 INTERSIL-ISL43112 Datasheet
222Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43112 RENESAS-ISL43112 Datasheet
752Kb / 13P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43110 INTERSIL-ISL43110 Datasheet
749Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
ISL43110 INTERSIL-ISL43110_05 Datasheet
366Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43110 RENESAS-ISL43110 Datasheet
757Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL84516 INTERSIL-ISL84516 Datasheet
239Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
ISL84516 INTERSIL-ISL84516_05 Datasheet
256Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Renesas Technology Corp
ISL84516 RENESAS-ISL84516 Datasheet
561Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com