Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL5216KI-1 Fiches technique(PDF) 9 Page - Intersil Corporation

No de pièce ISL5216KI-1
Description  Four-Channel Programmable Digital Downconverter
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5216KI-1 Fiches technique(HTML) 9 Page - Intersil Corporation

Back Button ISL5216KI-1 Datasheet HTML 5Page - Intersil Corporation ISL5216KI-1 Datasheet HTML 6Page - Intersil Corporation ISL5216KI-1 Datasheet HTML 7Page - Intersil Corporation ISL5216KI-1 Datasheet HTML 8Page - Intersil Corporation ISL5216KI-1 Datasheet HTML 9Page - Intersil Corporation ISL5216KI-1 Datasheet HTML 10Page - Intersil Corporation ISL5216KI-1 Datasheet HTML 11Page - Intersil Corporation ISL5216KI-1 Datasheet HTML 12Page - Intersil Corporation ISL5216KI-1 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
9
FN6013.3
July 13, 2007
13-BIT MODE: 13-BIT MANTISSA (15:3), 3-BIT EXPONENT (2:0), 18dB EXPONENT RANGE (Note 7)
EXPONENT
GAIN (dB)
PIN BIT WEIGHTING TO 16-BIT INPUT MAPPING
X(2:0) = 000
0
X15
X15
X15
X15
X14
X13
X12
X11
X10
X9
X8
X7
X6
X5
X4
X3
X(2:0) = 001
6
X15
X15
X15
X14
X13
X12
X11
X10
X9
X8
X7
X6
X5
X4
X3
0
X(2:0) = 010
12
X15
X15
X14
X13
X12
X11
X10
X9
X8
X7
X6
X5
X4
X3
0
0
X(2:0) = 011
(Note 6)
18
X15
X14
X13
X12
X11
X10
X9
X8
X7
X6
X5
X4
X3
0
0
0
NOTES:
6. Or 100, 101, 110, or 111, the exponent input saturates at 011.
7. To select this mode, set IWA *000H/GWA F804H bits 17, 16, 8 and 7 to 0, 0, 1 and 0 respectively.
14-BIT MODE: 14-BIT MANTISSA (15:2), 2-BIT EXPONENT (1:0), 18dB MAXIMUM EXPONENT RANGE (Note 8)
EXPONENT
GAIN (dB)
PIN BIT WEIGHTING TO 16-BIT INPUT MAPPING
X(1:0) = 00
0
X15
X14
X13
X12
X11
X10
X9
X8
X7X6X5X4X3X2
0
0
X(1:0) = 01
6
X15
X14
X13
X12
X11
X10
X9
X8
X7X6X5X4X3X2
0
0
X(1:0) = 10
12
X15
X14
X13
X12
X11
X10
X9
X8
X7
X6
X5
X4
X3
X2
0
0
X(1:0) = 11
18
X15
X14
X13
X12
X11
X10
X9
X8
X7
X6
X5
X4
X3
X2
0
0
NOTE:
8. To select this mode, set IWA *000H/GWA F804H bits 17, 16, 8 and 7 to 0, 0, 1 and 1 respectively.
14-BIT MODE: 14-BIT MANTISSA (15:2), 3-BIT EXPONENT (-1,1,0), 42dB MAXIMUM EXPONENT RANGE (Note 9)
EXPONENT
GAIN (dB)
PIN BIT WEIGHTING TO 16-BIT INPUT MAPPING
X(-1,1,0) = 000
0
X15
X14
X13
X12
X11
X10
X9
X8
X7X6X5X4X3X2
0
0
X(-1,1,0) = 001
6
X15
X14
X13
X12
X11
X10
X9
X8
X7X6X5X4X3X2
0
0
X(-1,1,0) = 010
12
X15
X14
X13
X12
X11
X10
X9
X8
X7
X6
X5
X4
X3
X2
0
0
X(-1,1,0) = 011
18
X15
X14
X13
X12
X11
X10
X9
X8
X7X6X5X4X3X2
0
0
X(-1,1,0) = 100
24
X15
X14
X13
X12
X11
X10
X9
X8
X7
X6
X5
X4
X3
X2
0
0
X(-1,1,0) = 101
30
X15
X14
X13
X12
X11
X10
X9
X8
X7
X6
X5
X4
X3
X2
0
0
X(-1,1,0) = 110
36
X15
X14
X13
X12
X11
X10
X9
X8
X7X6X5X4X3X2
0
0
X(-1,1,0) = 111
42
X15
X14
X13
X12
X11
X10
X9
X8
X7X6X5X4X3X2
0
0
NOTE:
9. To select this mode, set IWA *000H/GWA F804H bits 17, 16, 8 and 7 to 1, 0, 1 and 1 respectively.
11, 12, 13-BIT MODE: 11, 12, 13-BIT MANTISSA, 3-BIT EXPONENT (-1,1,0) (Note 10), 42dB MAXIMUM EXPONENT RANGE (Note 11)
EXPONENT
GAIN (dB)
PIN BIT WEIGHTING TO 16-BIT INPUT MAPPING
X(-1,1,0) = 000
0
X15
X14
X13
X12
X11
X10
X9
X8
X7X6X5X4X3
0
0
0
X(-1,1,0) = 001
6
X15
X14
X13
X12
X11
X10
X9
X8
X7X6X5X4X3
0
0
0
X(-1,1,0) = 010
12
X15
X14
X13
X12
X11
X10
X9
X8
X7
X6
X5
X4
X3
0
0
0
X(-1,1,0) = 011
18
X15
X14
X13
X12
X11
X10
X9
X8
X7X6X5X4X3
0
0
0
X(-1,1,0) = 100
24
X15
X14
X13
X12
X11
X10
X9
X8
X7
X6
X5
X4
X3
0
0
0
X(-1,1,0) = 101
30
X15
X14
X13
X12
X11
X10
X9
X8
X7
X6
X5
X4
X3
0
0
0
X(-1,1,0) = 110
36
X15
X14
X13
X12
X11
X10
X9
X8
X7X6X5X4X3
0
0
0
X(-1,1,0) = 111
42
X15
X14
X13
X12
X11
X10
X9
X8
X7X6X5X4X3
0
0
0
NOTES:
10. For compatibility with legacy HSP50216 11, 12 and 13 bit floating point modes as well as the new ISL5216 modes, the most significant exponent
bit is taken as X2 OR’d with X-1. Either input may be used for the MSB of the exponent when the other is tied low.
11. To select these modes, set IWA *000H/GWA F804H bits 17 and 16 to 1 and 0, respectively, and bits 8 and 7 to 0 and 0 for 11/3, 0 and 1 for 12/3,
and 1 and 0 for 13/3.
ISL5216


Numéro de pièce similaire - ISL5216KI-1

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL5216KI-1 INTERSIL-ISL5216KI-1 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
ISL5216KI-1 INTERSIL-ISL5216KI-1 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
ISL5216KI-1 INTERSIL-ISL5216KI-1 Datasheet
969Kb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Renesas Technology Corp
ISL5216KI-1 RENESAS-ISL5216KI-1 Datasheet
2Mb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Intersil Corporation
ISL5216KI-1Z INTERSIL-ISL5216KI-1Z Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
More results

Description similaire - ISL5216KI-1

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216_07 Datasheet
786Kb / 58P
   Four-Channel Programmable Digital Downconverter
logo
Renesas Technology Corp
HSP50216 RENESAS-HSP50216 Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
logo
Intersil Corporation
ISL5216 INTERSIL-ISL5216 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
HSP50216 INTERSIL-HSP50216_06 Datasheet
767Kb / 58P
   Four-Channel Programmable Digital DownConverter
logo
Renesas Technology Corp
ISL5216 RENESAS-ISL5216 Datasheet
2Mb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216 Datasheet
561Kb / 53P
   Four-Channel Programmable Digital DownConverter
ISL5216 INTERSIL-ISL5216_07 Datasheet
969Kb / 65P
   Four-Channel Programmable Digital Downconverter
HSP50216KIZ INTERSIL-HSP50216KIZ Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
ISL5216 INTERSIL-ISL5216_05 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com