Moteur de recherche de fiches techniques de composants électroniques |
|
LM2936MX-5.0 Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
LM2936MX-5.0 Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 34 page OUT 1 NC 2 NC 3 NC 4 8 IN 7 GND 6 NC 5 NC 1 2 3 OUT GND IN OUT 1 GND 2 GND 3 NC 4 5 SD 6 GND 7 GND 8 IN OUT 1 GND 2 GND 3 NC 4 5 NC 6 GND 7 GND 8 IN IN 1 GND 2 OUT 3 4 GND (TAB) IN 1 OUT 3 4 GND (TAB) LM2936 www.ti.com SNOSC48O – JUNE 2000 – REVISED DECEMBER 2014 5 Pin Configuration and Functions LM2936DT TO-252 (NDP) Package LM2936MP SOT-223 (DCY) Package 3-Pins 4-Pins Top View Top View LM2936BM SOIC (D) Package LM2936M SOIC (D) Package 8-Pins 8-Pins Top View Top View LM2936Z TO-92 (LP) Package LM2936MM VSSOP (DGK) Package 3-Pins 8-Pins Bottom View Top View Pin Functions PIN I/O DESCRIPTION D D NAME NDP DGK DCY LP (LM2936BM) (LM2936M) IN 8 8 1 8 1 3 I Unregulated input voltage. GND 2, 3, 6, 7 2, 3, 6, 7 4 7 2, 4 2 — Ground. Regulated output voltage. Requires a minimum OUT 1 1 3 1 3 1 O output capacitance, with specific ESR, on this pin to maintain stability. Shutdown. LM2936BM only. Pull this pin HIGH (> 2 V) to turn the output OFF. If this pin is left open, pull ed low (< 0.6 V), or connected to GND, the SD 5 — — — — — I output will be ON by default. Avoid having any voltage between 0.6 V and 2 V on this pin as the output status may not be predicable across the operating range. No internal connection, Connect to GND, or leave NC 4 4, 5 — 2, 3, 4, 5, 6 — — — open. Copyright © 2000–2014, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LM2936 |
Numéro de pièce similaire - LM2936MX-5.0 |
|
Description similaire - LM2936MX-5.0 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |