Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM109JAN Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce LM109JAN
Description  LM109JAN 5-Volt Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM109JAN Fiches technique(HTML) 4 Page - Texas Instruments

  LM109JAN_15 Datasheet HTML 1Page - Texas Instruments LM109JAN_15 Datasheet HTML 2Page - Texas Instruments LM109JAN_15 Datasheet HTML 3Page - Texas Instruments LM109JAN_15 Datasheet HTML 4Page - Texas Instruments LM109JAN_15 Datasheet HTML 5Page - Texas Instruments LM109JAN_15 Datasheet HTML 6Page - Texas Instruments LM109JAN_15 Datasheet HTML 7Page - Texas Instruments LM109JAN_15 Datasheet HTML 8Page - Texas Instruments LM109JAN_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
OBSOLETE
LM109JAN
SNVS379B – NOVEMBER 2005 – REVISED MARCH 2013
www.ti.com
JL109H Electrical Characteristics DC Parameters
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
VO
Output Voltage
VI = 7V, IL = -5mA
4.7
5.4
V
1, 2, 3
VI = 7V, IL = -0.5A
(1)
4.7
5.4
V
1, 2, 3
VI = 9V, IL = -0.5A
4.7
5.4
V
1, 2, 3
VI = 25V, IL = -5mA
4.7
5.4
V
1, 2, 3
VI = 25V, IL = -100mA
4.7
5.4
V
1, 2, 3
VRLine
Line Regulation
7V
≤ VI ≤ 25V, IL = -5mA
-50
50
mV
1
-100
100
mV
2, 3
VRLoad
Load Regulation
VI = 10V, -0.5A ≤ IL ≤ -5mA
-100
100
mV
1, 2, 3
ISCD
Standby Current Drain
VI = 7V, IL = -5mA
-10
0.5
mA
1, 2, 3
VI = 25V, IL = -5mA
-10
0.5
mA
1, 2, 3
ΔISCD
Standby Current Drain vs Line
7V
≤ VI ≤ 25V, IL = -5mA
-0.5
0.5
mA
1, 2, 3
(Line)
Voltage
ΔISCD
Standby Current Drain vs Load
VI = 10V, -0.5A ≤ IL ≤ -5mA
-0.8
0.8
mA
1, 2, 3
(Load)
Current
IOS
Output Short Circuit Current
VI = 35V
-2.0
0.01
A
1, 2, 3
VStart
Minimum Start Up Input Voltage
RL = 25Ω ±5%
(2) (3)
V
1, 2, 3
9.0
ΔVO / ΔT
Average Temperature Coefficient
VI = 7V, IL = -5mA
(4)
-2.0
2.0
mV/°C
8A, 8B
of Output Voltage
(1)
VI = 8V at −55°C.
(2)
This test is performed by shifting the input voltage in 50mV increments until output reaches 4.706V.
(3)
Parameter tested go-no-go, only.
(4)
Calculated parameter.
JL109H Electrical Characteristics AC Parameters
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
NO
Output Noise Voltage
VI = 10V, IL = -50mA
125
µVRMS
7
ΔVO / ΔVI
Line Transient Response
VI = 10V, VPulse = 3V,
(1)
45
mV
7
IL = -5mA
ΔVO / ΔIL
Load Transient Response
VI = 10V, IL = -50mA,
(2)
400
mV
7
ΔIL = -200mA
ΔVI / ΔVO
Ripple Rejection
VI = 10V, IL = -125mA,
60
dB
4
eI = 1VRMS at ƒ = 2400Hz
(1)
Slash Sheet limit of 15 mV/V is equivalent to 45mV
(2)
Slash Sheet limit of 2mV/mA is equivalent to 400mV
JL109H Electrical Characteristics DC Drift Parameters
Delta calculations performed on JAN S devices at group B, Subgroup 5, only.
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
VO
Output Voltage
VI = 7V, IL = -5mA
-0.025
0.025
V
1
VI = 7V, IL = -0.5A
-0.025
0.025
V
1
VI = 9V, IL = -0.5A
-0.025
0.025
V
1
VI = 25V, IL = -5mA
-0.025
0.025
V
1
VI = 25V, IL = -100mA
-0.025
0.025
V
1
VRLine
Line Regulation
7V
≤ VI ≤ 25V, IL = -5mA
-10
10
mV
1
VRLoad
Load Regulation
VI = 10V, -0.5A ≤ IL ≤ -5mA
-10
10
mV
1
ISCD
VI = 7V, IL = -5mA
-1.0
1.0
mA
1
VI = 25V, IL = -5mA
-1.0
1.0
mA
1
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated


Numéro de pièce similaire - LM109JAN_15

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
LM109JAN ETC2-LM109JAN Datasheet
788Kb / 16P
   5-Volt Regulator
More results

Description similaire - LM109JAN_15

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
LM109JAN ETC2-LM109JAN Datasheet
788Kb / 16P
   5-Volt Regulator
logo
National Semiconductor ...
LM109 NSC-LM109 Datasheet
252Kb / 8P
   5-Volt Regulator
logo
Texas Instruments
LM109 TI-LM109_15 Datasheet
267Kb / 10P
[Old version datasheet]   5-Volt Regulator
LM109 TI1-LM109_11 Datasheet
296Kb / 10P
[Old version datasheet]   5-Volt Regulator
LM109QML TI1-LM109QML Datasheet
696Kb / 15P
[Old version datasheet]   LM109QML 5-Volt Regulator
LM109QML TI-LM109QML_15 Datasheet
452Kb / 17P
[Old version datasheet]   LM109QML 5-Volt Regulator
logo
Linear Technology
LT1003 LINER-LT1003 Datasheet
415Kb / 7P
   5 Volt, 5 Amp Voltage Regulator
LT1003 LINER-LT1003_15 Datasheet
621Kb / 7P
   5 VOLT 5 AMP VOLTAGE REGULATOR
logo
Seme LAB
LM79M05AHX SEME-LAB-LM79M05AHX Datasheet
32Kb / 2P
   5 VOLT NEGATIVE VOLTAGE REGULATOR
IP120AH-05 SEME-LAB-IP120AH-05 Datasheet
29Kb / 2P
   5 VOLT NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com