Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54053IRUZ-T Fiches technique(PDF) 7 Page - Intersil Corporation

No de pièce ISL54053IRUZ-T
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54053IRUZ-T Fiches technique(HTML) 7 Page - Intersil Corporation

Back Button ISL54053IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54053IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54053IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54053IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54053IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54053IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54053IRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54053IRUZ-T Datasheet HTML 10Page - Intersil Corporation ISL54053IRUZ-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FN6460.3
October 19, 2009
Detailed Description
The ISL54053 is a bidirectional, single pole/double throw
(SPDT) analog switch which offers precise switching
capability from a single 1.8V to 5.5V supply with low
ON-resistance (0.8Ω) and high speed operation
(tON = 24ns, tOFF = 10ns). The device is especially well
suited for portable battery powered equipment due to its
low operating supply voltage (1.8V), low power
consumption (5.5µW), low leakage currents (300nA
max) and the small µTDFN and SOT-23 packages. The
low on-resistance and rON flatness provide very low
insertion loss and distortion to application that require
signal reproduction.
Supply Sequencing and Overvoltage
Protection
With any CMOS device, proper power supply sequencing
is required to protect the device from excessive input
currents which might permanently damage the IC. All
I/O pins contain ESD protection diodes from the pin to
V+ and to GND (see Figure 8). To prevent forward
biasing these diodes, V+ must be applied before any
input signals, and the input signal voltages must remain
between V+ and GND.
If these conditions cannot be guaranteed, then
precautions must be implemented to prohibit the current
and voltage at the logic pin and signal pins from
exceeding the maximum ratings of the switch. The
following two methods can be used to provided additional
protection to limit the current in the event that the
voltage at a signal pin or logic pin goes below ground or
above the V+ rail.
Logic inputs can be protected by adding a 1kΩ resistor in
series with the logic input (see Figure 8). The resistor
limits the input current below the threshold that
produces permanent damage, and the sub-microamp
input current produces an insignificant voltage drop
during normal operation.
This method is not acceptable for the signal path inputs.
Adding a series resistor to the switch input defeats the
purpose of using a low rON switch. Connecting schottky
diodes to the signal pins (as shown in Figure 8) will shunt
the fault current to the supply or to ground thereby
protecting the switch. These schottky diodes must be
sized to handle the expected fault current.
FIGURE 4. OFF ISOLATION TEST CIRCUIT
FIGURE 5. rON TEST CIRCUIT
FIGURE 6. CROSSTALK TEST CIRCUIT
FIGURE 7. CAPACITANCE TEST CIRCUIT
Test Circuits and Waveforms (Continued)
ANALYZER
RL
SIGNAL
GENERATOR
V+
C
0V OR V+
NO OR NC
COM
IN
GND
V+
C
VINL OR VINH
NO OR NC
COM
IN
GND
VNX
V1
rON = V1/100mA
100mA
0V OR V+
ANALYZER
V+
C
NO OR NC
SIGNAL
GENERATOR
RL
GND
IN1
COM
NC OR NO
50
Ω
V+
C
GND
NO or NC
COM
IN
IMPEDANCE
ANALYZER
VINL OR VINH
ISL54053


Numéro de pièce similaire - ISL54053IRUZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54053IRUZ-T INTERSIL-ISL54053IRUZ-T Datasheet
377Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL54053IRUZ-T INTERSIL-ISL54053IRUZ-T Datasheet
445Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Renesas Technology Corp
ISL54053IRUZ-T RENESAS-ISL54053IRUZ-T Datasheet
658Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
More results

Description similaire - ISL54053IRUZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54053 INTERSIL-ISL54053 Datasheet
445Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL54053_0709 INTERSIL-ISL54053_0709 Datasheet
377Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Renesas Technology Corp
ISL84714 RENESAS-ISL84714 Datasheet
523Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Intersil Corporation
ISL84714_0411 INTERSIL-ISL84714_0411 Datasheet
345Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL84714 INTERSIL-ISL84714 Datasheet
228Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL84714IH-T INTERSIL-ISL84714IH-T Datasheet
225Kb / 10P
   Ultra Low ON-Resistance, Low Voltage,Single Supply, SPDT Analog Switch
January 19, 2009
logo
Renesas Technology Corp
ISL54053 RENESAS-ISL54053 Datasheet
658Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Intersil Corporation
ISL43L220 INTERSIL-ISL43L220 Datasheet
437Kb / 13P
   Ultra Low ON-Resistance, Low Voltage,Single Supply, Dual SPDT Analog Switch
ISL84684 INTERSIL-ISL84684_07 Datasheet
380Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
logo
Renesas Technology Corp
ISL43L220 RENESAS-ISL43L220 Datasheet
707Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com