Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL29147IROMZ-EVALZ Fiches technique(PDF) 10 Page - Intersil Corporation

No de pièce ISL29147IROMZ-EVALZ
Description  Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29147IROMZ-EVALZ Fiches technique(HTML) 10 Page - Intersil Corporation

Back Button ISL29147IROMZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29147IROMZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29147IROMZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29147IROMZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL29147IROMZ-EVALZ Datasheet HTML 10Page - Intersil Corporation ISL29147IROMZ-EVALZ Datasheet HTML 11Page - Intersil Corporation ISL29147IROMZ-EVALZ Datasheet HTML 12Page - Intersil Corporation ISL29147IROMZ-EVALZ Datasheet HTML 13Page - Intersil Corporation ISL29147IROMZ-EVALZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ISL29147
10
FN8409.3
January 6, 2015
Submit Document Feedback
Registers 0x01 and 0x02 are used to configure the primary
proximity and ALS parameters. Register 0x03 is used for optimizing
IR compensation in ALS measurements. A procedure to optimize IR
compensation is described in “ALS IR Compensation” on page 11.
Register 0x04 is the Interrupt Configuration and Status Register,
they are used primarily to indicate interrupt events from proximity
and ALS measurements. A PWR_FAIL bit to indicate a ‘Brown-Out’
event is available and is set in case of a power supply interruption. A
‘Brown-Out’ event does not generate a hardware interrupt. The host
microcontroller must clear this bit by writing a ‘0’ to Reg 0x04[4].
Register 0x04 is also used to configure ALS and Proximity
interrupt persistency and the operation of the INT pin.
Registers 0x05 and 0x06 are used to set the proximity ‘LOW’ and
‘HIGH’ threshold for proximity interrupt event generation.
Registers 0x07, 0x08 and 0x09 are used to set the ALS ‘LOW’
and ‘HIGH’ threshold. Two 12-bit numbers span three address
locations as shown in Table 1.
Data registers 0x0A holds result of proximity conversion. The
proximity result should be validated by ‘Washout’ bit in
Reg 0x0D[0]. Registers 0x0B and 0x0C holds result of an ALS
measurement.
The ALS data is 12 bits wide. Least Significant Byte of the ALS
data is available at address 0x0C and Most Significant Byte
(MSB) of ALS data is available at address 0x0B. The MSB is right
justified, i.e., the upper nibble is always zero and lower nibble
contains four data bits.
Register 0x0D[7:1] contains ambient IR measurement in proximity
measurement phase. This measurement is for detecting ambient
Wash out condition, which is indicated by Reg 0x0D[0] being ‘HIGH’.
Proximity ‘Washout’ is described in “Proximity Ambient Washout
Detection” on page 11.
A software reset can be initiated by writing 0x38 to Register
0x0E.
ISL29147 Operation
Photodiodes and ADCs
The ISL29147 contains two photodiode arrays, which convert
photons (light) into current. The ALS photodiodes are designed to
mimic the human eye’s wavelength response curve to visible light.
The ALS photodiodes’ current output is digitized by a 12-bit ADC.
The ALS ADC output is accessed by reading from Reg 0x0B and
0x0C when the ADC conversion is completed.
The ALS ADC converter uses a charge-balancing architecture.
Charge-balancing is best suited for converting small current signals
in the presence of periodic AC noise. The ISL29147 targets an
integration time of 90ms, which can vary ±15% from nominal. The
ALS integration time is intended to minimize 60Hz flicker.
The proximity sensor uses an 8-bit ADC, which operates in a
similar fashion. The IRDR pin drives (pulses) an infrared LED, the
emitted IR reflects off an object back into the ISL29147, and the
photo diodes convert the reflected IR to a current signal in
0.5ms. The ADC subtracts the IR reading before and after the
LED is driven to remove ambient IR contribution.
The ALS runs continuously with new data available every 90ms.
The proximity sensor runs continuously with a time between
conversions controlled by PROX_SLP (Reg 0x01[6:4]).
Ambient Light Sensing
The ISL29147 is set for ambient light sensing when Register bit
ALS_EN = 1. Four measurement ranges from 56.25 Lux to 1800 Lux
are available. The ALS measurement range is configured via
Reg 0x02[1:0].
Proximity Sensing
When proximity sensing is enabled (PROX_EN = 1), the external
IR LED is driven for 90µs by the built-in IR LED driver through the
IRDR pin.
The IR LED current depends on PROX_DRV (Reg 0x01[1:0]). Drive
current settings are as shown in Table 1. The IR LED drive is in
high impedance state when not active.
When the IR from the LED reaches an object and gets reflected
back to the ISL29147, the reflected IR light is converted into a
current. This current is converted to digital data using an 8-bit
ADC. The proximity measurement takes 0.5ms for one
conversion including the 90μs LED drive time. The period
between proximity measurements is determined by PROX_SLP
(sleep time) in Reg 0x01[4:2].
Average LED driving current consumption is given by Equation 1.
A typical IRDR scheme is 250mA pulses every 400ms, averaging
about 56μA DC.
ALS
ACTIVE
90ms
90ms
90ms
PROX
SENSOR
ACTIVE
IRDR
(CURRENT
DRIVER)
ALS CONVERSION TIME =
90ms (FIXED)
0.50ms FOR PROX
CONVERSION
SERIES OF
CURRENT PULSES
TOTALING 0.09ms
SLEEP TIME
(PROX_SLP)
90ms
90ms
SEVERAL µs BETWEEN
CONVERSIONS
TIME
TIME
TIME
FIGURE 9. TIMING DIAGRAM FOR PROX/ALS EVENTS - NOT TO SCALE
IlRDR AVE
;
IlRDR PEAK
;
90
s
TSLEEP
-----------------------------------------------------
=
(EQ. 1)


Numéro de pièce similaire - ISL29147IROMZ-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL29147IROMZ-EVALZ RENESAS-ISL29147IROMZ-EVALZ Datasheet
711Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
More results

Description similaire - ISL29147IROMZ-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Xicor Inc.
ISL29038 XICOR-ISL29038 Datasheet
560Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Renesas Technology Corp
ISL29038 RENESAS-ISL29038 Datasheet
729Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
ISL29147 RENESAS-ISL29147 Datasheet
711Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Intersil Corporation
ISL29147 INTERSIL-ISL29147 Datasheet
126Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
ISL29038IROZ-T7 INTERSIL-ISL29038IROZ-T7 Datasheet
431Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 23, 2015
ISL29038 INTERSIL-ISL29038 Datasheet
186Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Maxim Integrated Produc...
MAX44000 MAXIM-MAX44000 Datasheet
1Mb / 24P
   Ambient and Infrared Proximity Sensor
Rev 0; 10/11
logo
Intersil Corporation
ISL29029 INTERSIL-ISL29029 Datasheet
761Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028 INTERSIL-ISL29028 Datasheet
466Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com