Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL29125EVAL1Z Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce ISL29125EVAL1Z
Description  Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29125EVAL1Z Fiches technique(HTML) 1 Page - Intersil Corporation

  ISL29125EVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL29125EVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL29125EVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL29125EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL29125EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL29125EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL29125EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL29125EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL29125EVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Digital Red, Green and Blue Color Light Sensor with IR
Blocking Filter
ISL29125
The ISL29125 is a low power, high sensitivity, RED, GREEN and
BLUE color light sensor (RGB) with an I2C (SMBus compatible)
interface. Its state-of-the-art photodiode array provides an
accurate RGB spectral response and excellent light source to
light source variation (LS2LS). The ISL29125 is designed to
reject IR in light sources allowing the device to operate in
environments from sunlight to dark rooms. The integrating
ADC rejects 50Hz and 60Hz flicker caused by artificial light
sources. A selectable range allows the user to optimize
sensitivity suitable for the specific application. In normal
operation mode the device consumes 56µA, which reduces to
0.5µA in power-down mode. The ISL29125 supports hardware
and software user programmable interrupt thresholds. The
Interrupt persistency feature reduces false trigger notification.
The device operates on supplies (VDD) from 2.25V to 3.63V, I2C
supply from 1.7V to 3.63V, and operating temperature over the
-40°C to +85°C.
Features
• 56µA operating current, 0.5µA shutdown current
• Selectable range (Via I2C)
•I2C (SMBus compatible) output
• ADC resolution 16 bits
• Programmable interrupt windows
• Two optical sensitivity ranges
- Range 0 = 5.7m lux to 375 lux
- Range 1 = 0.152 lux to 10,000 lux
• Operating power supply 2.25 to 3.63V
•I2C power supply 1.7V to 3.63V
• 6 Ld ODFN (1.65x1.65x0.7mm) package
Applications
• Smart phone, PDA, GPS, tablet PCs, LCD-TVs, digital picture
frames, digital cameras
• Dynamic display color balancing
• Printer color enhancement
• Industrial/commercial LED lighting color management
• Ambient light color detection/correction
• OLED display aging compensation
Related Literature
AN1914, “Evaluation Hardware/Software User Manual for RGB
Sensor”
FIGURE 1. TYPICAL APPLICATION DIAGRAM
FIGURE 2. NORMALIZED SPECTRAL RESPONSE FOR RED, GREEN
AND BLUE SENSING
ISL29125
MCU
SCL
SDA
4
6
1
3
5
VDD
GND
SCL
SDA
GPIO
INT
Vbus
2
NC
R2 R3 R4
VDD
R1
C1
C2
R1 – 100
R2 – 2.7k
to 10k
R3 – 2.7k
to 10k
R4 – 2.7k
to 10k
C1 – 1µF
C2 – 0.1µF
Ω
Ω
Ω
Ω
Ω
Ω
Ω
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
350 380 410 440 470 500 530 560 590 620 650 680 710 740 770 800 830
WAVELENGTH
RED
GREEN
BLUE
1931 STD RED
1931 STD GREEN
1931 STD BLUE
NORMALIZED TO GREEN
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2013, 2014. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
January 24, 2014
FN8424.2


Numéro de pièce similaire - ISL29125EVAL1Z

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL29125EVAL1Z RENESAS-ISL29125EVAL1Z Datasheet
786Kb / 17P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
More results

Description similaire - ISL29125EVAL1Z

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL29124 INTERSIL-ISL29124 Datasheet
100Kb / 2P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
February 19, 2014
logo
Renesas Technology Corp
ISL29124 RENESAS-ISL29124 Datasheet
770Kb / 16P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
January 13, 2015
ISL29125 RENESAS-ISL29125 Datasheet
786Kb / 17P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
logo
Intersil Corporation
ISL29125 INTERSIL-ISL29125 Datasheet
99Kb / 2P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
logo
Renesas Technology Corp
ISL29120 RENESAS-ISL29120 Datasheet
462Kb / 8P
   Digital Output, Low Power, Red, Green, and Blue Color Light Sensor
logo
Intersil Corporation
ISL29120 INTERSIL-ISL29120 Datasheet
343Kb / 8P
   Digital Output, Low Power, Red, Green, and Blue Color Light Sensor
logo
ams AG
TCS3472 AMSCO-TCS3472 Datasheet
1Mb / 27P
   COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
logo
List of Unclassifed Man...
TCS34727FN ETC2-TCS34727FN Datasheet
1Mb / 27P
   COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
logo
Broadcom Corporation.
APDS-9250 BOARDCOM-APDS-9250 Datasheet
522Kb / 21P
   Digital RGB, IR and Ambient Light Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9250 AVAGO-APDS-9250 Datasheet
522Kb / 21P
   Digital RGB, IR and Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com