Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL29125IROZ-T7 Fiches technique(PDF) 8 Page - Intersil Corporation

No de pièce ISL29125IROZ-T7
Description  Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29125IROZ-T7 Fiches technique(HTML) 8 Page - Intersil Corporation

Back Button ISL29125IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29125IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29125IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29125IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29125IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29125IROZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL29125IROZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL29125IROZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL29125IROZ-T7 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ISL29125
8
FN8424.2
January 24, 2014
Submit Document Feedback
Read Operation
ISL29125 has two basic read operations: Byte Read and Burst
Read.
BYTE READ
Byte read operations allows the master to access any register
location in the ISL29125. The Byte read operation is a two step
process. The master issues the START condition and the Device
Address byte with the R/W bit set to “0”, receives an
acknowledge, then issues the Register Address byte. After
acknowledging receipt of the register address byte, the master
immediately issues another START condition and the Device
Address byte with the R/W bit set to “1”. This is followed by an
acknowledge from the device and then by the 8-bit data word.
The master terminates the read operation by not responding with
an acknowledge and then issuing a stop condition. Refer to
Figure 10.
BURST READ
Burst read operation is identical to the Byte Read operation.
After the first Data byte is transmitted, the master now responds
with an acknowledge, indicating it requires additional data. The
device continues to output data for each acknowledge received.
The master terminates the read operation by not responding with
an acknowledge but issuing a STOP condition (refer to Figure 11).
For more information about the I2C standard, please consult the
PhillipsI2C specification documents.
FIGURE 9. START, DATA STABLE, ACKNOWLEDGE AND STOP CONDITION
FIGURE 10. BYTE ADDRESS READ SEQUENCE
SDA FROM
RECEIVER
SDA FROM
TRANSMITTER
SCL FROM
MASTER
START
DATA
CHANGE
DATA
STABLE
DATA
STABLE
ACK
STOP
8
th
CLk
9
th CLk
HIGH IMPEDANCE
1 0 0 010 00
A
C
K
A
C
K
S
T
A
R
T
DEVICE ADDRESS
WRITE
ADDRESS BYTE
SIGNAL FROM
MASTER DEVICE
SIGNAL AT SDA
SIGNALS FROM
SLAVE DEVICE
A
C
K
S
T
O
P
DEVICE ADDRESS
READ
DATA BYTE
S
T
A
R
T
1 0 0 010 01
FIGURE 11. BURST READ SEQUENCE
1 0001 000
A
C
K
A
C
K
S
T
A
R
T
DEVICE ADDRESS
WRITE
AD DRESS B YTE
SIGNA L FRO M
M ASTER DEVICE
SIGN AL AT SDA
SIG NALS FROM
SLAVE DEVICE
A
C
K
S
T
O
P
DEVICE ADDRESS
READ
DATA BYTE 1
S
T
A
R
T
1 000 1001
A
C
K
DATA BYTE 2
A
C
K
D ATA BYTE n
(“n” is any integer
greater than 1)


Numéro de pièce similaire - ISL29125IROZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL29125IROZ-T7 RENESAS-ISL29125IROZ-T7 Datasheet
786Kb / 17P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
ISL29125IROZ-T7A RENESAS-ISL29125IROZ-T7A Datasheet
786Kb / 17P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
More results

Description similaire - ISL29125IROZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL29124 INTERSIL-ISL29124 Datasheet
100Kb / 2P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
February 19, 2014
logo
Renesas Technology Corp
ISL29124 RENESAS-ISL29124 Datasheet
770Kb / 16P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
January 13, 2015
ISL29125 RENESAS-ISL29125 Datasheet
786Kb / 17P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
logo
Intersil Corporation
ISL29125 INTERSIL-ISL29125 Datasheet
99Kb / 2P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
logo
Renesas Technology Corp
ISL29120 RENESAS-ISL29120 Datasheet
462Kb / 8P
   Digital Output, Low Power, Red, Green, and Blue Color Light Sensor
logo
Intersil Corporation
ISL29120 INTERSIL-ISL29120 Datasheet
343Kb / 8P
   Digital Output, Low Power, Red, Green, and Blue Color Light Sensor
logo
ams AG
TCS3472 AMSCO-TCS3472 Datasheet
1Mb / 27P
   COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
logo
List of Unclassifed Man...
TCS34727FN ETC2-TCS34727FN Datasheet
1Mb / 27P
   COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
logo
Broadcom Corporation.
APDS-9250 BOARDCOM-APDS-9250 Datasheet
522Kb / 21P
   Digital RGB, IR and Ambient Light Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9250 AVAGO-APDS-9250 Datasheet
522Kb / 21P
   Digital RGB, IR and Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com