Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL29033IROZ-EVALZ Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce ISL29033IROZ-EVALZ
Description  Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29033IROZ-EVALZ Fiches technique(HTML) 2 Page - Intersil Corporation

  ISL29033IROZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL29033IROZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL29033IROZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL29033IROZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29033IROZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29033IROZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29033IROZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29033IROZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29033IROZ-EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ISL29033
2
FN7656.2
February 25, 2013
Pin Configuration
ISL29033
(6 LD ODFN)
TOP VIEW
1
2
3
6
5
4
VDD
GND
REXT
SDA
SCL
INT
*EXPOSED PAD CAN BE CONNECTED TO GND OR
ELECTRICALLY ISOLATED
PD*
Pin Descriptions
PIN
NUMBER PIN NAME
DESCRIPTION
PD
PD
Thermal Pad (connect to GND, or float)
1
VDD
Positive supply: 2.25V to 3.63V
2GND
Ground
3
REXT
External resistor pin for ADC reference; connect
this pin to ground through a (nominal) 499
kΩ
resistor.
4
INT
Interrupt pin; low for interrupt alarming. INT pin
is open drain. INT remains asserted until the
interrupt flag status bit is reset.
5SCL
I2C serial clock
6SDA
I2C serial data
Ordering Information
PART NUMBER
(Notes 1, 2, 3, 4)
TEMP. RANGE
(°C)
PACKAGE
TAPE AND REEL
(Pb-free)
PKG.
DWG. #
ISL29033IROZ-T7
-40 to +85
6 Ld ODFN
L6.2x2.1
ISL29033IROZ-EVALZ
Evaluation Board
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu
plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL29033. For more information on MSL please see Tech Brief TB477.
4. The part marking is located on the bottom of the part.


Numéro de pièce similaire - ISL29033IROZ-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL29033IROZ-EVALZ INTERSIL-ISL29033IROZ-EVALZ Datasheet
468Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
February 25, 2013
logo
Renesas Technology Corp
ISL29033IROZ-EVALZ RENESAS-ISL29033IROZ-EVALZ Datasheet
771Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
More results

Description similaire - ISL29033IROZ-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL29033IROZ-T7 INTERSIL-ISL29033IROZ-T7 Datasheet
468Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
February 25, 2013
logo
Renesas Technology Corp
ISL29033 RENESAS-ISL29033 Datasheet
771Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
logo
Intersil Corporation
ISL29023 INTERSIL-ISL29023 Datasheet
511Kb / 11P
   Integrated Digital Ambient Light Sensor with Interrupt Function
logo
Renesas Technology Corp
ISL29011 RENESAS-ISL29011 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
ISL29011 INTERSIL-ISL29011_11 Datasheet
822Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018 INTERSIL-ISL29018 Datasheet
633Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011_10 Datasheet
680Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011 Datasheet
631Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018IROZ-T7 INTERSIL-ISL29018IROZ-T7 Datasheet
803Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
October 8, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com