Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL29030AIROZ-EVALZ Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce ISL29030AIROZ-EVALZ
Description  Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29030AIROZ-EVALZ Fiches technique(HTML) 6 Page - Intersil Corporation

Back Button ISL29030AIROZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL29030AIROZ-EVALZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ISL29030A
6
FN7722.2
November 12, 2012
Register Map
There are ten 8-bit registers accessible via I2C. Registers 0x1 and 0x2 define the operation mode of the device. Registers 0x3 through 0x7
store the various ALS/IR/Prox thresholds which trigger interrupt events. Registers 0x8 through 0xA store the results of ALS/IR/Prox ADC
conversions.
Register Descriptions
TABLE 1. ISL29030A REGISTERS AND REGISTER BITS
ADDR
REG NAME
BIT
7
654
321
0
DEFAULT
0x00
(n/a)
(Reserved)
(n/a)
0x01
CONFIGURE
PROX_EN
PROX_SLP[2:0]
PROX_DR
ALS_EN
ALS_RANGE ALSIR_MODE
0x00
0x02
INTERRUPT
PROX_FLAG
PROX_PRST[1:0]
(Write 0)
ALS_FLAG
ALS_PRST[1:0]
INT_CTRL
0x00
0x03
PROX_LT
PROX_LT[7:0]
0x00
0x04
PROX_HT
PROX_HT[7:0]
0xFF
0x05
ALSIR_TH1
ALSIR_LT[7:0]
0x00
0x06
ALSIR_TH2
ALSIR_HT[3:0]
ALSIR_LT[11:8]
0xF0
0x07
ALSIR_TH3
ALSIR_HT[11:4]
0xFF
0x08
PROX_DATA
PROX_DATA[7:0]
0x00
0x09
ALSIR_DT1
ALSIR_DATA[7:0]
0x00
0x0A
ALSIR_DT2
(Unused)
ALSIR_DATA[11:8]
0x00
0x0E
TEST1
(Write as 0x00)
0x00
0x0F
TEST2
(Write as 0x00)
0x00
TABLE 2. REGISTER 0x00 (RESERVED)
BIT #
ACCESS
DEFAULT
NAME
FUNCTION/OPERATION
7:0
(n/a)
(n/a)
(n/a)
Reserved - no need to read or write
TABLE 3. REGISTER 0x01 (CONFIGURE) - PROX/ALS CONFIGURATION
BIT #
ACCESS
DEFAULT
NAME
FUNCTION/OPERATION
7RW
0x00
PROX_EN
(Prox Enable)
When = 0, proximity sensing is disabled
When = 1, continuous proximity sensing is enabled. Prox data will be ready 0.54ms after this bit is
set high
6:4
RW
0x00
PROX_SLP
(Prox Sleep)
For bits 6:4 = (see the following)
111; sleep time between prox IR LED pulses is 0.0ms (run continuously)
110; sleep time between prox IR LED pulses is 12.5ms
101; sleep time between prox IR LED pulses is 50ms
100; sleep time between prox IR LED pulses is 75ms
011; sleep time between prox IR LED pulses is 100ms
010; sleep time between prox IR LED pulses is 200ms
001; sleep time between prox IR LED pulses is 400ms
000; sleep time between prox IR LED pulses is 800ms
3RW
0x00
PROX_DR
(Prox Drive)
When = 0, IRDR behaves as a pulsed 110mA current sink
When = 1, IRDR behaves as a pulsed 220mA current sink
2RW
0x00
ALS_EN
(ALS Enable)
When = 0, ALS/IR sensing is disabled
When = 1, continuous ALS/IR sensing is enabled with new data ready every 100ms
1RW
0x00
ALS_RANGE
(ALS Range)
When = 0, ALS is in low-lux range
When = 1, ALS is in high-lux range
0RW
0x00
ALSIR_MODE
(ALSIR Mode)
When = 0, ALS/IR data register contains visible ALS sensing data
When = 1, ALS/IR data register contains IR spectrum sensing data


Numéro de pièce similaire - ISL29030AIROZ-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL29030AIROZ-EVALZ INTERSIL-ISL29030AIROZ-EVALZ Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29030AIROZ-EVALZ INTERSIL-ISL29030AIROZ-EVALZ Datasheet
601Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
logo
Renesas Technology Corp
ISL29030AIROZ-EVALZ RENESAS-ISL29030AIROZ-EVALZ Datasheet
824Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
More results

Description similaire - ISL29030AIROZ-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL29030 RENESAS-ISL29030 Datasheet
853Kb / 17P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
ISL29030A RENESAS-ISL29030A Datasheet
824Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
logo
Intersil Corporation
ISL29030IROZ-T7 INTERSIL-ISL29030IROZ-T7 Datasheet
538Kb / 17P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digita Out
November 12, 2012
ISL29028IROZ INTERSIL-ISL29028IROZ Datasheet
624Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 4, 2011
logo
Renesas Technology Corp
ISL29028 RENESAS-ISL29028 Datasheet
820Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29030A INTERSIL-ISL29030A_11 Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
600Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
January 29, 2014
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
576Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
logo
Renesas Technology Corp
ISL29028A RENESAS-ISL29028A Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29029 RENESAS-ISL29029 Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com