Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL29023IROZ-EVALZ Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce ISL29023IROZ-EVALZ
Description  Integrated Digital Light Sensor with Interrupt
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29023IROZ-EVALZ Fiches technique(HTML) 4 Page - Intersil Corporation

  ISL29023IROZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL29023IROZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL29023IROZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL29023IROZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29023IROZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29023IROZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29023IROZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29023IROZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29023IROZ-EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ISL29023
4
FN6691.4
May 1, 2014
Submit Document Feedback
Typical Performance Curves
FIGURE 3. NORMALIZED SPECTRAL RESPONSE OF LIGHT SOURCES
FIGURE 4. NORMALIZED SPECTRAL RESPONSE FOR AMBIENT
LIGHT SENSING AND IR SENSING
FIGURE 5. RADIATION PATTERN
FIGURE 6. SENSITIVITY TO THREE LIGHT SOURCES
FIGURE 7. OUTPUT CODE FOR 0 LUX vs TEMPERATURE
FIGURE 8. OUTPUT CODE vs TEMPERATURE
300
400
500
600
700
800
900
1000 1100
WAVELENGTH (nm)
SUN
HALOGEN
INCANDESCENT
FLUORESCENT
0
0.2
0.4
0.6
0.8
1.0
1.2
-0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
300
400
500
600
700
800
900
1000 1100
WAVELENGTH (nm)
HUMAN EYE
IR SENSING
AMBIENT LIGHT SENSING
RADIATION PATTERN
LUMINOSITY
ANGLE
RELATIVE SENSITIVITY
90°
80°
70°
60°
50°
40°
30°
20°
10°
10°
20°
30°
40°
50°
60°
70°
80°
90°
0.2
0.4
0.6
0.8
1.0
0
100
200
300
400
500
600
700
800
900
1000
0
100 200 300 400 500 600 700 800 900 1000
LUX METER READING (LUX)
INCANDESCENT
HALOGEN
FLUORESCENT
ALS SENSING
RANGE 1 (1k Lux)
16-BIT ADC
0
32768
65535
1000 LUX
Ecal =
216
x DATA
NO COVER GLASS
TEMPERATURE (°C)
0
2
4
6
8
10
-60
-20
20
60
100
TEMPERATURE (°C)
0.90
0.95
1.00
1.05
1.10
-60
-20
20
60
100
300 Lux FLUORESCENT LIGHT
ALS SENSING
RANGE 1 (1k Lux)


Numéro de pièce similaire - ISL29023IROZ-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL29023IROZ-EVALZ INTERSIL-ISL29023IROZ-EVALZ Datasheet
511Kb / 11P
   Integrated Digital Ambient Light Sensor with Interrupt Function
logo
Renesas Technology Corp
ISL29023IROZ-EVALZ RENESAS-ISL29023IROZ-EVALZ Datasheet
882Kb / 14P
   Integrated Digital Light Sensor with Interrupt
More results

Description similaire - ISL29023IROZ-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL29035 INTERSIL-ISL29035 Datasheet
101Kb / 2P
   Integrated Digital Light Sensor with Interrupt
logo
Renesas Technology Corp
ISL29023 RENESAS-ISL29023 Datasheet
882Kb / 14P
   Integrated Digital Light Sensor with Interrupt
logo
Intersil Corporation
ISL29035 INTERSIL-ISL29035_14 Datasheet
476Kb / 16P
   Integrated Digital Light Sensor with Interrupt
November 12, 2014
logo
Renesas Technology Corp
ISL29035 RENESAS-ISL29035 Datasheet
774Kb / 17P
   Integrated Digital Light Sensor with Interrupt
logo
Cooper Bussmann, Inc.
ISL29035 COOPER-ISL29035 Datasheet
101Kb / 2P
   Integrated Digital Light Sensor with Interrupt
logo
Intersil Corporation
ISL29023 INTERSIL-ISL29023 Datasheet
511Kb / 11P
   Integrated Digital Ambient Light Sensor with Interrupt Function
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
   Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
logo
Renesas Technology Corp
ISL29011 RENESAS-ISL29011 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
ISL29011 INTERSIL-ISL29011_11 Datasheet
822Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com