Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA6110A2 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce TPA6110A2
Description  150-mW STEREO AUDIO POWER AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA6110A2 Fiches technique(HTML) 2 Page - Texas Instruments

  TPA6110A2_15 Datasheet HTML 1Page - Texas Instruments TPA6110A2_15 Datasheet HTML 2Page - Texas Instruments TPA6110A2_15 Datasheet HTML 3Page - Texas Instruments TPA6110A2_15 Datasheet HTML 4Page - Texas Instruments TPA6110A2_15 Datasheet HTML 5Page - Texas Instruments TPA6110A2_15 Datasheet HTML 6Page - Texas Instruments TPA6110A2_15 Datasheet HTML 7Page - Texas Instruments TPA6110A2_15 Datasheet HTML 8Page - Texas Instruments TPA6110A2_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TPA6110A2
SLOS314B
– DECEMBER 2000 – REVISED MARCH 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS
PACKAGED DEVICE
TA
MSOP SYMBOLIZATION
MSOP(1)
-40
°C to 85°C
TPA6110A2DGN
TI AIZ
(1)
The DGN package is available in left-ended tape and reel only (e.g., TPA6110A2DGNR).
PinFunctions
PIN
I/O
DESCRIPTION
NAME
NO.
Tap to voltage divider for internal mid-supply bias supply. Connect to a 0.1
µF to 1 µF low ESR capacitor
BYPASS
1
I
for best performance.
GND
2
I
GND is the ground connection.
IN1
8
I
IN1
– is the inverting input for channel 1.
IN2
4
I
IN2
– is the inverting input for channel 2.
SHUTDOWN
3
I
Puts the device in a low quiescent current mode when held high.
VDD
6
I
VDD is the supply voltage terminal.
VO1
7
O
VO1 is the audio output for channel 1.
VO2
5
O
VO2 is the audio output for channel 2.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
UNIT
VDD
Supply voltage
6 V
VI
Input voltage
–0.3 V to VDD + 0.3 V
Continuous total power dissipation
Internally limited
TJ
Operating junction temperature range
-40
°C to 150°C
Tstg
Storage temperature range
-65
°C to 150°C
(1)
Stresses beyond those listed under
"absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating
conditions
” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
DGN
2.14 W(1)
17.1 mW/
°C
1.37 W
1.11 W
(1)
See the Texas Instruments document, PowerPAD Thermally Enhanced Package Application Report (SLMA002), for more information on
the PowerPAD
™ package. The thermal data was measured on a PCB layout based on the information in the section entitled Texas
Instruments Recommended Board for PowerPAD on page 33 of the before mentioned document.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VDD
Supply voltage
2.5
5.5
V
TA
Operating free-air temperature
-40
85
°C
VIH
High-level input voltage (SHUTDOWN)
60% x VDD
V
VIL
Low-level input voltage (SHUTDOWN)
25% x VDD
V
2
Submit Documentation Feedback
Copyright
© 2000–2011, Texas Instruments Incorporated
Product Folder Link(s): TPA6110A2


Numéro de pièce similaire - TPA6110A2_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6110A2-07 TI-TPA6110A2-07 Datasheet
660Kb / 20P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2DGN TI-TPA6110A2DGN Datasheet
381Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2DGN TI-TPA6110A2DGN Datasheet
660Kb / 20P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2DGNG4 TI-TPA6110A2DGNG4 Datasheet
660Kb / 20P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2DGNR TI-TPA6110A2DGNR Datasheet
660Kb / 20P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results

Description similaire - TPA6110A2_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA102 TI-TPA102 Datasheet
416Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA122 TI1-TPA122_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2 Datasheet
381Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com