Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA4860 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TPA4860
Description  1-W MONO AUDIO POWER AMPLIFIER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA4860 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPA4860_15 Datasheet HTML 4Page - Texas Instruments TPA4860_15 Datasheet HTML 5Page - Texas Instruments TPA4860_15 Datasheet HTML 6Page - Texas Instruments TPA4860_15 Datasheet HTML 7Page - Texas Instruments TPA4860_15 Datasheet HTML 8Page - Texas Instruments TPA4860_15 Datasheet HTML 9Page - Texas Instruments TPA4860_15 Datasheet HTML 10Page - Texas Instruments TPA4860_15 Datasheet HTML 11Page - Texas Instruments TPA4860_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
www.ti.com
0.02
10
1
0.1
0.01
0.1
1
PO − Output Power − W
VDD = 5 V
AV = −2 V/V
RL = 8 Ω
f = 20 Hz
CB = 0.1 µF
2
CB = 1 µF
20
10
1
0.1
0.01
100
1 k
10 k 20 k
f − Frequency − Hz
VDD = 5 V
AV = −10 V/V
Single Ended
RL = 8 Ω
PO = 250 mW
RL = 32 Ω
PO = 60 mW
0.02
10
1
0.1
0.01
0.1
1
PO − Output Power − W
VDD = 5 V
AV = −2 V/V
RL = 8 Ω
f = 1 kHz
2
CB = 0.1 µF
0.02
10
1
0.1
0.01
0.1
1
PO − Output Power − W
VDD = 5 V
AV = −2 V/V
RL = 8 Ω
f = 20 kHz
CB = 0.1 µF
2
TPA4860
SLOS164B – SEPTEMBER 1996 – REVISED JUNE 2004
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
OUTPUT POWER
Figure 11.
Figure 12.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 13.
Figure 14.
8


Numéro de pièce similaire - TPA4860_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA4860D TI-TPA4860D Datasheet
430Kb / 25P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860D TI-TPA4860D Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860DR TI-TPA4860DR Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860DRG4 TI-TPA4860DRG4 Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_06 Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
More results

Description similaire - TPA4860_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_06 Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_07 Datasheet
486Kb / 23P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860 Datasheet
430Kb / 25P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
logo
Texas Instruments
TPA0211 TI-TPA0211 Datasheet
88Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_15 Datasheet
889Kb / 28P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1_15 Datasheet
575Kb / 18P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_07 Datasheet
746Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com