Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA2005D1-Q1 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce TPA2005D1-Q1
Description  1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA2005D1-Q1 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPA2005D1-Q1_15 Datasheet HTML 5Page - Texas Instruments TPA2005D1-Q1_15 Datasheet HTML 6Page - Texas Instruments TPA2005D1-Q1_15 Datasheet HTML 7Page - Texas Instruments TPA2005D1-Q1_15 Datasheet HTML 8Page - Texas Instruments TPA2005D1-Q1_15 Datasheet HTML 9Page - Texas Instruments TPA2005D1-Q1_15 Datasheet HTML 10Page - Texas Instruments TPA2005D1-Q1_15 Datasheet HTML 11Page - Texas Instruments TPA2005D1-Q1_15 Datasheet HTML 12Page - Texas Instruments TPA2005D1-Q1_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
_
+
IN–
IN+
PWM
H–
Bridge
VO+
VO–
Internal
Oscillator
CS
To Battery
VDD
GND
Bias
Circuitry
RI
RI
+
Differential
Input
TPA2005D1
Filter-Free Class D
SHUTDOWN
TPA2005D1-Q1
www.ti.com
SLOS474C – AUGUST 2005 – REVISED MARCH 2010
APPLICATION INFORMATION
FULLY DIFFERENTIAL AMPLIFIER
The TPA2005D1 is a fully differential amplifier with differential inputs and outputs. The fully differential amplifier
consists of a differential amplifier and a common-mode amplifier. The differential amplifier ensures that the
amplifier outputs a differential voltage on the output that is equal to the differential input times the gain. The
common-mode feedback ensures that the common-mode voltage at the output is biased around VDD/2,
regardless of the common-mode voltage at the input. The fully differential TPA2005D1 can still be used with a
single-ended input; however, the TPA2005D1 should be used with differential inputs when in a noisy
environment, like a wireless handset, to ensure maximum noise rejection.
Advantages of Fully Differential Amplifiers
Input-coupling capacitors not required:
The fully differential amplifier allows the inputs to be biased at a voltage other than mid-supply. For
example, if a codec has a mid-supply lower than the mid-supply of the TPA2005D1, the common-mode
feedback circuit adjusts, and the TPA2005D1 outputs still is biased at mid-supply of the TPA2005D1. The
inputs of the TPA2005D1 can be biased from 0.5 V to VDD – 0.8 V. If the inputs are biased outside of that
range, input-coupling capacitors are required.
Mid-supply bypass capacitor, C(BYPASS), not required:
The fully differential amplifier does not require a bypass capacitor. This is because any shift in the
mid-supply affects both positive and negative channels equally and cancels at the differential output.
Better RF immunity:
GSM handsets save power by turning on and shutting off the RF transmitter at a rate of 217 Hz. The
transmitted signal is picked up on input and output traces. The fully differential amplifier cancels the signal
much better than the typical audio amplifier.
COMPONENT SELECTION
Figure 26 shows the TPA2005D1 typical schematic with differential inputs, and Figure 27 shows the TPA2005D1
with differential inputs and input capacitors, and Figure 28 shows the TPA2005D1 with single-ended inputs.
Differential inputs should be used whenever possible, because the single-ended inputs are much more
susceptible to noise.
Table 1. Typical Component Values
REF DES
VALUE
EIA SIZE
MANUFACTURER
PART NUMBER
RI
150 k
Ω (±0.5%)
0402
Panasonic
ERJ2RHD154V
CS
1 mF (+22%, –80%)
0402
Murata
GRP155F50J105Z
CI
(1)
3.3 nF (±10%)
0201
Murata
GRP033B10J332K
(1)
CI is needed only for single-ended input or if VICM is not between 0.5 V and VDD – 0.8 V. CI = 3.3 nF (with RI = 150 kΩ) gives a
high-pass corner frequency of 321 Hz.
Figure 26. Typical TPA2005D1 Application Schematic With Differential Input for a Wireless Phone
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPA2005D1-Q1


Numéro de pièce similaire - TPA2005D1-Q1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI1-TPA2005D1-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
More results

Description similaire - TPA2005D1-Q1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
   2.8 W filter-free mono class D audio power amplifier
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
   2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
[Old version datasheet]   1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com