Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA0172 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TPA0172
Description  2-W STEREO AUDIO POWER AMPLIFIER WITH I2C BUS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA0172 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPA0172_15 Datasheet HTML 2Page - Texas Instruments TPA0172_15 Datasheet HTML 3Page - Texas Instruments TPA0172_15 Datasheet HTML 4Page - Texas Instruments TPA0172_15 Datasheet HTML 5Page - Texas Instruments TPA0172_15 Datasheet HTML 6Page - Texas Instruments TPA0172_15 Datasheet HTML 7Page - Texas Instruments TPA0172_15 Datasheet HTML 8Page - Texas Instruments TPA0172_15 Datasheet HTML 9Page - Texas Instruments TPA0172_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
TPA0172
2W STEREO AUDIO POWER AMPLIFIER
WITH I2C BUS
SLOS327C − AUGUST 2000 − REVISED MAY 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0.001
10
0.01
0.1
1
0.50
1.50
1.00
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
PO − Output Power − W
2.00
2.50
3.00
Figure 1
0.75
1.25
1.75
2.25
2.75
AV = 20 to 0 dB
f = 1 kHz
Mode = BTL
RL = 4 Ω
RL = 8 Ω
Figure 2
10
0.01
0.1
1
1m
10
10m
100m
1
f = 20 Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
RL = 4 Ω
AV = 20 to 0 dB
Mode = BTL
PO − Output Power − W
f = 20 kHz
f = 1 kHz
Figure 3
0.001
10
0.01
0.1
1
20
20k
100
1k
10k
f − Frequency − Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
RL = 8 Ω
AV = 20 to 0 dB
Mode = BTL
PO = 1 W
Figure 4
10
0.01
0.1
1
1m
10
10m
100m
1
f = 20 kHz
f = 20 Hz
f = 1 kHz
RL = 8 Ω
AV = 20 to 0 dB
Mode = BTL
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
PO − Output Power − W


Numéro de pièce similaire - TPA0172_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Description similaire - TPA0172_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA0172 TI-TPA0172 Datasheet
474Kb / 31P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH I2C BUS
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS4956 STMICROELECTRONICS-TS4956 Datasheet
1Mb / 51P
   Stereo audio amplifier system with I2C bus interface
logo
Anpec Electronics Corop...
APA2020 ANPEC-APA2020 Datasheet
269Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI1-TPA0202_16 Datasheet
1Mb / 49P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA0202 UTC-PA0202 Datasheet
230Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202_15 Datasheet
351Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
   2-W Stereo Audio Power Amplifier with Mute
logo
Unisonic Technologies
PA3202 UTC-PA3202_09 Datasheet
362Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com