Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL267452IHZ-T Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce ISL267452IHZ-T
Description  12-Bit, 555kSPS SAR ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL267452IHZ-T Fiches technique(HTML) 5 Page - Intersil Corporation

  ISL267452IHZ-T Datasheet HTML 1Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 2Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 3Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 4Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 5Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 6Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 7Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 8Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ISL267452
5
FN8255.0
July 26, 2012
Absolute Maximum Ratings
Thermal Information
Any Pin to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.0V
Analog Input to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to VDD+0.3V
Digital I/O to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to VDD+0.3V
Digital Input Voltage to GND . . . . . . . . . . . . . . . . . . . . . . .-0.3V to VDD+0.3V
Maximum Current In to Any Pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
ESD Rating
Human Body Model (Tested per JESD22-A114F) . . . . . . . . . . . . . . . . 8kV
Machine Model (Tested per JESD22-A115B) . . . . . . . . . . . . . . . . . 400V
Charged Device Model (Tested per JESD22-C101E). . . . . . . . . . . . 1.5kV
Latch Up (Tested per JESD78C; Class 2, Level A) . . . . . . . . . . . . . . . 100mA
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
8 Ld SOT-23 Package (Notes 5, 6). . . . . . . .
135
99
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
5.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
6. For
θJC, the “case temp” location is taken at the package top center.
Electrical Specifications VDD = +3.0V to +3.6V, fSCLK = 10MHz, fS = 555kSPS, VREF = 2.0V; VDD = +4.75V to +5.25V, fSCLK =10MHz,
fS = 555kSPS, VREF = 2.5V; VCM = VREF, unless otherwise noted. Typical values are at TA = +25°C. Boldface limits apply over the operating temperature
range, -40°C to +85°C.
SYMBOL
PARAMETER
TEST CONDITIONS
ISL267452
UNITS
MIN
(Note 7)
TYP
MAX
(Note 7)
DYNAMIC PERFORMANCE
SINAD
Signal-to (Noise + Distortion) Ratio
fIN = 100kHz
VDD = +4.75V to +5.25V
70.0
71.4
dB
fIN = 100kHz
VDD = +3.0V to +3.6V
68.5
70.5
dB
THD
Total Harmonic
Distortion
fIN = 100kHz
VDD = +4.75V to +5.25V
-84
-76
dB
fIN = 100kHz
VDD = +3.0V to +3.6V
-84
-74
dB
SFDR
Spurious Free Dynamic Range
fIN = 100kHz
VDD = +4.75V to +5.25V
-87
-76
dB
fIN = 100kHz
VDD = +3.0V to +3.6V
-85
-74
dB
IMD
Intermodulation Distortion
2nd and 3rd order, fIN = 90kHz, 110kHz
-95
dB
tpd
Aperture Delay
1ns
Δtpd
Aperture Jitter
15
ps
β3dB
Full Power Bandwidth
@ –3dB
15
MHz
DC ACCURACY
NResolution
12
Bits
INL
Integral Nonlinearity
-1
±0.4
1
LSB
DNL
Differential Nonlinearity
Guaranteed no missed codes to 12 bits
-0.95
±0.3
0.95
LSB
OFFSET
Zero-Code Error
Zero Volt Differential Input
-6
±0.2
6
LSB
GAIN
Positive Gain Error
± VREF input range
-2
±0.1
2
LSB
Negative Gain Error
-2
±0.1
2
LSB
ANALOG INPUT (Note 8)
|AIN|
Full-Scale Input Span
2 x VREF
VIN+ - VIN–
V
VIN+, VIN–
Absolute Input Voltage Range
VCM = VREF
VIN+
VCM±VREF/2
V
VIN–
VCM±VREF/2
V


Numéro de pièce similaire - ISL267452IHZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL267452IHZ-T INTERSIL-ISL267452IHZ-T Datasheet
716Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Renesas Technology Corp
ISL267452IHZ-T RENESAS-ISL267452IHZ-T Datasheet
1,016Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Intersil Corporation
ISL267452IHZ-T7A INTERSIL-ISL267452IHZ-T7A Datasheet
716Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Renesas Technology Corp
ISL267452IHZ-T7A RENESAS-ISL267452IHZ-T7A Datasheet
1,016Kb / 16P
   12-Bit, 555kSPS SAR ADC
More results

Description similaire - ISL267452IHZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL267452 INTERSIL-ISL267452 Datasheet
716Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Renesas Technology Corp
ISL267452 RENESAS-ISL267452 Datasheet
1,016Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Intersil Corporation
ISL2671286IBZ INTERSIL-ISL2671286IBZ Datasheet
638Kb / 15P
   12-Bit, 20kSPS SAR ADC
November 1, 2011
logo
Analog Devices
AD7482 AD-AD7482 Datasheet
1Mb / 16P
   3MSPS, 12-Bit SAR ADC
REV. 0
logo
IC MICROSYSTEMS
ICM7912 ICMIC-ICM7912 Datasheet
115Kb / 5P
   12-BIT 125KSPS SAR ADC
logo
Intersil Corporation
ISL2671286 INTERSIL-ISL2671286 Datasheet
641Kb / 15P
   12-Bit, 20kSPS SAR ADC
logo
Renesas Technology Corp
ISL2671286 RENESAS-ISL2671286 Datasheet
820Kb / 15P
   12-Bit, 20kSPS SAR ADC
logo
Analog Devices
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
   3 MSPS, 12-Bit SAR ADC
REV. B
AD7482 AD-AD7482_15 Datasheet
748Kb / 21P
   3 MSPS, 12-Bit SAR ADC
Rev. B
AD7482 AD-AD7482_17 Datasheet
566Kb / 21P
   3 MSPS, 12-Bit SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com