Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL41334IRZ Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce ISL41334IRZ
Description  ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL41334IRZ Fiches technique(HTML) 4 Page - Intersil Corporation

  ISL41334IRZ Datasheet HTML 1Page - Intersil Corporation ISL41334IRZ Datasheet HTML 2Page - Intersil Corporation ISL41334IRZ Datasheet HTML 3Page - Intersil Corporation ISL41334IRZ Datasheet HTML 4Page - Intersil Corporation ISL41334IRZ Datasheet HTML 5Page - Intersil Corporation ISL41334IRZ Datasheet HTML 6Page - Intersil Corporation ISL41334IRZ Datasheet HTML 7Page - Intersil Corporation ISL41334IRZ Datasheet HTML 8Page - Intersil Corporation ISL41334IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
FN6202.3
November 21, 2007
TABLE 3. ISL41334 FUNCTION TABLE
INPUTS
RECEIVER
OUTPUTS
DRIVER
OUTPUTS
CHARGE
PUMPS
(NOTE 2)
DRIVER
DATA
RATE
(Mbps)
MODE
SEL1 or 2 ON/OFF
SPA
SPB
RXEN 1
or 2
DE 1 or 2
RA
RB
YZ
0
1
X
X
0
N.A.
ONONON
ON
ON
0.46
RS-232
0
1
X
X
1
N.A.
High-Z
High-Z
ON
ON
ON
0.46
RS-232
X
0
X
X
X
X
High-Z
High-Z
High-Z
High-Z
OFF
N.A.
Shutdown
1
1
X
X
0
0
ON
High-Z*
High-Z
High-Z
OFF
N.A.
RS-485
1
1
0
0
0
1
ON
High-Z*
ON
ON
OFF
0.46
RS-485
1
1
0
1
0
1
ON
High-Z*
ON
ON
OFF
0.115
RS-485
1
1
1
0
0
1
ON
High-Z*
ON
ON
OFF
20
RS-485
1
1
1
1
0
1
ON
High-Z*
ON
ON
OFF
20
RS-485
1
1
X
X
1
0
High-Z
High-Z*
High-Z
High-Z
OFF
N.A.
RS-485
1
1
0
0
1
1
High-Z
High-Z*
ON
ON
OFF
0.46
RS-485
1
1
0
1
1
1
High-Z
High-Z*
ON
ON
OFF
0.115
RS-485
1
1
1
0
1
1
High-Z
High-Z*
ON
ON
OFF
20
RS-485
1
1
1
1
1
1
High-Z
High-Z*
ON
ON
OFF
20
RS-485
NOTE:
2. Charge pumps are off iff SEL1 = SEL2 = 1, or if ON/OFF = 0. If ON = 1, and either port is programmed for RS-232 mode, then the charge pumps
are on.
ISL41334 Truth Tables (FOR EACH PORT)
RS-232 TRANSMITTING MODE
INPUTS
OUTPUTS
SEL1 or 2 ON/OFF
DY
DZ
YZ
0
1
0011
0
1
0110
0
1
1001
0
1
1100
0
0
X
X
High-Z
High-Z
RS-232 RECEIVING MODE
INPUTS
OUTPUT
SEL1 or 2 ON/OFF
RXEN 1
or 2
A
B
RA
RB
0
1
000
1
1
0
1
001
1
0
0
1
010
0
1
0
1
011
0
0
0
1
0
Open
Open
1
1
0
1
1
X
X
High-Z High-Z
0
0
X
X
X
High-Z High-Z
RS-485 TRANSMITTING MODE
INPUTS
OUTPUTS
DATA
RATE
SEL1
or 2
ON/
OFF
DE
1 or 2 SPA SPB
DY
YZ
Mbps
1
1
1
0
0
0/1
1/0
0/1
0.46
1
1
1
0
1
0/1
1/0
0/1
0.115
1
1
1
1
X
0/1
1/0
0/1
20
1
1
0
X
X
X
High-Z High-Z
N.A.
1
0
X
X
X
X
High-Z High-Z
N.A.
RS-485 RECEIVING MODE
INPUTS
OUTPUT
SEL1
or 2
ON/OFF
RXEN 1
or 2
B-A
RA
RB *
11
0
≥ -40mV
1
High-Z
11
0
≤ -200mV
0
High-Z
1
1
0
Open or Shorted
together
1
High-Z
1
1
1
X
High-Z High-Z
1
0
X
X
High-Z High-Z
* Internally pulled high through a 40k
Ω resistor.
ISL81334, ISL41334


Numéro de pièce similaire - ISL41334IRZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL41334IRZ INTERSIL-ISL41334IRZ Datasheet
1Mb / 28P
   짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
ISL41334IRZ INTERSIL-ISL41334IRZ Datasheet
1,006Kb / 28P
   짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL41334IRZ RENESAS-ISL41334IRZ Datasheet
1Mb / 32P
   짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
logo
Intersil Corporation
ISL41334IRZ-T INTERSIL-ISL41334IRZ-T Datasheet
1Mb / 28P
   짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
ISL41334IRZ-T INTERSIL-ISL41334IRZ-T Datasheet
1,006Kb / 28P
   짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
More results

Description similaire - ISL41334IRZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
   ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
ISL3332IAZ INTERSIL-ISL3332IAZ Datasheet
948Kb / 26P
   3.3V, ±15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
May 27, 2008
logo
Renesas Technology Corp
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81334 INTERSIL-ISL81334_07 Datasheet
1,006Kb / 28P
   짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
947Kb / 25P
   3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
logo
Renesas Technology Corp
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL33334E RENESAS-ISL33334E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3332 RENESAS-ISL3332 Datasheet
1Mb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com