Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL33003MSOPEVAL1Z Fiches technique(PDF) 8 Page - Intersil Corporation

No de pièce ISL33003MSOPEVAL1Z
Description  I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL33003MSOPEVAL1Z Fiches technique(HTML) 8 Page - Intersil Corporation

Back Button ISL33003MSOPEVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL33003MSOPEVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL33003MSOPEVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL33003MSOPEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL33003MSOPEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL33003MSOPEVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL33003MSOPEVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL33003MSOPEVAL1Z Datasheet HTML 11Page - Intersil Corporation ISL33003MSOPEVAL1Z Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ISL33001, ISL33002, ISL33003
8
FN7560.6
July 11, 2014
Submit Document Feedback
Application Information
The ISL33001, ISL33002, ISL33003 ICs are 2-Wire Bidirectional
Bus Buffers designed to drive heavy capacitive loads in
open-drain/open-collector systems. The ISL33001, ISL33002,
ISL33003 incorporate rise time accelerator circuitry that
improves the rise time for systems that use a passive pull-up
resistor for logic HIGH. These devices also feature hot swapping
circuitry for applications that require hot insertion of boards into
a host system (i.e., servers racks and I/O card modules). The
ISL33001 features a logic output flag (READY) that signals the
status of the buffer and an EN pin to enable or disable the buffer.
The ISL33002 features two separate supply pins for voltage level
shifting on the I/O pins and a logic input to disable the rise time
accelerator circuitry. The ISL33003 features an EN pin and the
level shifting functionality.
I2C and SMBUS Compatibility
The ISL33001, ISL33002, ISL33003 ICs are I2C and SMBUS
compatible devices, designed to work in open-drain/open-collector
bus environments. The ICs support both clock stretching and bus
arbitration on the SDA and SCL pins. They are designed to operate
from DC to more than 400kHz, supporting Fast Mode data rates of
the I2C specification.In addition, the buffer rise time accelerators
are designed to increase the capacitive drive capability of the bus.
With careful choosing of components, driving a bus with the I2C
specified maximum bus capacitance of 400pF at 400kHz data rate
is possible.
Start-Up Sequencing and Hot Swap Circuitry
The ISL33001, ISL33002, ISL33003 buffers contain
undervoltage lock out (UVLO) circuitry that prevents operation of
the buffer until the IC receives the proper supply voltage. For
VCC1 and VCC2, this voltage is approximately 1.8V on the rising
edge of the supply voltage. Externally driven signals at the
SDA/SCL pins are ignored until the device supply voltage is
above 1.8V. This prevents communication errors on the bus until
the device is properly powered up. The UVLO circuitry is also
triggered on the falling edge when the supply voltage drops
below 1.7V.
Once the IC comes out of the UVLO state, the buffer remains
disconnected until it detects a valid connection state. A valid
connection state is either a BUS IDLE condition (see Figure 4) or a
STOP BIT condition (a rising edge on SDA_IN when SCL_IN is high)
along with the SCL_OUT and SDA_OUT pins being logic high.
Note: For the ISL33001 and ISL33003 with EN pins, after coming
out of UVLO, there will be an additional delay from the enable
circuitry if the EN pin voltage is not rising at the same time as the
supply pins (see Figure 3) before a valid connection state can be
established.
Coming out of UVLO but prior to a valid connection state, the SDA
and SCL pins are pre-charged to 1V to allow hot insertion.
Because the bus at any time can be between 0V and VCC,
pre-charging the I/O pins to 1V reduces the maximum
differential voltage from the buffer I/O pin and the active bus.
FIGURE 10. CIRCUIT BLOCK DIAGRAM
U1
U2
M1
M2
LOGIC CONTROL
START-UP CIRCUITRY
PRECHARGE
CIRCUIT
RISE TIME
ACCELERATOR
SDA_OUT
SDA_IN
VCC1
EN
VCC2
ACC
READY
U3
U4
M3
M4
SCL_OUT
SCL_IN
M5
ISL33001 AND ISL33003
ISL33001 ONLY
ISL33002 ONLY
ISL33002 AND ISL33003


Numéro de pièce similaire - ISL33003MSOPEVAL1Z

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL33003MSOPEVAL1Z INTERSIL-ISL33003MSOPEVAL1Z Datasheet
619Kb / 19P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Renesas Technology Corp
ISL33003MSOPEVAL1Z RENESAS-ISL33003MSOPEVAL1Z Datasheet
1Mb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
More results

Description similaire - ISL33003MSOPEVAL1Z

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL33001 RENESAS-ISL33001 Datasheet
1Mb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Intersil Corporation
ISL33001 INTERSIL-ISL33001 Datasheet
619Kb / 19P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Texas Instruments
TCA9416 TI-TCA9416_V02 Datasheet
1Mb / 30P
[Old version datasheet]   TCA9416 Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
REVISED AUGUST 2021
TCA9416 TI-TCA9416_V03 Datasheet
1Mb / 30P
[Old version datasheet]   TCA9416 Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
logo
NXP Semiconductors
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9511A NXP-PCA9511A Datasheet
156Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9513A NXP-PCA9513A Datasheet
172Kb / 26P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
PCA9514A PHILIPS-PCA9514A Datasheet
154Kb / 25P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com