Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL78206AVEZ Fiches technique(PDF) 10 Page - Intersil Corporation

No de pièce ISL78206AVEZ
Description  40V 2.5A Buck Controller with Integrated High-side MOSFET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78206AVEZ Fiches technique(HTML) 10 Page - Intersil Corporation

Back Button ISL78206AVEZ Datasheet HTML 6Page - Intersil Corporation ISL78206AVEZ Datasheet HTML 7Page - Intersil Corporation ISL78206AVEZ Datasheet HTML 8Page - Intersil Corporation ISL78206AVEZ Datasheet HTML 9Page - Intersil Corporation ISL78206AVEZ Datasheet HTML 10Page - Intersil Corporation ISL78206AVEZ Datasheet HTML 11Page - Intersil Corporation ISL78206AVEZ Datasheet HTML 12Page - Intersil Corporation ISL78206AVEZ Datasheet HTML 13Page - Intersil Corporation ISL78206AVEZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
ISL78206
10
FN8618.2
March 25, 2015
Submit Document Feedback
FIGURE 12. UPPER MOSFET rDS(ON) (mΩ) OVER-TEMPERATURE
FIGURE 13. VIN 36V, PRE-BIASED START-UP
FIGURE 14. SYNCHRONOUS BUCK MODE, VIN 36V, IO 2A,
ENABLE ON
FIGURE 15. SYNCHRONOUS BUCK, VIN 36V, IO 2A
FIGURE 16. SYNCHRONOUS BUCK MODE, VIN 36V, IO 2A,
ENABLE OFF
Typical Performance Curves (Continued)
190
160
150
140
130
120
110
100
DIE TEMPERATURE (°C)
180
170
VOUT 2V/DIV
2ms/DIV
PHASE 20V/DIV
VOUT 2V/DIV
2ms/DIV
PHASE 20V/DIV
VOUT 20mV/DIV (5V OFFSET)
PHASE 20V/DIV
5µs/DIV
VOUT 2V/DIV
2ms/DIV
PHASE 20V/DIV


Numéro de pièce similaire - ISL78206AVEZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL78206AVEZ RENESAS-ISL78206AVEZ Datasheet
1Mb / 19P
   40V 2.5A Buck Controller with Integrated High-side MOSFET
More results

Description similaire - ISL78206AVEZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL78206 RENESAS-ISL78206 Datasheet
1Mb / 19P
   40V 2.5A Buck Controller with Integrated High-side MOSFET
ISL78205 RENESAS-ISL78205 Datasheet
1Mb / 19P
   2.5A Buck Controller with Integrated High-Side MOSFET
logo
Intersil Corporation
ISL78205 INTERSIL-ISL78205 Datasheet
707Kb / 16P
   2.5A Buck Controller with Integrated High-Side MOSFET
logo
Renesas Technology Corp
ISL78201 RENESAS-ISL78201 Datasheet
1Mb / 23P
   40V 2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL78201AVEZ INTERSIL-ISL78201AVEZ Datasheet
917Kb / 23P
   40V 2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
March 31, 2015
ISL85402 INTERSIL-ISL85402 Datasheet
901Kb / 18P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78200AVEZ INTERSIL-ISL78200AVEZ Datasheet
978Kb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
December 24, 2013
logo
Renesas Technology Corp
ISL78200 RENESAS-ISL78200 Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL85402 RENESAS-ISL85402 Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL85402IRZ-TK INTERSIL-ISL85402IRZ-TK Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com