Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL21010CFH333Z-T7A Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce ISL21010CFH333Z-T7A
Description  Micropower Voltage Reference
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21010CFH333Z-T7A Fiches technique(HTML) 1 Page - Intersil Corporation

  ISL21010CFH333Z-T7A Datasheet HTML 1Page - Intersil Corporation ISL21010CFH333Z-T7A Datasheet HTML 2Page - Intersil Corporation ISL21010CFH333Z-T7A Datasheet HTML 3Page - Intersil Corporation ISL21010CFH333Z-T7A Datasheet HTML 4Page - Intersil Corporation ISL21010CFH333Z-T7A Datasheet HTML 5Page - Intersil Corporation ISL21010CFH333Z-T7A Datasheet HTML 6Page - Intersil Corporation ISL21010CFH333Z-T7A Datasheet HTML 7Page - Intersil Corporation ISL21010CFH333Z-T7A Datasheet HTML 8Page - Intersil Corporation ISL21010CFH333Z-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1
DATASHEET
Micropower Voltage Reference
ISL21010
The ISL21010 is a precision, low dropout micropower bandgap
voltage reference in a space-saving SOT-23 package. It
operates from a single 2.2V to 5.5V supply (minimum voltage
is dependent on voltage option) and provides a ±0.2%
accurate reference. The ISL21010 provides up to 25mA output
current sourcing with low 150mV dropout voltage.
Output voltage options include 1.024V, 1.2V, 1.5V, 2.048V,
2.5V, 3.0V, 3.3V and 4.096V. The low supply current and low
dropout voltage combined with high accuracy make the
ISL21010 ideal for precision battery powered applications.
Applications
• Battery management/monitoring
• Low power standby voltages
• Portable instrumentation
• Consumer/medical electronics
• Lower cost industrial and instrumentation
• Power regulation circuits
• Control loops and compensation networks
• LED/diode supply
Features
• Reference output voltages . . . . . . . . . . . 1.024V, 1.25V, 1.5V,
2.048V, 2.5V, 3.0V, 3.3V, 4.096V
• Precision 0.2% initial accuracy
• Input voltage range:
- ISL21010-10, -12, -15 -20 . . . . . . . . . . . . . . . . 2.2V to 5.5V
- ISL21010-25 . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.6V to 5.5V
- ISL21010-30. . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.1V to 5.5V
- ISL21010-33. . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.4V to 5.5V
- ISL21010-41. . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.2V to 5.5V
• Output current source capability . . . . . . . . . . . . . . . . . . 25mA
• Operating temperature range. . . . . . . . . . . .-40°C to +125°C
• Output voltage noise (VOUT = 2.048V). . . . . . . . . . . . . .58µVP-P
(0.1Hz to 10Hz)
• Supply current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .48µA (typ)
• Tempco . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50ppm/°C
• Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Ld SOT-23
• Pb-free (RoHS compliant)
Related Literature
AN1819, “ISL21010XXEV1Z User’s Guide”
AN1853, “DAQ on a Stick, Strain Gauge with Programmable
Chopper Stabilized IN-Amp”
AN1883, “Low-Side Low Cost Current Sense Amplifier”
FIGURE 1. TYPICAL APPLICATION DIAGRAM
Cb
1µF
Cl
+5.0V
SIGNAL INPUT
0V TO 5V
+5.0V
+5.0V
ISL28134
R1
C1
4.7nF
ADC
+AIN1
-AIN1
GND
VDD
VREF
VIN
VOUT
GND
ISL21010
50Ω
0.1µF TO 10µF
January 8, 2015
FN7896.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas LLC 2011, 2014, 2015. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Numéro de pièce similaire - ISL21010CFH333Z-T7A

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL21010CFH333Z-T7A RENESAS-ISL21010CFH333Z-T7A Datasheet
3Mb / 37P
   Micropower Voltage Reference
More results

Description similaire - ISL21010CFH333Z-T7A

FabricantNo de pièceFiches techniqueDescription
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Intersil Corporation
ISL21010_1112 INTERSIL-ISL21010_1112 Datasheet
1Mb / 20P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com