Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL21070DIH306Z-TK Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce ISL21070DIH306Z-TK
Description  25µA Micropower Voltage References
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21070DIH306Z-TK Fiches technique(HTML) 2 Page - Intersil Corporation

  ISL21070DIH306Z-TK Datasheet HTML 1Page - Intersil Corporation ISL21070DIH306Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21070DIH306Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21070DIH306Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21070DIH306Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21070DIH306Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21070DIH306Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21070DIH306Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21070DIH306Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ISL21070
2
FN7599.3
September 3, 2015
Submit Document Feedback
Typical Application Circuit
Pin Configuration
ISL21070
(3 LD SOT-23)
TOP VIEW
0.1µF
VIN
VOUT
GND
ISL21070
VOUT SENSE
LOAD
+
10µF
2.7V TO 5.5V
1
2
3
VOUT
GND
VIN
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1
VIN
Input Voltage Connection. Range: 2.7 to 5.5V
2
VOUT
Voltage Reference Output.
3
GND
Ground Connection
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
(Note 4)
VOUT OPTION
(V)
GRADE
TEMP. RANGE
(°C)
PACKAGE
Tape & Reel
(Pb-Free)
PKG.
DWG. #
ISL21070DIH306Z-TK (No longer available, recommended
replacement: ISL21070CIH325Z-TK)
BDNA
0.600
±1.0%, 50ppm/°C
-40 to +85
3 Ld SOT-23 P3.064
ISL21070CIH320Z-TK
BCHA
2.048
±0.25%, 30ppm/°C
-40 to +85
3 Ld SOT-23 P3.064
ISL21070CIH325Z-TK
BCJA
2.5
±0.2%, 30ppm/°C
-40 to +85
3 Ld SOT-23 P3.064
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL21070. For more information on MSL please see techbrief TB363.
4. The part marking is located on the bottom of the part.


Numéro de pièce similaire - ISL21070DIH306Z-TK

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL21070DIH306Z-TK INTERSIL-ISL21070DIH306Z-TK Datasheet
416Kb / 11P
   25關A Micropower Voltage References Low Power Standby Voltages
logo
Renesas Technology Corp
ISL21070DIH306Z-TK RENESAS-ISL21070DIH306Z-TK Datasheet
777Kb / 12P
   25關A Micropower Voltage References
More results

Description similaire - ISL21070DIH306Z-TK

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385-2-5 TI-LM385-2-5 Datasheet
670Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-1.2 TI1-LM285-1.2 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com