Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM49350 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce LM49350
Description  LM49350 Boomer짰 Audio Power Amplifier Series High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier & an Ultra Low EMI Class D Loudspeaker Amplifier with Dual I2S/PCM Digital Audio Interfaces
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM49350 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button LM49350_15 Datasheet HTML 4Page - Texas Instruments LM49350_15 Datasheet HTML 5Page - Texas Instruments LM49350_15 Datasheet HTML 6Page - Texas Instruments LM49350_15 Datasheet HTML 7Page - Texas Instruments LM49350_15 Datasheet HTML 8Page - Texas Instruments LM49350_15 Datasheet HTML 9Page - Texas Instruments LM49350_15 Datasheet HTML 10Page - Texas Instruments LM49350_15 Datasheet HTML 11Page - Texas Instruments LM49350_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 108 page
background image
LM49350, LM49350RLEVAL
SNAS359D – SEPTEMBER 2008 – REVISED JUNE 2012
www.ti.com
Connection Diagram
Figure 6. 36 Bump DSBGA
Top View (Bump Side Down)
See Package Number YPG0036TTA
PIN DESCRIPTIONS
Pin
Pin Name
Type
Direction
Description
A1
HPR
Analog
Output
Headphone right output
A2
A_VDD
Supply
Input
Headphone and mixer power supply input
A3
AGND
Supply
Input
Headphone and mixer ground
A4
VREF_FLT
Analog
Input/Output
Filter point for the microphone power supply and internal references
A5
GPIO
Digital
Input/Output
General purpose input or output
A6
SDA
Digital
Input/Output
I2C interface data line
B1
HPL
Analog
Output
Headphone left output
B2
AUX_R
Analog
Input
Right analog input
B3
AUX_L
Analog
Input
Left analog input
B4
PORT2_SYNC
Digital
Input/Output
Audio Port 2 SYNC Signal (can be master or slave)
B5
PORT2_SDI
Digital
Input
Audio Port 2 serial data input
B6
SCL
Digital
Input
I2C interface clock line
C1
HP_VSS
Analog
Output
Negative power supply pin for the headphone amplifier
C2
AUX_OUT+
Analog
Output
Auxiliary positive output
C3
AUX_OUT-
Analog
Output
Auxiliary negative output
C4
PORT2_SDO
Digital
Output
Audio port 2 serial data out
C5
PORT2_CLK
Digital
Input/Output
Audio port 2 clock signal (can be master or slave)
C6
MCLK
Digital
Input
Input clock from 0.5MHz to 50 MHz
D1
CP-
Analog
Input/Output
Charge pump flying capacitor negative input
D2
CP+
Analog
Input/Output
Charge pump flying capacitor positive input
D3
MIC_BIAS
Analog
Output
Microphone ultra clean supply (2.2V)
D4
PORT1_SYNC
Digital
Input/Output
Audio Port 1 sync signal (can be master or slave)
D5
PORT1_SDO
Digital
Output
Audio Port 1 serial data output
D6
DGND
Supply
Input
Digital ground
E1
LSGND
Supply
Input
Loudspeaker ground
E2
LS_VDD
Supply
Input
Loudspeaker power supply input
E3
RIGHT_MIC-
Analog
Input
Right microphone negative input
E4
LEFT_MIC-
Analog
Output
Left microphone negative input
E5
PORT1_SDI
Digital
Input
Audio Port 1 serial data input
8
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated
Product Folder Links: LM49350 LM49350RLEVAL


Numéro de pièce similaire - LM49350_15

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM49350RL NSC-LM49350RL Datasheet
3Mb / 104P
   High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
LM49350RLX NSC-LM49350RLX Datasheet
3Mb / 104P
   High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
More results

Description similaire - LM49350_15

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM49350 NSC-LM49350 Datasheet
3Mb / 104P
   High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
logo
Texas Instruments
LM49370RLX-NOPB TI1-LM49370RLX-NOPB Datasheet
2Mb / 89P
[Old version datasheet]   Boomer짰 Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers
logo
Nuvoton Technology Corp...
NAU88L21 NUVOTON-NAU88L21 Datasheet
1Mb / 69P
   Ultra-Low Power Audio CODEC Ground-Referenced Headphone Amplifier
logo
Texas Instruments
LM49370 TI1-LM49370_14 Datasheet
2Mb / 90P
[Old version datasheet]   Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
National Semiconductor ...
LM49370 NSC-LM49370 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
Texas Instruments
LM4917 TI1-LM4917 Datasheet
3Mb / 25P
[Old version datasheet]   Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier
logo
National Semiconductor ...
LM49450 NSC-LM49450 Datasheet
1Mb / 38P
   I2S Input, 2.5W/Channel, Low EMI, Stereo, Class D Audio Sub-System with Ground Referenced Headphone Amplifier, 3D Enhancement, and Headphone Sense
logo
Realtek Semiconductor C...
ALC5623-GR REALTEK-ALC5623-GR_08 Datasheet
1Mb / 75P
   I2S AUDIO CODEC HEADPHONE AMPLIFIER
ALC5623 REALTEK-ALC5623 Datasheet
1Mb / 74P
   I2S AUDIO CODEC HEADPHONE AMPLIFIER
logo
National Semiconductor ...
LM49370 NSC-LM49370_08 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com