Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4952 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM4952
Description  Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM4952 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button LM4952 Datasheet HTML 2Page - Texas Instruments LM4952 Datasheet HTML 3Page - Texas Instruments LM4952 Datasheet HTML 4Page - Texas Instruments LM4952 Datasheet HTML 5Page - Texas Instruments LM4952 Datasheet HTML 6Page - Texas Instruments LM4952 Datasheet HTML 7Page - Texas Instruments LM4952 Datasheet HTML 8Page - Texas Instruments LM4952 Datasheet HTML 9Page - Texas Instruments LM4952 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
-0
+1
+2
+4
+5
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
DC VOLUME VOLTAGE (V)
+3
+0.5
+1.5
+2.5
+4.5
+3.5
20
20k
FREQUENCY (Hz)
50 100 200 500
10k
1k
2k
5k
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
+0
20
20k
FREQUENCY (Hz)
50 100 200 500
10k
1k
2k
5k
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
+0
20
20k
FREQUENCY (Hz)
-100
+0
10k
1k
2k
5k
50 100 200 500
-90
-80
-70
-60
-50
-40
-30
-20
-10
-95
-85
-75
-65
-55
-45
-35
-25
-15
-5
LM4952
SNAS230A – AUGUST 2004 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
AV = 20dB and TA = 25°C, unless otherwise noted.
Power Supply Rejection vs Frequency
Total Power Dissipation vs Load Dissipation
VDD = 12V, RL = 4Ω,
VDD = 12V, fIN = 1kHz,
VRIPPLE = 200mVp-p
at (from top to bottom at 1W):
RL = 4Ω, RL = 8Ω
Figure 9.
Figure 10.
Output Power vs Load Resistance
Channel-to-Channel Crosstalk vs Frequency
VDD = 12V, RL = 4Ω, POUT = 1W, Input Referred
VDD = 12V, fIN = 1kHz,
at (from top to bottom at 1kHz): VINB driven,
at (from top to bottom at 15
Ω):
VOUTA measured, VINA driven, VOUTB measured
THD+N = 10%, THD+N = 1%
Figure 11.
Figure 12.
Channel-to-Channel Crosstalk vs Frequency
Amplifier Gain vs DC Volume Voltage
VDD = 12V, RL = 8Ω, POUT = 1W, Input Referred
VDD = 12V, RL = 8Ω, at (from top to bottom at 1.5V):
at (from top to bottom at 1kHz): VINB driven,
Decreasing DC Volume Voltage, Increasing DC Volume Voltage
VOUTA measured, VINA driven, VOUTB measured
Figure 13.
Figure 14.
6
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4952


Numéro de pièce similaire - LM4952

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4952 NSC-LM4952 Datasheet
713Kb / 20P
   3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
LM4952TS NSC-LM4952TS Datasheet
713Kb / 20P
   3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
More results

Description similaire - LM4952

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4952 NSC-LM4952 Datasheet
713Kb / 20P
   3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
logo
Anpec Electronics Corop...
APA2071 ANPEC-APA2071 Datasheet
393Kb / 24P
   Stereo 3.1W Non-inverting Audio Power Amplifier(with DC Volume Control)
logo
Texas Instruments
LM4950TSX-NOPB TI1-LM4950TSX-NOPB Datasheet
3Mb / 30P
[Old version datasheet]   LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
logo
Unisonic Technologies
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA7063 ANPEC-APA7063 Datasheet
236Kb / 20P
   Stereo 1.5W Audio Power Amplifier with DC Volume Control
APA2070 ANPEC-APA2070 Datasheet
417Kb / 24P
   Stereo 2.6W Audio Power Amplifier (with DC Volume Control)
logo
Unisonic Technologies
PA7468 UTC-PA7468_15 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
SamHop Microelectronics...
SM7512 SAMHOP-SM7512 Datasheet
336Kb / 16P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com