Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL59923IRZ Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce ISL59923IRZ
Description  Triple Analog Video Delay Lines
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59923IRZ Fiches technique(HTML) 2 Page - Intersil Corporation

  ISL59923IRZ Datasheet HTML 1Page - Intersil Corporation ISL59923IRZ Datasheet HTML 2Page - Intersil Corporation ISL59923IRZ Datasheet HTML 3Page - Intersil Corporation ISL59923IRZ Datasheet HTML 4Page - Intersil Corporation ISL59923IRZ Datasheet HTML 5Page - Intersil Corporation ISL59923IRZ Datasheet HTML 6Page - Intersil Corporation ISL59923IRZ Datasheet HTML 7Page - Intersil Corporation ISL59923IRZ Datasheet HTML 8Page - Intersil Corporation ISL59923IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ISL59920, ISL59921, ISL59922, ISL59923
2
FN6826.4
August 27, 2015
Submit Document Feedback
Pin Configuration
ISL59920, ISL59921, ISL59922, ISL59923
(20 LD 5x5 QFN)
TOP VIEW
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
MAX
DELAY
(ns)
DELAY STEP
SIZE (ns)
TYPICAL POWER
DISSIPATION
(mW)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
ISL59920IRZ
59920 IRZ
62
2.0
645
20 Ld 5mmx5mm QFN
L20.5x5C
ISL59921IR (No longer
available or supported)
59921 IRZ
46.5
1.5
645
20 Ld 5mmx5mm QFN
L20.5x5C
ISL59922IRZ(No longer
available or supported)
59922 IRZ
31
1.0
645
20 Ld 5mmx5mm QFN
L20.5x5C
ISL59923IRZ(No longer
available or supported)
59923 IRZ
30
2.0
540
20 Ld 5mmx5mm QFN
L20.5x5C
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-
free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see product information pages for ISL59920, ISL59921, ISL59922, ISL59923. For more information on
MSL, please see tech brief TB363
1
2
3
4
15
14
13
12
VSP
RIN
GND
GIN
ROUT
GNDO
GOUT
VSMO
THERMAL
PAD
5
VSM
11 BOUT
Pin Descriptions
PIN NUMBER
PIN NAME
PIN DESCRIPTION
1VSP
+5V for delay circuitry and input amp
2RIN
Red channel video input
3
GND
0V for delay circuitry supply
4GIN
Green channel video input
5VSM
-5V for input amp
6BIN
Blue channel video input
7
CENABLE
Chip Enable input, active high: logical high enables chip, low disables chip. This pin should be low
at power-on until at least 30ms after the power supply has settled to within 5% of its final value.
For more information, see “CENABLE at Power-On” on page 16.
8SENABLE
Serial Enable input, active low: logical low enables serial communication
9
SDATA
Serial Data input, logic threshold 1.2V: data to be programmed into chip


Numéro de pièce similaire - ISL59923IRZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59923IRZ INTERSIL-ISL59923IRZ Datasheet
724Kb / 15P
   Triple Analog Video Delay Lines
ISL59923IRZ INTERSIL-ISL59923IRZ Datasheet
815Kb / 16P
   Triple Analog Video Delay Lines
logo
Renesas Technology Corp
ISL59923IRZ RENESAS-ISL59923IRZ Datasheet
1Mb / 18P
   Triple Analog Video Delay Lines
More results

Description similaire - ISL59923IRZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59920 INTERSIL-ISL59920 Datasheet
815Kb / 16P
   Triple Analog Video Delay Lines
ISL59920 INTERSIL-ISL59920_09 Datasheet
724Kb / 15P
   Triple Analog Video Delay Lines
logo
Renesas Technology Corp
ISL59920 RENESAS-ISL59920 Datasheet
1Mb / 18P
   Triple Analog Video Delay Lines
logo
Intersil Corporation
EL9115 INTERSIL-EL9115 Datasheet
581Kb / 9P
   Triple Analog Video Delay Line
EL9115 INTERSIL-EL9115_08 Datasheet
373Kb / 9P
   Triple Analog Video Delay Line
EL9115ILZ INTERSIL-EL9115ILZ Datasheet
446Kb / 10P
   Triple Analog Video Delay Line
January 12, 2012
EL9115 INTERSIL-EL9115_06 Datasheet
330Kb / 9P
   Triple Analog Video Delay Line
EL9115 INTERSIL-EL9115_09 Datasheet
388Kb / 9P
   Triple Analog Video Delay Line
logo
Renesas Technology Corp
EL9115 RENESAS-EL9115 Datasheet
651Kb / 10P
   Triple Analog Video Delay Line
logo
Faraday Technology
FNV180 FARADAY-FNV180 Datasheet
74Kb / 2P
   ADJUSTABLE VIDEO DELAY LINES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com