Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL59921IR Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce ISL59921IR
Description  Triple Analog Video Delay Lines
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59921IR Fiches technique(HTML) 1 Page - Intersil Corporation

  ISL59921IR Datasheet HTML 1Page - Intersil Corporation ISL59921IR Datasheet HTML 2Page - Intersil Corporation ISL59921IR Datasheet HTML 3Page - Intersil Corporation ISL59921IR Datasheet HTML 4Page - Intersil Corporation ISL59921IR Datasheet HTML 5Page - Intersil Corporation ISL59921IR Datasheet HTML 6Page - Intersil Corporation ISL59921IR Datasheet HTML 7Page - Intersil Corporation ISL59921IR Datasheet HTML 8Page - Intersil Corporation ISL59921IR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
DATASHEET
Triple Analog Video Delay Lines
ISL59920, ISL59921, ISL59922, ISL59923
The ISL59920, ISL59921, ISL59922, and ISL59923 are triple
analog delay lines that provide skew compensation between
three high-speed signals. These parts are ideal for
compensating for the skew introduced by a typical CAT-5,
CAT-6 or CAT-7 cable (with differing electrical lengths on each
twisted pair) when transmitting analog video.
Using a simple serial interface, the ISL59920, ISL59921,
ISL59922, and ISL59923’s delays are programmable in steps
of 2, 1.5, 1, or 2ns (respectively) for up to a total delay of 62,
46.5, 31, or 30ns (respectively) on each channel. The gain of
the video amplifiers can be set to x1 (0dB) or x2 (6dB) for
back-termination. The delay lines require a ±5V supply.
Features
• 30, 31, 46.5, or 62ns Total delay
• 1.0, 1.5, or 2.0ns Delay step increments
• Very low offset voltage
• Drop-in compatible with the EL9115
•Low power consumption
• 20 Ld QFN package
• Pb-Free (RoHS compliant)
Applications
•Skew control for RGB video signals
• Generating programmable high-speed analog delays
FIGURE 1. ISL59920, ISL59921, ISL59922, ISL59923 BLOCK DIAGRAM
+
+
+
+
+
+
DELAY LINE
DELAY LINE
DELAY LINE
18
17
SENABLE
SCLOCK
SDATA
X2
19
3
10
8
9
RIN
GIN
BIN
CONTROL LOGIC
BOUT
GOUT
ROUT
512
14
20
11
13
15
2
4
6
CENABLE 7
C
[BOTTOM PLATE]
16
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2009, 2010, 2014, 2015. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
August 27, 2015
FN6826.4


Numéro de pièce similaire - ISL59921IR

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59921IR INTERSIL-ISL59921IR Datasheet
815Kb / 16P
   Triple Analog Video Delay Lines
logo
Renesas Technology Corp
ISL59921IR RENESAS-ISL59921IR Datasheet
1Mb / 18P
   Triple Analog Video Delay Lines
logo
Intersil Corporation
ISL59921IRZ INTERSIL-ISL59921IRZ Datasheet
724Kb / 15P
   Triple Analog Video Delay Lines
More results

Description similaire - ISL59921IR

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59920 INTERSIL-ISL59920 Datasheet
815Kb / 16P
   Triple Analog Video Delay Lines
ISL59920 INTERSIL-ISL59920_09 Datasheet
724Kb / 15P
   Triple Analog Video Delay Lines
logo
Renesas Technology Corp
ISL59920 RENESAS-ISL59920 Datasheet
1Mb / 18P
   Triple Analog Video Delay Lines
logo
Intersil Corporation
EL9115 INTERSIL-EL9115 Datasheet
581Kb / 9P
   Triple Analog Video Delay Line
EL9115 INTERSIL-EL9115_08 Datasheet
373Kb / 9P
   Triple Analog Video Delay Line
EL9115ILZ INTERSIL-EL9115ILZ Datasheet
446Kb / 10P
   Triple Analog Video Delay Line
January 12, 2012
EL9115 INTERSIL-EL9115_06 Datasheet
330Kb / 9P
   Triple Analog Video Delay Line
EL9115 INTERSIL-EL9115_09 Datasheet
388Kb / 9P
   Triple Analog Video Delay Line
logo
Renesas Technology Corp
EL9115 RENESAS-EL9115 Datasheet
651Kb / 10P
   Triple Analog Video Delay Line
logo
Faraday Technology
FNV180 FARADAY-FNV180 Datasheet
74Kb / 2P
   ADJUSTABLE VIDEO DELAY LINES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com