Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL59911IRZ-EVALZ Fiches technique(PDF) 8 Page - Intersil Corporation

No de pièce ISL59911IRZ-EVALZ
Description  250MHz Triple Differential Receiver/ Equalizer with I2C Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59911IRZ-EVALZ Fiches technique(HTML) 8 Page - Intersil Corporation

Back Button ISL59911IRZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL59911IRZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL59911IRZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL59911IRZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL59911IRZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL59911IRZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL59911IRZ-EVALZ Datasheet HTML 10Page - Intersil Corporation ISL59911IRZ-EVALZ Datasheet HTML 11Page - Intersil Corporation ISL59911IRZ-EVALZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ISL59911
8
FN7548.0
September 2, 2011
Register Listing
ADDRESS
REGISTER (DEFAULT VALUE)
BIT(S)
FUNCTION NAME
DESCRIPTION
0x00
Device ID (read only)
3:0
Device Revision
0 = initial silicon, 1 = first revision, etc.
7:4
Device ID
0x10 = ISL59911
0x01
General Configuration (0x02)
0
Output Configuration
0: HSYNC + VSYNC (like EL9111 and ISL59910)
1: VCM (like EL9112 and ISL59913)
1
Nominal Gain
0: 0dB (1V/V)
1: 6dB (2V/V)
2
Power Down
0: Normal Operation
1: Low power mode, all amplifiers turned off
0x02
High Adjust (0x00)
1:0
100MHz Stage 1
00b: Min boost
11b: Max boost
4:2
100MHz Stage 2
000b: Min boost
111b: Max boost
7:5
100MHz Stage 3
000b: Min boost
111b: Max boost
0x03
Mid Adjust (0x00)
3:0
6MHz
0000b: Min boost
1111b: Max boost
7:4
20MHz
0000b: Min boost
1111b: Max boost
0x04
Low Adjust (0x00)
3:0
200kHz
0000b: Min boost
1111b: Max boost
7:4
1MHz
0000b: Min boost
1111b: Max boost
0x05
Noise Filter Adjust (0x00)
3:0
Noise Filter
Adjusts -3dB frequency of noise filter at output
0x0: Max frequency
0xF: Min frequency
0x06
Red Channel Gain (0x40)
6:0
Red Gain
0x00: -6dB
0x40: 0dB
0x7F: +6dB
Note: Due to gain trim at production test, the minimum
guaranteed usable gain range is ±4dB.
0x07
Green Channel Gain (0x40)
6:0
Green Gain
0x00: -6dB
0x40: 0dB
0x7F: +6dB
Note: Due to gain trim at production test, the minimum
guaranteed usable gain range is ±4dB.
0x08
Blue Channel Gain (0x40)
6:0
Blue Gain
0x00: -6dB
0x40: 0dB
0x7F: +6dB
Note: Due to gain trim at production test, the minimum
guaranteed usable gain range is ±4dB.
0x09
Red Channel Manual Offset (0x00)
(Default is auto-calibrated)
6:0
Red Offset
0x00: -400mV Offset
0x7F: +400mV Offset
(Output Referred)
7
Manual Offset Control
(Red)
0: Offset is auto calibrated - value in bits 6:0 is ignored
1: Offset DAC set to value in bits 6:0
0x0A
Green Channel Manual Offset (0x00)
(Default is auto-calibrated)
6:0
Green Offset
0x00: -400mV Offset
0x7F: +400mV Offset
(Output Referred)
7
Manual Offset Control
(Green)
0: Offset is auto calibrated - value in bits 6:0 is ignored
1: Offset DAC set to value in bits 6:0


Numéro de pièce similaire - ISL59911IRZ-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59911IRZ-EVALZ INTERSIL-ISL59911IRZ-EVALZ Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
logo
Renesas Technology Corp
ISL59911IRZ-EVALZ RENESAS-ISL59911IRZ-EVALZ Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
More results

Description similaire - ISL59911IRZ-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59911 INTERSIL-ISL59911 Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
logo
Renesas Technology Corp
ISL59911 RENESAS-ISL59911 Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
logo
Intersil Corporation
ISL59910IRZ INTERSIL-ISL59910IRZ Datasheet
485Kb / 12P
   Triple Differential Receiver/Equalizer
December 15, 2006
logo
Renesas Technology Corp
ISL59910 RENESAS-ISL59910 Datasheet
819Kb / 12P
   Triple Differential Receiver/Equalizer
logo
Intersil Corporation
EL9111 INTERSIL-EL9111 Datasheet
800Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_06 Datasheet
573Kb / 13P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_07 Datasheet
576Kb / 13P
   Triple Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9111 RENESAS-EL9111 Datasheet
1Mb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
logo
Intersil Corporation
ISL59910 INTERSIL-ISL59910 Datasheet
481Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111IL INTERSIL-EL9111IL Datasheet
579Kb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com