Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SY100EL1003 Fiches technique(PDF) 2 Page - Micrel Semiconductor

No de pièce SY100EL1003
Description  LASER DIODE DRIVER WITH OUTPUT ENABLE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL1003 Fiches technique(HTML) 2 Page - Micrel Semiconductor

  SY100EL1003 Datasheet HTML 1Page - Micrel Semiconductor SY100EL1003 Datasheet HTML 2Page - Micrel Semiconductor SY100EL1003 Datasheet HTML 3Page - Micrel Semiconductor SY100EL1003 Datasheet HTML 4Page - Micrel Semiconductor SY100EL1003 Datasheet HTML 5Page - Micrel Semiconductor SY100EL1003 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
PRELIMINARY
SY100EL1003
Micrel
D
D
EN
OUT
OUT
LH
LH
L
H
LLL
H
XX
H
H
L
NOTE:
1. L = LOW, H = HIGH, X = don't care
Pin
Function
VCC, VCCO
Separate positive power supply pins help
to isolate sensitive circuitry from noise
generating function. +5V for PECL operation
or ground for ECL operation.
VEE
Most negative power supply input. Ground
for PECL operation or -5V for ECL operation.
VBB
This pin provides a reference voltage for use
in single ended applications or when the
input signal is AC coupled into the device.
D,D
These differential ECL/PECL 100K
compatible inputs receive NRZ data.
EN
This ECL/PECL 100K compatible input enables
Laser Driver - modulation current transitions to
zero when asserted HIGH.
OUT, OUT
Open collector outputs from the modulation
buffer drive these differential current outputs.
MC
An external voltage sets the main value of
modulation current IO.
RSET
An external resistor sets the source current
for modulation Imod.
NC
These pins are not connected.
Symbol
Rating
Value
Unit
VEE
Power Supply Voltage (VCC = 0V)
0 to -7.0
V
VI
Input Voltage (VCC = 0V)
0 to -6.0
V
IO
Output Current
75
mA
TA
Operating Temperature Range
–40 to +85
°°C
Ptot
Power Dissipation
500
mW
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to ABSOLUTE MAXIMUM RATlNG conditions for extended
periods may affect device reliability.
PIN NAMES
TRUTH TABLE(1)
Symbol
Rating
Value
Unit
VEE
Power Supply Voltage
–4.75 to -5.25
V
RSET
Resistor to Adjust Current
10 to 100
REXT
Resistor to Dissipate Power
10 to 50
RSER
Laser Diode Serial Resistor
0 to 50
OPERATIONING CONDITIONS(1)
NOTE:
1. The voltage drop across REXT and RSER should not be greater than 2V.


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
SY88822V LASER DIODE DRIVER WITH OUTPUT ENABLE 1  2  3  4  5  Micrel Semiconductor
SY88902 LASER DIODE DRIVER WTIH OUTPUT ENABLE 1  2  3  4  5  More Micrel Semiconductor
LMH6525 Four-hannel Laser Diode Driver with Dual Output 1  2  3  4  5  More National Semiconductor (TI)
LMH6533 Four - Channel Laser Diode Driver with Dual Output LVDS Interface and HFM Oscillator 1  2  3  4  5  More National Semiconductor (TI)
EL6291C Laser Diode Driver with Waveform Generator 1  2  Elantec Semiconductor
SY100EL1001 LASER DIODE DRIVER WITH INPUT D FLIP-FLOP 1  2  3  4  5  More Micrel Semiconductor
VSC7938 Laser Diode Driver with Automatic Power Control 1  2  3  4  5  More Vitesse Semiconductor Corporation
AD9662 3-Channel Laser Diode Driver with Oscillator 1  2  Analog Devices
EL6293 Laser Diode Driver with Waveform Generator 1  2  Intersil Corporation
EL6293C Laser Diode Driver with Waveform Generator 1  2  Elantec Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn