Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SY100EL1003 Fiches technique(PDF) 1 Page - Micrel Semiconductor

No de pièce SY100EL1003
Description  LASER DIODE DRIVER WITH OUTPUT ENABLE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL1003 Fiches technique(HTML) 1 Page - Micrel Semiconductor

  SY100EL1003 Datasheet HTML 1Page - Micrel Semiconductor SY100EL1003 Datasheet HTML 2Page - Micrel Semiconductor SY100EL1003 Datasheet HTML 3Page - Micrel Semiconductor SY100EL1003 Datasheet HTML 4Page - Micrel Semiconductor SY100EL1003 Datasheet HTML 5Page - Micrel Semiconductor SY100EL1003 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DESCRIPTION
s Up to 1.25Gbps operation
s 75mA peak drive current
s Separate modulation control
s Separate output enable for laser safety
s Differential inputs for data
s 75K
input pulldown resistor
s Single power supply
s Available in 16-pin SOIC package
The SY100EL1003 is a high speed current source for
driving a semiconductor laser diode in optical transmission
applications. The output current modulation is DC –
voltage controlled. The modulation current is disabled
when output enable is HIGH.
The device incorporates complementary open collector
outputs with a capability of driving peak current of 75mA.
The laser driver current is adjustable by selection of RSET.
The resistor REXT must be placed between OUT and
VCC to dissipate the worst case power. RSER is
recommended to fix laser diode matching issues.
The SY100EL1003 utilizes the high performance
bipolar ASSET technology.
FEATURES
LASER DIODE DRIVER
WITH OUTPUT ENABLE
PIN CONFIGURATION
PRELIMINARY
SY100EL1003
BLOCK DIAGRAM
Rev.: D
Amendment: /0
Issue Date: August, 1998
D
EN
VCC
REXT
OUT
OUT
VBB
RSET
VEE
RSER
to Laser Diode
MC
Modulation Control
D
Internal Logic
BIAS
Control
RSET
NC
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
EN
N/C
RSET
VCCO
D
D
NC
VCC
NC
MC
OUT
OUT
VBB
NC
VEE
Top View
SOIC
Z16-2
1


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
SY88822V LASER DIODE DRIVER WITH OUTPUT ENABLE 1  2  3  4  5  Micrel Semiconductor
SY88902 LASER DIODE DRIVER WTIH OUTPUT ENABLE 1  2  3  4  5  More Micrel Semiconductor
LMH6525 Four-hannel Laser Diode Driver with Dual Output 1  2  3  4  5  More National Semiconductor (TI)
LMH6533 Four - Channel Laser Diode Driver with Dual Output LVDS Interface and HFM Oscillator 1  2  3  4  5  More National Semiconductor (TI)
EL6291C Laser Diode Driver with Waveform Generator 1  2  Elantec Semiconductor
SY100EL1001 LASER DIODE DRIVER WITH INPUT D FLIP-FLOP 1  2  3  4  5  More Micrel Semiconductor
VSC7938 Laser Diode Driver with Automatic Power Control 1  2  3  4  5  More Vitesse Semiconductor Corporation
AD9662 3-Channel Laser Diode Driver with Oscillator 1  2  Analog Devices
EL6293 Laser Diode Driver with Waveform Generator 1  2  Intersil Corporation
EL6293C Laser Diode Driver with Waveform Generator 1  2  Elantec Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn