Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS1670A Fiches technique(PDF) 2 Page - Gennum Corporation

No de pièce GS1670A
Description  Ancillary data extraction
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENNUM [Gennum Corporation]
Site Internet  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1670A Fiches technique(HTML) 2 Page - Gennum Corporation

  GS1670A Datasheet HTML 1Page - Gennum Corporation GS1670A Datasheet HTML 2Page - Gennum Corporation GS1670A Datasheet HTML 3Page - Gennum Corporation GS1670A Datasheet HTML 4Page - Gennum Corporation GS1670A Datasheet HTML 5Page - Gennum Corporation GS1670A Datasheet HTML 6Page - Gennum Corporation GS1670A Datasheet HTML 7Page - Gennum Corporation GS1670A Datasheet HTML 8Page - Gennum Corporation GS1670A Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 130 page
background image
GS1670A HD/SD SDI Receiver
Data Sheet
54388 - 1
September 2012
2 of 130
Description
The GS1670A is a multi-rate SDI Receiver which includes
complete SMPTE processing, as per SMPTE 292 and SMPTE
259M-C. The SMPTE processing features can be bypassed to
support signals with other coding schemes.
The device features an Integrated Reclocker with an
internal VCO and a wide Input Jitter Tolerance (IJT) of 0.7UI.
A serial digital loop-through output is provided, which can
be configured to output either reclocked or non-reclocked
serial digital data. The serial digital output can be connected
to an external cable driver.
The device operates in one of four basic modes: SMPTE
mode, DVB-ASI mode, Data-Through mode or Standby
mode.
In SMPTE mode, the GS1670A performs SMPTE
de-scrambling and NRZI to NRZ decoding and word
alignment. Line-based CRC errors, line number errors, TRS
errors and ancillary data check sum errors can all be
detected. The GS1670A also provides ancillary data
extraction. The entire ancillary data packet is extracted,
and written to host-accessible registers. Other processing
functions include H:V:F timing extraction, Luma and
Chroma ancillary data indication, video standard detection,
and SMPTE 352M packet detection and decoding. All of the
processing features are optional, and may be enabled or
disabled via the Host Interface.
In DVB-ASI mode, 8b/10b decoding is applied to the
received data stream.
In Data-Through mode all forms of SMPTE and DVB-ASI
processing are disabled, and the device can be used as a
simple serial to parallel converter.
The device can also operate in a lower power Standby
mode. In this mode, no signal processing is carried out and
the parallel output is held static.
Parallel data outputs are provided in 20-bit or 10-bit
multiplexed format for HD and SD video rates. The
associated Parallel Clock input signal operates at 148.5 or
148.5/1.001MHz (HD 10-bit multiplexed modes), 74.25 or
74.25/1.001MHz (for HD 20-bit mode), 27MHz (for SD 10-bit
mode) and 13.5MHz (for SD 20-bit mode).
Up to eight channels, in two groups, of serial digital audio
may be extracted from the video data stream, in accordance
with SMPTE 272M and SMPTE 299M. The output signal
formats supported by the device include AES/EBU and
three other industry standard serial digital formats. 16, 20
and 24-bit audio formats are supported at 48kHz
synchronous for SD modes and 48kHz synchronous or
asynchronous in HD mode. Additional audio processing
features include group selection, channel swapping, ECC
error detection and correction (HD mode only), and audio
channel status extraction. Audio clock and control signals
provided by the device include Word Clock (fs), Serial Clock
(64fs), and Audio Master Clock at user-selectable rates of
128fs, 256fs or 512fs.
Application: Multi-format Digital VTR/Video Server
Storage:
Tape/HDD/Solid State
Audio
Processor
Video
Processor
20-bit
HV F/P CLK
Audio Outputs
V ideo Output
Audio Clocks
AUDIO 1/ 2
AUDIO 3/ 4
AUDIO 5/ 6
AUDIO 7/ 8
SD/HD-SDI
GS1670A
EQ
(GS1574A
or GS2984)


Numéro de pièce similaire - GS1670A

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
More results

Description similaire - GS1670A

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS2961A GENNUM-GS2961A Datasheet
7Mb / 104P
   Ancillary data extraction
GS1660A GENNUM-GS1660A Datasheet
6Mb / 83P
   Ancillary data extraction
GS1661A GENNUM-GS1661A Datasheet
6Mb / 85P
   Ancillary data extraction
GS2960A GENNUM-GS2960A Datasheet
7Mb / 99P
   Ancillary data extraction
logo
RF Monolithics, Inc
IC1000 RFM-IC1000 Datasheet
89Kb / 4P
   Data/Clock Extraction IC
logo
Mill-Max Mfg. Corp.
0295-0-15-01-06-27-10-0 MILL-MAX-0295-0-15-01-06-27-10-0 Datasheet
207Kb / 1P
   CONTACT DATA Insertion / Extraction Force Graphs
logo
National Semiconductor ...
CLC031A NSC-CLC031A Datasheet
375Kb / 31P
   SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs
LMH0031 NSC-LMH0031 Datasheet
770Kb / 31P
   SMPTE 292M/259M Digital Video Deserializer Descrambler with Video and Ancillary Data FIFOs
logo
Molex Electronics Ltd.
11-03-0001 MOLEX11-11-03-0001 Datasheet
25Kb / 1P
   Extraction Tool
11-03-0046 MOLEX11-11-03-0046 Datasheet
25Kb / 1P
   Extraction Tool
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com