Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU407 Fiches technique(PDF) 2 Page - Unisonic Technologies

No de pièce BU407
Description  NPN EXPITAXIAL PLANAR TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BU407 Fiches technique(HTML) 2 Page - Unisonic Technologies

  BU407_15 Datasheet HTML 1Page - Unisonic Technologies BU407_15 Datasheet HTML 2Page - Unisonic Technologies BU407_15 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BU407
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R203-020.B
ABSOLUTE MAXIMUM RATINGS (Ta=25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector Base Voltage
VCBO
330
V
Collector to Emitter Voltage
VCEO
150
V
Emitter to Base Voltage
VEBO
6
V
Collector Current
IC
7
A
Base Current
IB
4
A
Collector Dissipation (Ta =25°С)
PC
60
W
Junction Temperature
TJ
150
°С
Storage Temperature
TSTG
-55 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction to Ambient
θJA
70
°С/W
Junction to Case
θJC
2.08
°С/W
ELECTRICAL CHARACTERISTICS (Ta=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector Emitter Sustaining Voltage
BVCEO
IC =100 mA, IB = 0
150
V
Collector-Emitter Saturation Voltage
VCE(SAT)
1
V
Base-Emitter On Voltage
VBE(SAT)
IC = 5 A, IB = 0.5 A
1.2
V
Collect Cutoff Current’
ICES
VCE =400 V
5
mA
Emitter Cutoff Current
IEBO
VBE = 6 V, IC = 0
1
mA
hFE1
IC = 500 mA, VCE = 5 V
25
hFE2
IC = 2 A, VCE = 5 V
35
200
DC Current Gain
hFE3
IC = 5 A, VCE = 5 V
10
Current Gain Bandwidth Product
fT
IC= 500 mA, VCE = 10 V, f =1 MHz
10
MHZ
CLASSIFICATION OF hFE2
RANK
B
C
D
RANGE
35-85
75-125
115-200


Numéro de pièce similaire - BU407_15

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
BU407-X-TA3-T UTC-BU407-X-TA3-T Datasheet
140Kb / 3P
   NPN EXPITAXIAL PLANAR TRANSISTOR
logo
Rohm
BU4070B ROHM-BU4070B Datasheet
46Kb / 4P
   Quad exclusive OR gate
BU4070B ROHM-BU4070B Datasheet
250Kb / 6P
   Quadruple Exclusive OR gates
BU4070B ROHM-BU4070B Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4070B ROHM-BU4070B Datasheet
516Kb / 22P
   High Voltage CMOS Logic ICs
More results

Description similaire - BU407_15

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
TIP31C UTC-TIP31C_15 Datasheet
170Kb / 3P
   NPN EXPITAXIAL PLANAR TRANSISTOR
TIP31C UTC-TIP31C_09 Datasheet
176Kb / 3P
   NPN EXPITAXIAL PLANAR TRANSISTOR
BU407 UTC-BU407 Datasheet
52Kb / 2P
   NPN EXPITAXIAL PLANAR TRANSISTOR
TIP41C UTC-TIP41C Datasheet
131Kb / 2P
   NPN EXPITAXIAL PLANAR TRANSISTOR
TIP41C UTC-TIP41C_15 Datasheet
217Kb / 3P
   NPN EXPITAXIAL PLANAR TRANSISTOR
TIP41C UTC-TIP41C_15 Datasheet
220Kb / 3P
   NPN EXPITAXIAL PLANAR TRANSISTOR
BU407 UTC-BU407_09 Datasheet
140Kb / 3P
   NPN EXPITAXIAL PLANAR TRANSISTOR
TIP31C UTC-TIP31C Datasheet
56Kb / 2P
   NPN EXPITAXIAL PLANAR TRANSISTOR
TIP41C UTC-TIP41C_11 Datasheet
146Kb / 3P
   NPN EXPITAXIAL PLANAR TRANSISTOR
TIP32C UTC-TIP32C Datasheet
123Kb / 2P
   PNP EXPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com