Moteur de recherche de fiches techniques de composants électroniques |
|
BU406L-X-TA3-T Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
BU406L-X-TA3-T Fiches technique(HTML) 1 Page - Unisonic Technologies |
1 / 4 page UNISONIC TECHNOLOGIES CO., LTD BU406 NPN PLANAR TRANSISTOR www.unisonic.com.tw 1 of 4 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R203-021.F SILICON NPN SWITCHING TRANSISTOR DESCRIPTION The UTC BU406 is a NPN expitaxial planar transistor. It is a fast switching device for use in horizontal deflection output stages of large screens MTV receivers with 110°C CRT. ORDERING INFORMATION Order Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 BU406L-x-TA3-T BU406G-x-TA3-T TO-220 B C E Tube BU406L-x-TF1-T BU406G-x-TF1-T TO-220F1 B C E Tube BU406L-x-TF3-T BU406G-x-TF3-T TO-220F B C E Tube BU406L-x-T3P-T BU406G-x-T3P-T TO-3P B C E Tube BU406L-x-TQ2-T BU406G-x-TQ2-T TO-263 B C E Tube BU406L-x-TQ2-R BU406G-x-TQ2-R TO-263 B C E Tape Reel MARKING |
Numéro de pièce similaire - BU406L-X-TA3-T |
|
Description similaire - BU406L-X-TA3-T |