Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC546L-X-T92-B Fiches technique(PDF) 1 Page - Unisonic Technologies

No de pièce BC546L-X-T92-B
Description  SWITCHING AND AMPLIFIER APPLICATION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BC546L-X-T92-B Fiches technique(HTML) 1 Page - Unisonic Technologies

  BC546L-X-T92-B Datasheet HTML 1Page - Unisonic Technologies BC546L-X-T92-B Datasheet HTML 2Page - Unisonic Technologies BC546L-X-T92-B Datasheet HTML 3Page - Unisonic Technologies BC546L-X-T92-B Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BC546/547/548
NPN EPITAXIAL SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., LTD
QW-R201-037.D
SWITCHING AND AMPLIFIER
APPLICATIONS
FEATURES
* High Voltage: UTC BC546, VCEO=65V
UTC BC547
, VCEO=45V
UTC BC548
, VCEO=30V
TO-92
1
ORDERING INFORMATION
Order Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
BC546L-x-T92-B
BC546G-x-T92-B
TO-92
C
B
E
Tape Box
BC546L-x-T92-K
BC546G-x-T92-K
TO-92
C
B
E
Bulk
BC547L-x-T92-B
BC547G-x-T92-B
TO-92
C
B
E
Tape Box
BC547L-x-T92-K
BC547G-x-T92-K
TO-92
C
B
E
Bulk
BC548L-x-T92-B
BC548G-x-T92-B
TO-92
C
B
E
Tape Box
BC548L-x-T92-K
BC548G-x-T92-K
TO-92
C
B
E
Bulk
Note: Pin Assignment: C: Collector
B: Base
E: Emitter
BC546L-x-T92-B
(1)Packing Type
(2)Package Type
(3)Rank
(4)Halogen Free
(1) B: Tape Box, K: Bulk
(2) T92: TO-92
(3) x: refer to CLASSIFICATION OF hFE
(4) L: Lead Free, G: Halogen Free
MARKING
BC546
BC547
BC548


Numéro de pièce similaire - BC546L-X-T92-B

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BC546 MOTOROLA-BC546 Datasheet
193Kb / 6P
   Amplifier Transistors
logo
Fairchild Semiconductor
BC546 FAIRCHILD-BC546 Datasheet
141Kb / 6P
   NPN Epitaxial Silicon Transistor
logo
Weitron Technology
BC546 WEITRON-BC546 Datasheet
1Mb / 5P
   NPN General Purpose Transistor
logo
GUANGDONG HOTTECH INDUS...
BC546 HOTTECH-BC546 Datasheet
411Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
KEC(Korea Electronics)
BC546 KEC-BC546 Datasheet
281Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

Description similaire - BC546L-X-T92-B

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
BC846 UTC-BC846 Datasheet
54Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC848 UTC-BC848_15 Datasheet
215Kb / 5P
   SWITCHING AND AMPLIFIER APPLICATION
BC327 UTC-BC327_15 Datasheet
208Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC328 UTC-BC328_15 Datasheet
208Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC558 UTC-BC558_15 Datasheet
396Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC846 UTC-BC846_11 Datasheet
253Kb / 5P
   SWITCHING AND AMPLIFIER APPLICATION
BC858 UTC-BC858_15 Datasheet
120Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC338 UTC-BC338_15 Datasheet
177Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATION
BC337 UTC-BC337_15 Datasheet
177Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATION
BC808 UTC-BC808_15 Datasheet
197Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com