Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9015G-X-T92-K Fiches technique(PDF) 3 Page - Unisonic Technologies

No de pièce 9015G-X-T92-K
Description  PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9015G-X-T92-K Fiches technique(HTML) 3 Page - Unisonic Technologies

  9015G-X-T92-K Datasheet HTML 1Page - Unisonic Technologies 9015G-X-T92-K Datasheet HTML 2Page - Unisonic Technologies 9015G-X-T92-K Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
9015
PNP EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 2
www.unisonic.com.tw
QW-R201-032.D
TYPICAL CHARACTERICS
-10
-1
10
100
Collector Current, -IC (mA)
DC Current Gain
VCE=-5V
1000
-10
1
-0.01
-0.1
Collector Current, -IC (mA)
Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
-1
-10
IC=10IB
VBE(SAT)
VCE(SAT)
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Numéro de pièce similaire - 9015G-X-T92-K

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
9015G-x-T92-K UTC-9015G-x-T92-K Datasheet
74Kb / 2P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
More results

Description similaire - 9015G-X-T92-K

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
9014 UTC-9014_2 Datasheet
107Kb / 2P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
List of Unclassifed Man...
2SC9014 ETC-2SC9014 Datasheet
75Kb / 2P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
ARTSCHIP ELECTRONICS CO...
MMBT9014 ARTSCHIP-MMBT9014 Datasheet
965Kb / 4P
   PRE-AMPLIFIER, LOW LEVEL, LOW NOISE
logo
Fairchild Semiconductor
SS9014 FAIRCHILD-SS9014 Datasheet
38Kb / 4P
   Pre-Amplifier, Low Level & Low Noise
logo
Unisonic Technologies
9015 UTC-9015 Datasheet
78Kb / 2P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
MMBT9015 UTC-MMBT9015_11 Datasheet
100Kb / 2P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
MMBT9014 UTC-MMBT9014_11 Datasheet
130Kb / 3P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
9015_1106 UTC-9015_1106 Datasheet
74Kb / 2P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
SeCoS Halbleitertechnol...
S9014 SECOS-S9014_15 Datasheet
259Kb / 2P
   Pre-Amplifier, Low Level & Low Noise
logo
Unisonic Technologies
MMBT9015 UTC-MMBT9015_15 Datasheet
116Kb / 3P
   PRE-AMPLIFIER, LOW LEVEL & LOW NOISE
logo
SeCoS Halbleitertechnol...
S9014T SECOS-S9014T Datasheet
136Kb / 2P
   Pre-Amplifier, Low Level & Low Noise
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com